Part Number Hot Search : 
71256 KRC839E 2741G2 R101G A2712 22MB5 3223C 2SD1169
Product Description
Full Text Search
 

To Download PTB23003X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DISCRETE SEMICONDUCTORS
DATA SHEET
handbook, halfpage
M3D031
PTB23003X NPN microwave power transistor
Product specification Supersedes data of 1997 Feb 19 1997 Nov 13
Philips Semiconductors
Product specification
NPN microwave power transistor
FEATURES * Diffused emitter ballasting resistors providing excellent current sharing and withstanding a high VSWR * Interdigitated structure provides high emitter efficiency * Multicell geometry gives good balance of dissipated power and low thermal resistance * Localized thick oxide auto-alignment process and gold sandwich metallization ensure an optimum temperature profile and excellent performance and reliability. APPLICATIONS Common-base, class B power amplifiers up to 4.2 GHz.
3
PTB23003X
PINNING - SOT440A PIN 1 2 3 collector emitter base; connected to flange DESCRIPTION
olumns
1 c
b
e
MAM131
DESCRIPTION
Top view
2
NPN silicon planar epitaxial microwave power transistor in a metal ceramic SOT440A flange package with base connected to the flange.
Marking code: 2303X.
Fig.1 Simplified outline and symbol.
QUICK REFERENCE DATA Microwave performance up to Tmb = 25 C in a common-base class B circuit. MODE OF OPERATION CW f (GHz) 2 VCC (V) 24 PL (W) 3 WARNING Product and environmental safety - toxic materials This product contains beryllium oxide. The product is entirely safe provided that the BeO slab is not damaged. All persons who handle, use or dispose of this product should be aware of its nature and of the necessary safety precautions. After use, dispose of as chemical or special waste according to the regulations applying at the location of the user. It must never be thrown out with the general or domestic waste. Gpo (dB) 8.75 C (%) 45 Zi () 2.5 + j14 ZL () 8 + j6
1997 Nov 13
2
Philips Semiconductors
Product specification
NPN microwave power transistor
LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 134). SYMBOL VCBO VCEO VCES IC Ptot Tstg Tj Tsld Note 1. Up to 0.3 mm from ceramic. PARAMETER collector-base voltage collector-emitter voltage collector-emitter voltage collector current (DC) total power dissipation storage temperature operating junction temperature soldering temperature t 10 s; note 1 Tmb = 75 C; f > 1 MHz CONDITIONS open emitter open base RBE = 0 - - - - - -65 - - MIN.
PTB23003X
MAX. 40 15 40 0.5 7.6 +200 200 235 V V V A
UNIT
W C C C
handbook, halfpage
10
MLC092
Ptot (W)
5
0 50 0 50 100 150 200 Tmb (oC)
f > 1 MHz.
Fig.2
Power derating curve.
1997 Nov 13
3
Philips Semiconductors
Product specification
NPN microwave power transistor
THERMAL CHARACTERISTICS SYMBOL Rth j-mb Rth mb-h Note 1. See "Mounting recommendations in the General part of handbook SC19a". CHARACTERISTICS Tmb = 25 C unless otherwise specified. SYMBOL V(BR)CBO V(BR)CES ICBO IEBO Ccb Cce PARAMETER collector-base breakdown voltage collector cut-off current emitter cut-off current collector-base capacitance collector-emitter capacitance CONDITIONS IC = 2 mA; IE = 0 VCE = 24 V; IE = 0 VEB = 1.5 V; IC = 0 IE = IC = 0; VCB = 24 V; VEB = 1.5 V; f = 1 MHz IE = IC = 0; VCB = 24 V; VEB = 1.5 V; f = 1 MHz MIN. 40 40 - - - - PARAMETER thermal resistance from junction to mounting base thermal resistance from mounting base to heatsink CONDITIONS Tj = 75 C Tj = 75 C; note 1
PTB23003X
MAX. 12 0.7
UNIT K/W K/W
TYP. - - - - 3 0.6
MAX. - - 20 0.4 - -
UNIT V V A A pF pF
collector-emitter breakdown voltage IC = 10 mA; RBE = 0
1997 Nov 13
4
Philips Semiconductors
Product specification
NPN microwave power transistor
APPLICATION INFORMATION Microwave performance in a common-base class B selective amplifier circuit; see note 1. MODE OF OPERATION Class B (CW) Note f (GHz) 2 VCC (V) 24 PL (W) >3; typ. 4 Gpo (dB)
PTB23003X
C (%) >45; typ. 50
>8.75; typ. 10
1. Circuit consists of prematching circuit board in combination with complementary input and output slug tuners.
handbook, full pagewidth
3.6 input 3.6
,,,,,,, ,,,,,,,,,,,,,,,, ,,,,,,, ,, ,,,,,,,,,,,,,,, ,,, , ,,,,,,,,,, ,,,,,,,,,,, , ,,,,,,,
3.2 2.5 3.5 3.5 15 3.2 2 0.4 0.5 7.8 2 8 3 3.2 100 pF ATC 1.5 5 12.7 12 7.3 3 3.2 6 4 5 30 30
MSA103
output
Dimensions in mm. Thickness: 0.8 mm. Permittivity: r = 2.55. Substrate: circuits on a double copper clad printed-circuit board Teflon fibreglass dielectric.
Fig.3 Prematching test circuit board.
1997 Nov 13
5
Philips Semiconductors
Product specification
NPN microwave power transistor
PACKAGE OUTLINE Flanged hermetic ceramic package; 2 mounting holes; 2 leads
PTB23003X
SOT440A
D
A F
3
U1 q b1 w2 M C C
B
c
1
H
U2
E
A
p
w1 M A B
2
b w2 M C Q
0
5 scale
10 mm
DIMENSIONS (millimetre dimensions are derived from the original inch dimensions) UNIT mm A 4.25 3.27 b 2.16 1.90 b1 1.15 0.88 c 0.16 0.07 D 5.85 5.58 E 5.31 5.00 F 1.66 1.39 H 15.75 14.73 p 3.18 2.92 Q 3.48 2.92 q 14.22 U1 20.45 20.19 U2 5.21 4.95 w1 0.51 w2 1.02
OUTLINE VERSION SOT440A
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 97-05-23
1997 Nov 13
6
Philips Semiconductors
Product specification
NPN microwave power transistor
DEFINITIONS Data sheet status Objective specification Preliminary specification Product specification Limiting values
PTB23003X
This data sheet contains target or goal specifications for product development. This data sheet contains preliminary data; supplementary data may be published later. This data sheet contains final product specifications.
Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. LIFE SUPPORT APPLICATIONS These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
1997 Nov 13
7
Philips Semiconductors - a worldwide company
Argentina: see South America Australia: 34 Waterloo Road, NORTH RYDE, NSW 2113, Tel. +61 2 9805 4455, Fax. +61 2 9805 4466 Austria: Computerstr. 6, A-1101 WIEN, P.O. Box 213, Tel. +43 160 1010, Fax. +43 160 101 1210 Belarus: Hotel Minsk Business Center, Bld. 3, r. 1211, Volodarski Str. 6, 220050 MINSK, Tel. +375 172 200 733, Fax. +375 172 200 773 Belgium: see The Netherlands Brazil: see South America Bulgaria: Philips Bulgaria Ltd., Energoproject, 15th floor, 51 James Bourchier Blvd., 1407 SOFIA, Tel. +359 2 689 211, Fax. +359 2 689 102 Canada: PHILIPS SEMICONDUCTORS/COMPONENTS, Tel. +1 800 234 7381 China/Hong Kong: 501 Hong Kong Industrial Technology Centre, 72 Tat Chee Avenue, Kowloon Tong, HONG KONG, Tel. +852 2319 7888, Fax. +852 2319 7700 Colombia: see South America Czech Republic: see Austria Denmark: Prags Boulevard 80, PB 1919, DK-2300 COPENHAGEN S, Tel. +45 32 88 2636, Fax. +45 31 57 0044 Finland: Sinikalliontie 3, FIN-02630 ESPOO, Tel. +358 9 615800, Fax. +358 9 61580920 France: 4 Rue du Port-aux-Vins, BP317, 92156 SURESNES Cedex, Tel. +33 1 40 99 6161, Fax. +33 1 40 99 6427 Germany: Hammerbrookstrae 69, D-20097 HAMBURG, Tel. +49 40 23 53 60, Fax. +49 40 23 536 300 Greece: No. 15, 25th March Street, GR 17778 TAVROS/ATHENS, Tel. +30 1 4894 339/239, Fax. +30 1 4814 240 Hungary: see Austria India: Philips INDIA Ltd, Band Box Building, 2nd floor, 254-D, Dr. Annie Besant Road, Worli, MUMBAI 400 025, Tel. +91 22 493 8541, Fax. +91 22 493 0966 Indonesia: see Singapore Ireland: Newstead, Clonskeagh, DUBLIN 14, Tel. +353 1 7640 000, Fax. +353 1 7640 200 Israel: RAPAC Electronics, 7 Kehilat Saloniki St, PO Box 18053, TEL AVIV 61180, Tel. +972 3 645 0444, Fax. +972 3 649 1007 Italy: PHILIPS SEMICONDUCTORS, Piazza IV Novembre 3, 20124 MILANO, Tel. +39 2 6752 2531, Fax. +39 2 6752 2557 Japan: Philips Bldg 13-37, Kohnan 2-chome, Minato-ku, TOKYO 108, Tel. +81 3 3740 5130, Fax. +81 3 3740 5077 Korea: Philips House, 260-199 Itaewon-dong, Yongsan-ku, SEOUL, Tel. +82 2 709 1412, Fax. +82 2 709 1415 Malaysia: No. 76 Jalan Universiti, 46200 PETALING JAYA, SELANGOR, Tel. +60 3 750 5214, Fax. +60 3 757 4880 Mexico: 5900 Gateway East, Suite 200, EL PASO, TEXAS 79905, Tel. +9-5 800 234 7381 Middle East: see Italy Netherlands: Postbus 90050, 5600 PB EINDHOVEN, Bldg. VB, Tel. +31 40 27 82785, Fax. +31 40 27 88399 New Zealand: 2 Wagener Place, C.P.O. Box 1041, AUCKLAND, Tel. +64 9 849 4160, Fax. +64 9 849 7811 Norway: Box 1, Manglerud 0612, OSLO, Tel. +47 22 74 8000, Fax. +47 22 74 8341 Philippines: Philips Semiconductors Philippines Inc., 106 Valero St. Salcedo Village, P.O. Box 2108 MCC, MAKATI, Metro MANILA, Tel. +63 2 816 6380, Fax. +63 2 817 3474 Poland: Ul. Lukiska 10, PL 04-123 WARSZAWA, Tel. +48 22 612 2831, Fax. +48 22 612 2327 Portugal: see Spain Romania: see Italy Russia: Philips Russia, Ul. Usatcheva 35A, 119048 MOSCOW, Tel. +7 095 755 6918, Fax. +7 095 755 6919 Singapore: Lorong 1, Toa Payoh, SINGAPORE 1231, Tel. +65 350 2538, Fax. +65 251 6500 Slovakia: see Austria Slovenia: see Italy South Africa: S.A. PHILIPS Pty Ltd., 195-215 Main Road Martindale, 2092 JOHANNESBURG, P.O. Box 7430 Johannesburg 2000, Tel. +27 11 470 5911, Fax. +27 11 470 5494 South America: Rua do Rocio 220, 5th floor, Suite 51, 04552-903 Sao Paulo, SAO PAULO - SP, Brazil, Tel. +55 11 821 2333, Fax. +55 11 829 1849 Spain: Balmes 22, 08007 BARCELONA, Tel. +34 3 301 6312, Fax. +34 3 301 4107 Sweden: Kottbygatan 7, Akalla, S-16485 STOCKHOLM, Tel. +46 8 632 2000, Fax. +46 8 632 2745 Switzerland: Allmendstrasse 140, CH-8027 ZURICH, Tel. +41 1 488 2686, Fax. +41 1 481 7730 Taiwan: Philips Semiconductors, 6F, No. 96, Chien Kuo N. Rd., Sec. 1, TAIPEI, Taiwan Tel. +886 2 2134 2865, Fax. +886 2 2134 2874 Thailand: PHILIPS ELECTRONICS (THAILAND) Ltd., 209/2 Sanpavuth-Bangna Road Prakanong, BANGKOK 10260, Tel. +66 2 745 4090, Fax. +66 2 398 0793 Turkey: Talatpasa Cad. No. 5, 80640 GULTEPE/ISTANBUL, Tel. +90 212 279 2770, Fax. +90 212 282 6707 Ukraine: PHILIPS UKRAINE, 4 Patrice Lumumba str., Building B, Floor 7, 252042 KIEV, Tel. +380 44 264 2776, Fax. +380 44 268 0461 United Kingdom: Philips Semiconductors Ltd., 276 Bath Road, Hayes, MIDDLESEX UB3 5BX, Tel. +44 181 730 5000, Fax. +44 181 754 8421 United States: 811 East Arques Avenue, SUNNYVALE, CA 94088-3409, Tel. +1 800 234 7381 Uruguay: see South America Vietnam: see Singapore Yugoslavia: PHILIPS, Trg N. Pasica 5/v, 11000 BEOGRAD, Tel. +381 11 625 344, Fax.+381 11 635 777
For all other countries apply to: Philips Semiconductors, Marketing & Sales Communications, Building BE-p, P.O. Box 218, 5600 MD EINDHOVEN, The Netherlands, Fax. +31 40 27 24825 (c) Philips Electronics N.V. 1997
Internet: http://www.semiconductors.philips.com
SCA55
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights.
Printed in The Netherlands
127147/00/03/pp8
Date of release: 1997 Nov 13
Document order number:
9397 750 03056


▲Up To Search▲   

 
Price & Availability of PTB23003X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X