Part Number Hot Search : 
IRF823 2C2907A 10N60 M2122PEW 2N3945 W005M 1N4007GP TSM2405S
Product Description
Full Text Search
 

To Download PT308AC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
FEATURES
* Isolated Base * 3 Phase Bridge Circuit * High Surge Capability * UL Recognized, File No. E187184
30A/800V
PT308AC
OUTLINE DRAWING
TYPICAL APPLICATIONS
* Rectified For General Use
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage *1 Non Repetitive Peak Reverse Voltage *1
Approx Net Weight:30g Symbol VRRM VRSM
Type / Grade
PT308AC 800 900
Unit
V
Max Rated Value
Parameter
Average Rectified Output Current Surge Forward Current *1 I Squared t *1 Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals IO(AV) IFSM I2t Tjw Tstg Viso Ftor
Conditions
3-Phase Full Wave Rectified Tc=92C 50 Hz Half Sine Wave,1Pulse Non-repetitive 2msec to 10msec
Unit
A A A2s C C V N*m
30 300
450 -40 to +150 -40 to +125 Base Plate to Terminals, AC1min 2000 Greased M3 Screw 0.6 to 0.8
Electrical * Thermal Characteristics
Characteristics
Peak Reverse Current *1 Peak Forward Voltage *1 Thermal Resistance *1: Value Per 1Arm Symbol Test Conditions Max. Unit 10 1.05 0.92 0.2 A V C/W IRM VRM= VRRM, Tj= 25C VFM IFM= 10A, Tj=25C Rth(j-c) Junction to Case (Total) Base Plate to Heat Sink with Thermal Rth(c-f) Compound
PT308AC OUTLINE DRAWING (Dimensions in mm)


▲Up To Search▲   

 
Price & Availability of PT308AC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X