Part Number Hot Search : 
1233G0 LC02VS8 MUR160 SDT96306 309UA250 TLS346S 170M4058 P76A6115
Product Description
Full Text Search
 

To Download PT202B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DPT-020-018 REV : PAGE : 1.2 1/7
3mm Phototransistor,T-1
MODEL NO : Features :
Fast response time High photo sensitivity
PT202B
Description :
PT202B is a high speed and high sensitive NPN silicon phototransistor molded in a standard 3 mm package . The package is an IR filter, spectrally match to IR emitter.
Applications :
Optoelectronic switch VCRs ,Video camera Floppy disk drive Infrared applied system
CHIP PART NO. PT MATERIAL Silicon LENS COLOR Black
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DPT-020-018 REV : PAGE : 1.2 2/7
3mm Phototransistor,T-1
MODEL NO : PT202B
Package Dimensions :
Notes :
1.All dimensions are in millimeter. 2.Protruded resin under flange 1.5 mm Max. 3.Lead spacing is measured where the lead emerge from the package. 4.Lens colorBlack. 5.Above specification may be changed without notice. EVERLIGHT will reserve authority on material change for above specification. 6.These specification sheets include materials protected under copyright of EVERLIGHT corporation . Please don't reproduce or cause anyone to reproduce them without EVERLIGHT's consent. 7.When using this product , please observe the absolute maximum ratings and the instructions for use outlined in these specification sheets. EVERLIGHT assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in these specification sheets.
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DPT-020-018 REV : PAGE : 1.2 3/7
3mm Phototransistor,T-1
MODEL NO : PT202B
Absolute Maximum Ratings at Ta = 25 Parameter Symbol Rating Collector-Emitter Voltage Emitter-Collector- Voltage Collector Current Operating Temperature Storage Temperature Soldering Temperature Power Dissipation at(or below) 25Free Air Temperature VCEO VECO IC Topr Tstg Tsol Pc 30 5 20 -25 ~ +85 -40 ~ +85 260 75
Unit V V mA
Notice
4mm from mold body less than 5 seconds
Electronic Optical Characteristics : Parameter Symbol Min. Collector-Emitter Breakdown Voltage Emitter-Collector Breakdown Voltage Collector-Emitter Saturation Voltage Rise Time Fall Time Collector Dark Current On State Collector Current Wavelength of Peak Sensitivity Rang of Spectral Bandwidth BVCEO BVECO VCE(sat) tr tf ICEO IC(on) p 0.5 30
Typ. ----
Max. ----
Unit V
Condition IC=100A Ee=0mW/cm2 IE=100A Ee=0mW/cm2 IC=2mA Ee=1mW/cm2 VCE=5V IC=1mA RL=1000 VCE=20V Ee=0mW/cm2 VCE=5V Ee=1mW/cm2 -------
5
----
----
V
----
----
0.4
V
---------0.7 -------
15 15 ---2.0 980
840---1200
------100 ---------S nA mA nm nm
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DPT-020-018 REV : PAGE : 1.2 4/7
3mm Phototransistor,T-1
MODEL NO : PT202B
Typical Electrical/Optical/Characteristics Curves
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DPT-020-018 REV : PAGE : 1.2 5/7
3mm Phototransistor,T-1
MODEL NO : PT202B
Reliability Test Item And Condition The reliability of products shall be satisfied with items listed below. Confidence level:90% LTPD:10% NO. Item Test Conditions Test Sample Failure Ac/Re Hours/ Size Judgement Cycles Criteria 1 Solder Heat TEMP : 260 5 5 secs 22 pcs Ic(on)
L 0.8 50 cycles
5 mins
0/1
H : +85
30 mins
2
Temperature Cycle
22 pcs
L :Lower specification limit
0/1
L : -55
30 mins
H : +100
5 mins
3
Thermal Shock 10 secs
L : -10 5 mins
50 cycles
22 pcs
0/1
4 5 6 7
High Temperature TEMP. : +100 Storage Low Temperature TEMP. : -55 Storage DC Operating Life VCE=5V High Temperature / 85 / 85% R.H. High Humidity
1000 hrs 1000 hrs 1000 hrs 1000 hrs
22 pcs 22 pcs 22 pcs 22 pcs
0/1 0/1 0/1 0/1
EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DPT-020-018 REV : PAGE : 1.2 6/7
3mm Phototransistor,T-1
MODEL NO : PT202B
Test Method For On State Collector Current :
Condition : Ee=1mW/cm2 , VCE=5V Test Item : Collector Current [IC(on)] Unit : mA



EVERLIGHT ELECTRONICS CO., LTD.
DEVICE NUMBER : ECN : DPT-020-018 REV : PAGE : 1.2 7/7
3mm Phototransistor,T-1
MODEL NO : PT202B
Packing Specifications








CPN : Customer's Production Number P/N : Production Number QTY : Packing Quantity CAT : Ranks HUE : Peak Wavelength REF : Reference LOT NO : Lot Number MADE IN TAIWAN : Production place
Packing Quantity Specification
1. 1000 Pcs/1Bag 8 Bags/1Box 2. 10 Boxes/1Carton PT202B


▲Up To Search▲   

 
Price & Availability of PT202B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X