Part Number Hot Search : 
47LM625S CT3805 VTC5765C DTC123Y DDU75F 2SD1528 S1616 CY7C455
Product Description
Full Text Search
 

To Download PSMN005-75P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
Rev. 01 -- 26 April 2002 Product data
1. Description
N-channel logic level field-effect power transistor in a plastic package using TrenchMOSTM technology. Product availability: PSMN005-75P in SOT78 (TO-220AB) PSMN005-75B in SOT404 (D2-PAK).
2. Features
s Low on-state resistance s Fast switching.
3. Applications
s High frequency computer motherboard DC to DC converters s OR-ing applications.
4. Pinning information
Table 1: Pin 1 2 3 mb Pinning - SOT78 and SOT404, simplified outline and symbol Description gate (g) drain (d) source (s) drain (d)
g
2 1
MBK106
Simplified outline
[1]
mb mb
Symbol
d
MBB076
s
3
MBK116
123
SOT78 (TO-220AB)
[1]
SOT404 (D2-PAK)
It is not possible to make connection to pin 2 of the SOT404 package.
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
5. Quick reference data
Table 2: VDS ID Ptot Tj RDSon Quick reference data Conditions 25 C Tj 175 C Tmb = 25 C; VGS = 10 V Tmb = 25 C VGS = 10 V; ID = 25 A; Tj = 25 C Typ 4.3 Max 75 75 230 175 5.0 Unit V A W C m drain-source voltage (DC) drain current (DC) total power dissipation junction temperature drain-source on-state resistance Symbol Parameter
6. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VDGR VGS VGSM ID IDM Ptot Tstg Tj IS ISM drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage (DC) gate-source voltage drain current (DC) peak drain current total power dissipation storage temperature junction temperature source (diode forward) current (DC) Tmb = 25 C peak source (diode forward) current Tmb = 25 C; pulsed; tp 10 s unclamped inductive load; ID = 75 A; tp = 0.1 ms; VDD = 15 V; RGS = 50 ; VGS = 10 V; starting Tj = 25 C unclamped inductive load; VDD = 15 V; RGS = 50 ; VGS = 10 V; starting Tj = 25 C tp 50 s; pulsed; duty cycle 25%; Tj 150 C Tmb = 25 C; VGS = 10 V; Figure 2 and 3 Tmb = 100 C; VGS = 10 V; Figure 2 Tmb = 25 C; pulsed; tp 10 s; Figure 3 Tmb = 25 C; Figure 1 Conditions 25 C Tj 175 C 25 C Tj 175 C; RGS = 20 k Min -55 -55 Max 75 75 20 30 75 75 400 230 +175 +175 75 400 500 Unit V V V V A A A W C C A A mJ
Source-drain diode
Avalanche ruggedness EDS(AL)S non-repetitive avalanche energy
IDS(AL)S
non-repetitive avalanche current
-
75
A
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
2 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
120 Pder (%) 80
03aa16
120 Ider (%) 100
03ah89
80
60
40
40
20
0 0 50 100 150 200 Tmb (C)
0 0 30 60 90 120 150 180 Tmb (C)
P tot P der = ---------------------- x 100% P
tot ( 25 C )
ID I der = ------------------- x 100% I
D ( 25 C )
Fig 1. Normalized total power dissipation as a function of mounting base temperature.
Fig 2. Normalized continuous drain current as a function of mounting base temperature.
103 ID (A) Limit RDSon = VDS/ID
03ah91
tp = 10 s 102 100 s
DC 10
1 ms
10 ms 100 ms
1 1 10 VDS (V) 102
Tmb = 25 C; IDM is single pulse.
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
3 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
7. Thermal characteristics
Table 4: Rth(j-mb) Rth(j-a) Thermal characteristics Conditions Min Typ Max Unit 60 50 0.65 K/W K/W K/W thermal resistance from junction to mounting base Figure 4 thermal resistance from junction to ambient SOT78 SOT404 vertical in still air mounted on a printed circuit board; minimum footprint Symbol Parameter
7.1 Transient thermal impedance
1 Zth(j-mb) (K/W) = 0.5
03af48
10-1
0.2 0.1 0.05 0.02
10-2 single pulse
P
=
tp T
tp T
t
10-3 10-6 10-5 10-4 10-3 10-2 10-1 1 tp (s) 10
Fig 4. Transient thermal impedance from junction to mounting base as a function of pulse duration.
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
4 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
8. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol Parameter Static characteristics V(BR)DSS drain-source breakdown voltage ID = 0.25 mA; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) gate-source threshold voltage ID = 1 mA; VDS = VGS; Figure 9 Tj = 25 C Tj = 175 C Tj = -55 C IDSS drain-source leakage current VDS = 75 V; VGS = 0 V Tj = 25 C Tj = 175 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 20 V; VDS = 0 V VGS = 10V; ID = 25 A; Figure 7 and 8 Tj = 25 C Tj = 175 C Dynamic characteristics Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VSD total gate charge gate-source charge gate-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain (diode forward) voltage IS = 25 A; VGS = 0 V; Figure 12 VDD = 15 V; ID = 12 A; VGS = 10 V; RG = 6 ; resistive load VGS = 0 V; VDS = 25 V; f = 1 MHz; Figure 11 ID = 75 A; VDD = 60 V; VGS = 10 V; Figure 13 165 32 50 8250 920 470 37 73 144 74 0.8 1.2 nC nC nC pF pF pF ns ns ns ns V 4.3 9.25 5.0 10.75 m m 0.02 10 1 500 100 A A nA 2 1 3 4 4.4 V V V 75 67 V V Conditions Min Typ Max Unit
Source-drain diode
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
5 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
300 ID (A) Tj = 25 C 8V 10 V 200 20 V 7.5 V 7V
03ah92
100 ID (A) 80
03ah94
VDS > ID x RDSon
6.5 V 6V
60 Tj = 175 C
5.5 V
40 25 C
100 5V
20
VGS = 4.5 V 0 0 0.5 1 1.5 V 2 DS (V)
0 0 1 2 3 4 5 6 VGS (V)
Tj = 25 C
Tj = 25 C and 175 C; VDS > ID x RDSon
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values.
Fig 6. Transfer characteristics: drain current as a function of gate-source voltage; typical values.
0.015 RDSon () 6V 5V 5.5 V
03ah93
2.5 a
03aj03
Tj = 25 C 2
0.01
1.5
6.5 V 1 0.005 0.5 VGS = 20 V 0 0 100 200 ID (A) 300 10 V 8V 7V 0 -60 0 60 120 180 Tj (C)
Tj = 25 C
R DSon a = ---------------------------R DSon ( 25 C ) Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature.
Fig 7. Drain-source on-state resistance as a function of drain current; typical values.
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
6 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
03aa32
5 VGS(th) (V) 4
10-1 ID (A)
03aa35
max
10-2
3
typ
10-3
min
typ
max
2
min
10-4
1
10-5
0 -60 0 60 120 Tj ( C)
o
10-6 180 0 2 4 VGS (V) 6
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = 5 V
Fig 9. Gate-source threshold voltage as a function of junction temperature.
Fig 10. Sub-threshold drain current as a function of gate-source voltage.
105 C (pF) 104
03ah97
Ciss
103 Coss Crss 102 10-1 1 10 VDS (V) 102
VGS = 0 V; f = 1 MHz
Fig 11. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
7 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
100 IS (A) 80
03ah96
12 VGS (V) 10 VDD = 60 V ID = 75 A
03ah98
VGS = 0 V
175 C 60
8 Tj = 25 C 6 Tj = 25 C 4
40
20
2
0 0.0 0.5 1.0 VSD (V) 1.5
0 0 50 100 150 200 QG (nC)
Tj = 25 C and 175 C; VGS = 0 V
ID = 75 A; VDD = 60 V
Fig 12. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
Fig 13. Gate-source voltage as a function of gate charge; typical values.
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
8 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
9. Package outline
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB SOT78
E p
A A1 q
D1
mounting base
D
L1(1)
L2 Q
L
b1
1
2
3
b c
e
e
0
5 scale
10 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.5 4.1 A1 1.39 1.27 b 0.9 0.7 b1 1.3 1.0 c 0.7 0.4 D 15.8 15.2 D1 6.4 5.9 E 10.3 9.7 e 2.54 L 15.0 13.5 L1(1) 3.30 2.79 L2 max. 3.0 p 3.8 3.6 q 3.0 2.7 Q 2.6 2.2
Note 1. Terminals in this zone are not tinned. OUTLINE VERSION SOT78 REFERENCES IEC JEDEC 3-lead TO-220AB EIAJ SC-46 EUROPEAN PROJECTION ISSUE DATE 00-09-07 01-02-16
Fig 14. SOT78 (TO-220AB).
9397 750 09743 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
9 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
Plastic single-ended surface mounted package (Philips version of D2-PAK); 3 leads (one lead cropped)
SOT404
A E A1 mounting base
D1
D
HD
2
Lp
1
3
b c Q
e
e
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 4.50 4.10 A1 1.40 1.27 b 0.85 0.60 c 0.64 0.46 D max. 11 D1 1.60 1.20 E 10.30 9.70 e 2.54 Lp 2.90 2.10 HD 15.80 14.80 Q 2.60 2.20
OUTLINE VERSION SOT404
REFERENCES IEC JEDEC EIAJ
EUROPEAN PROJECTION
ISSUE DATE 99-06-25 01-02-12
Fig 15. SOT404 (D2-PAK)
9397 750 09743 (c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
10 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
10. Revision history
Table 6: Rev Date 01 20020426 Revision history CPCN Description Product data; initial version
9397 750 09743
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
11 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
11. Data sheet status
Data sheet status[1] Objective data Preliminary data Product status[2] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Changes will be communicated according to the Customer Product/Process Change Notification (CPCN) procedure SNW-SQ-650A.
Product data
Production
[1] [2]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
14. Trademarks
TrenchMOS -- is a trademark of Koninklijke Philips Electronics N.V.
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 09743
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2002. All rights reserved.
Product data
Rev. 01 -- 26 April 2002
12 of 13
Philips Semiconductors
PSMN005-75P/75B
N-channel enhancement mode field-effect transistor
Contents
1 2 3 4 5 6 7 7.1 8 9 10 11 12 13 14 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
(c) Koninklijke Philips Electronics N.V. 2002. Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 26 April 2002 Document order number: 9397 750 09743


▲Up To Search▲   

 
Price & Availability of PSMN005-75P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X