Part Number Hot Search : 
SI3477DV SPLSI1 FST3245 MDP1601 ICS553MT MMUN2213 36M06 AD20202
Product Description
Full Text Search
 

To Download PSD36C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05118
PSD03
thru
Only One Name Means ProT ek'TionTM
PSD36C
ST ANDARD CAPACIT ANCE TVS ARRA Y
APPLICA TIONS Laptop Computers Cellular Phones Digital Cameras Personnal Digital Assistant (PDA)
IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns 61000-4-5 (Surge): 24A, 8/20s - Level 2(Line-Ground) & Level 3(Line-Line) FEA TURES Unidirectional: 500 Watts Peak Pulse Power per Line (tp = 8/20s) BidirectionalL 400 Watts Peak Pulse Power per Line (tp = 8/20s) Unidirectional & Bidirectional Configurations Replacement for MLV (0805) Protects One Power or I/O Port ESD Protection > 40 kilovolts Low Clamping Voltage Available in Multiple Voltage Types Ranging from 3V to 36V RoHS Compliant in Lead-Free Versions MECHANICAL CHARACTERISTICS Molded JEDEC SOD-323 Weight 5 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed) Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Device Marking: Marking Code & Polarity Band (Unidirectional Only)
SOD-323
PIN CONFIGURA TIONS
UNIDIRECTIONAL
BIDIRECTIONAL
1
1
2
05118.R9 3/06 1
2
www.protekdevices.com
PSD03
thru
PSD36C
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Undirectional: Peak Pulse Power (tp = 8/20s) - See Fig. 1 Bidirectional: Peak Pulse Power (tp = 8/20s) - See Fig. 1 Operating Temperature Storage Temperature SYMBOL PPP PPP TJ TSTG VALUE 500 400 -55C to 150C -55C to 150C UNITS Watts Watts C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER (See Notes 1-2) DEVICE MARKING RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) @ IP = 1A VC VOLTS 6.5 7.0 9.8 9.8 13.4 13.4 19.0 19.0 24.0 24.0 29.0 29.0 43.0 43.0 60.0 60.0 MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE
VWM VOLTS PSD03 PSD03C PSD05 PSD05C PSD08 PSD08C PSD12 PSD12C PSD15 PSD15C PSD18 PSD18C PSD24 PSD24C PSD36 PSD36C A G B H C J D K E L G N F M R T 3.3 3.3 5.0 5.0 8.0 8.0 12.0 12.0 15.0 15.0 18.0 18.0 24.0 24.0 36.0 36.0
@ 1mA V(BR) VOLTS 4.0 4.0 6.0 6.0 8.5 8.5 13.3 13.3 16.7 16.7 20.0 20.0 26.7 26.7 40.0 40.0
@8/20s VC @ IPP 10.9V @ 43.0A 10.9V @ 39.0A 13.5V @ 42.0A 14.5V @ 28.0A 16.9V @ 34.0A 18.5V @ 17.0A 25.9V @ 21.0A 29.5V @ 14.0A 30.0V @ 17.0A 33.0V @ 12.0A 40.0V @ 9.0A 40.0V @ 9.0A 49.0V @ 12.0A 46.2V @ 9.0A 75.0V @ 5.0A 75.0V @ 5.0A
@VWM ID A 125 125 10 10 10 10 1 1 1 1 1 1 1 1 1 1
@0V, 1 MHz CJ pF 500 200 350 175 250 150 150 50 100 40 90 40 88 40 75 35
Note 1: Part numbers with an additional "C" suffix are bidirectional devices, i.e., PSD05C. Note 2: For Bidirectional Devices Only: Electrical characteristics apply in both directions.
05118.R9 3/06
2
www.protekdevices.com
PSD03
thru
PSD36C
GRAPHS
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
IPP - Peak Pulse Current - % of IPP PPP - Peak Pulse Current - Watts
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000
500W, 8/20s Waveform
e-t
100
400W, 8/20s Waveform
td = t I /2 PP
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 t - Time - s
20
25
30
100 80
% Of Rated Power
FIGURE 3 POWER DERATING CURVE
Peak Pulse Power 8/20s
5 Volts per Division
FIGURE 4 OVERSHOOT & CLAMPING VOLTAGE FOR PSD03
35
25
60
15
40 20 Average Power 0 0 25 50 75 100 125 TL - Lead Temperature - C 150
5
-5 ESD Test Pulse: 25 kilovolt, 1/30ns (waveform)
400
FIGURE 5 TYPICAL REVERSE VOLTAGE VS CAPACITANCE FOR PSD05
300
C - Capacitance - pF
200
100
0 0 1 2 3 4 VR - Reverse Voltage - Volts 5 6
05118.R9 3/06
3
www.protekdevices.com
PSD03
thru
PSD36C
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
C A
SOD-323 PACKAGE
B E
PACKAGE DIMENSIONS DIM A B C D E F H
NOTES 1. Controlling Dimensions in Millimeters. 2. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., PSD05C-T7. 3. Suffix - LF = Lead-Free, Pure-Tin Plating,i.e., PSD05C-LF-T7.
MILLIMETERS MIN MAX 1.60 1.15 2.39 0.92 0.25 0.10 1.90 1.45 2.70 1.10 0.40 0.20 0.10
INCHES MIN MAX 0.063 0.045 0.094 0.033 0.010 0.004 0.075 0.057 0.106 0.043 0.016 0.008 0.004
D F
H
MOUNTING PAD
0.118 (3.00mm)
0.031 (0.80mm)
0.031 (0.80mm)
Outline & Dimensions: Rev 2 - 9/05, 06010
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P tmax 0.25
1.55 0.10 2.90 0.10 1.35 0.10 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10
P0 t D P2
10 Pitches Cumulative Tolerance on Tape. 0.2
E Top cover tape A0 K0 B0 Pin 1 Indicated by Band
F
W
P
User Direction of Feed
Note: Cathode Band for Unidirectional Parts Only
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05118.R9 3/06
4
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PSD36C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X