Part Number Hot Search : 
GBU8005 MP7741DQ 00MD6 2SD1520L 2SA1288 ZM85C43 P2K9A ADM1085
Product Description
Full Text Search
 

To Download PSA2100C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PSA2100C
9939 Via Pasar * San Diego, CA 92126 TEL (858) 621-2700 FAX (858) 621-2722
PHASE LOCKED LOOP
Rev A1
PHASE NOISE (1 Hz BW, typical)
-60 -70 -80 -90 -100
FEATURES * Frequency Range: 2066 - 2128 MHz * Step Size: 1000 KHz * PLL-24H - Style Package APPLICATIONS * Telecommunications * Satellite * Telemetry PERFORMANCE SPECIFICATIONS
Frequency Range
-110 -120 -130 -140 -150 1 E+3 10 E+3 100 E+3
VALUE 2066 - 2128 -107 -15 -70 03 50 1000 1250 1.5 2 -40 to 70 PLL-24H 5 30 APPLICATION NOTES
Phase Noise @ 10 kHz offset (1 Hz BW, typ.)
Harmonic Suppression (2nd, typ.) Sideband Spurs (typ.) Power Output Load Impedance Step Size Charge Pump Output Current Switching Speed (typ., adjacent channel) Startup Lock Time (typ.) Operating Temperature Range Package Style
UNITS MHz dBc/Hz dBc dBc dBm
KHz
mSec mSec C
POWER SUPPLY REQUIREMENTS
Supply Voltage (Vcc, nom.) Supply Current (Icc, typ.)
Vdc mA
All specifications are typical unless otherwise noted and subject to change without notice.
* AN-107 * AN-200 * AN-201
: How to Solder Z-COMM VCOs / PLLs : Mounting and Grounding of Z-COMM PLLs : PLL Fundamentals AN-202 : PLL Functional Description
Prescaler: 32
NOTES:
Reference Oscillator Signal: 5 MHz(c) Z-Communications, Inc. Page 1
All rights reserved
LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
VCO TUNING CURVE, typ.
2200
PSA2100C
PAGE 2
FREQUENCY (MHz)
2150
2100
70 25
2050
-40
c c c
2000
0 0. 25 1 1. 25 2 2. 25 1. 75 2. 75 4 4. 25 3 3. 25 3. 75 0. 75 1. 5 2. 5 4. 5 0. 5 3. 5
TUNING VOLTAGE (Vdc)
VCO POWER CURVE, typ.
3
OUTPUT POWER (dBm)
2 1 0 -1 -2 -3 -4 20 3 8
25
c
2 05 0
20 62
20 7 3
2 0 84
20 9 6
2 1 07
21 18
2 12 8
2 1 36
FREQUENCY (MHz)
PHYSICAL DIMENSIONS
.455 -.026 .000 .580 .605 .115 .200 .285 .370 0.220
SIDE VIEW
.032
1.
-.025 .000 .153 .238 .323 .408 .493 .578 .663 .816 .841 SEE DETAIL B PIN 1 1 2 3
24 23 22 21 20
2.
19 18 17 16
3.
BOTTOM
SEE DETAIL A
4 5 6 7
TOP
4. 5.
15 14 13
The inside radius of all 24 half holes at the perimeter of the board are plated to provide a surface for the attachment of the PLL Module to the PCB. 16 pads are for grounding, 8 pads are for signal interface. The surface of the shield is tin-plated and may be soldered to. The shield's base metal is cold-rolled steel. The ground plane on the bottom side is ground and attaches to a ground track on the top side of the board as well as to the shield. Unless otherwise noted all dimensions are in inches. Unless otherwise noted all tolerances are as follows: .xxx = .010.
P1 P2-4 P5 P6 P7 P8 P9 P10 P11 P12 P13 P14 P15 P16 P17 P18-24 RF OUTPUT GROUND REFERENCE OSCILLATOR INPUT GROUND CLOCK DATA GROUND LOAD ENABLE GROUND LOCK DETECT VCC GROUND GROUND GROUND NO CONNECTION GROUND
8
9 10 11 12
.055
.015 .030
DETAIL B (TYP)
DETAIL A
TABS RANGE: SEE NOTE 5 (4 PLACES)
(8 PLACES)
(c) Z-Communications, Inc.
Page 2
Printed in the U.S.A.


▲Up To Search▲   

 
Price & Availability of PSA2100C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X