Part Number Hot Search : 
B0612BT1 RC2512 CXA20 LC7218M 057R2 LM358A 3F334EL D82530
Product Description
Full Text Search
 

To Download PS7341AL-1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY DATA SHEET
6-PIN DIP, 20 LOW ON-STATE PS7341A-1B RESISTANCE 100 pF LOW OUTPUT PS7341AL-1B CAPACITANCE 1-ch OPTICAL COUPLED MOS FET
FEATURES
* HIGH ISOLATION VOLTAGE BV = 3,750 Vr.m.s. * 1 CHANNEL TYPE 1 B output * DESIGNED FOR AC/DC SWITCHING LINE CHANGER * SMALL PACKAGE 6 pin DIP * LOW OUTPUT CAPACITANCE Cout = 100 pF TYP * LOW ON-STATE RESISTANCE Ron2 = 20 TYP * LOW LED OPERATING CURRENT IF = 2 mA * LOW OFFSET VOLTAGE * SURFACE MOUNT TYPE LEAD AVAILABLE PS7341AL-1B
DESCRIPTION
The PS7341A-1B and PS7341AL-1B are solid state relays containing a GaAs LEDs on the light emitting side (input side) and normally close (N.C.) contact MOS FETs on the output side. They are suitable for analog signal control because of their low offset and high linearity.
APPLICATIONS
* EXCHANGE EQUIPMENT * MEASUREMENT EQUIPMENT * FA/OA EQUIPMENT
ELECTRICAL CHARACTERISTICS (TA = 25C)
PART NUMBER SYMBOLS PARAMETERS Forward Voltage, IF = 10 mA Reverse Current, VR = 5 V Off-State Leakage Current, IF = 10 mA, VD = 400 V Output Capacitance, IF = 10 mA, VD = 0 V, f = 1 MHz On-State Resistance, IF = 0 mA, IL = 10 mA On-State Resistance, IF = 0 mA, IL = 120 mA, t 10 ms Turn-On Time1 Turn-Off Time1 Isolation Resistance, VI-O = 1.0 kVDC Isolation Capacitance, V = 0 V, f = 1 MHz IF = 10 mA, VO = 5 V, PW 10 ms UNITS V A A pF ms ms pF 109 1.1 100 26 20 35 30 0.2 1.5 PS7341A-1B, PS7341AL-1B MIN TYP 1.2 MAX 1.4 5.0 10
MOS Diode FET
VF IR ILOFF COUT RON1 RON2
Coupled
tON tOFF Rl-O Cl-O
Notes: 1. Test Circuit for switching Time PS7341A-1B, PS7341AL-1B
IF Pulse Input VL
Input 50% 0 Vo = 5 V
90% 10%
Input monitor Rin RL
Vo monitor
Output tOFF tON
California Eastern Laboratories
PS7341A-1B, PS7341AL-1B ABSOLUTE MAXIMUM RATINGS1 (TA = 25C)
SYMBOLS PARAMETERS UNITS RATINGS PS7341A-1B PS7341AL-1B 5.0 50 50 1 400 120 160 240 mA mW Vr.m.s. mW C C 240 560 3,750 610 -40 to +85 -40 to +125
4.150.3 3.50.3 3.30.3 0.50.1 1.34 0.1 0.25 M 2.54 2.54 MAX 0 to 15 7.62 6.50.5
OUTLINE DIMENSIONS (Units in mm)
PS7341A-1B
1. LED Anode 3. NC 4. MOSFET Drain 6. MOSFET Drain
Diode VR IF PD IFP MOSFET VL IL
2. LED Cathode 5. MOSFET Source
Reverse Voltage Forward Current (DC) Power Dissipation Peak Forward Current2 Break Down Voltage Continuous Load Current3 Connection A Connection B Connection C
V mA mW A V mA
9.250.5
(Top View)
6 5 4
1
2
3
ILP PD Coupled BV PT TA TSTG
Pulse Load Current4 Power Dissipation Isolation Voltage5 Total Power Dissipation Operating Ambient Temp. Storage Temperature
Notes: 1. Operation in excess of any one of these parameters may result in permanent damage. 2. PW = 100 s, Duty Cycle = 1% 3. Conditions: IF 2 mA. The following types of loaad connections are available.
1 2 3 1 2 3 1 2 3 1 2 3 6 5 4 6 5 4 6 5 4 6 5 4 IL IL L L
IL + IL
PS7341AL-1B
1. LED Anode 4. MOSFET Drain 6. MOSFET Drain
Connection A
IL
VL (AC/DC) L L + VL (DC) 9.250.5 MAX.
2. LED Cathode 5. MOSFET Source 3. NC
IL
(Top View)
6 5 4
Connection B
+ VL (DC)
Connection C
+ VL (DC) -
1
2
3
IL
6.50.5 3.50.3 0.10 +0.10 -0.05 0.90.25 9.600.4
4. PW = 100 ms, 1 shot 5. AC voltage for 1 minute at TA = 25 C, RH = 60 % between input and output.
RECOMMENDED OPERATING CONDITIONS (TA = 25 C)
SYMBOL IF VF PARAMETER LED Operating Current LED Off Voltage UNITS MIN TYP MAX mA V 2 0 10 20 0.5
1.34 0.1 0.25 M
2.54
EXCLUSIVE NORTH AMERICAN AGENT FOR
RF, MICROWAVE & OPTOELECTRONIC SEMICONDUCTORS
CALIFORNIA EASTERN LABORATORIES * Headquarters * 4590 Patrick Henry Drive * Santa Clara, CA 95054-1817 * (408) 988-3500 * Telex 34-6393 * FAX (408) 988-0279 24-Hour Fax-On-Demand: 800-390-3232 (U.S. and Canada only) * Internet: http://WWW.CEL.COM 07/27/2001 DATA SUBJECT TO CHANGE WITHOUT NOTICE


▲Up To Search▲   

 
Price & Availability of PS7341AL-1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X