Part Number Hot Search : 
ML9460 BD9898F ST232AT PDCS6150 VUC25 MMSF3205 PDCS6150 5253B
Product Description
Full Text Search
 

To Download PS4053ESE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053
17V CMOS Analog Multiplexers/Switches
Features
* Low On-resistance: 60 typ, with 5V Supplies, Minimizes Distortion * On-Resistance Matching between channels better than 6 * Guaranteed Low Leakage Currents: <0.1nA at +25oC * Rail-to-Rail Analog Signal Range * Low Distortion: <0.04% (600) * Low Crosstalk: 90dB @100kHz * TTL/CMOS Compatible (with +5V or 5V Supplies) * Low Power Consumption. * 16-pin Narrow SOIC and QSOP Packages save board area * Pin-compatible upgrades for 74HC4051/4052/4053
Description
The PS4051/PS4052/PS4053 are precision low-voltage CMOS analog multiplexers/switches. The PS4051 is an eight-channel single-ended mux designed to select one of eight inputs to a common output. What input is selected depends on the status of three address bits (ADDA-ADDC). The PS4052 is a differential four-channel mux, controlled by two address bits: ADDA, and ADDB. The PS4053 is a triple 2-to-1 mux (or triple SPDT, single-pole double-throw, switch). The INH (inhibit) pin can be driven high, to open all switches regardless of address bit status. All control inputs are TTL compatible when V+ = +5V. These devices are designed to operate with power supplies from 2.7V to 8V. Single-supply operation is possible from +2.7V to +16V. When on, each switch conducts current equally well in either direction and can handle rail-to-rail analog signals. In the off -state each switch blocks voltages up to the power-supply rails. Off-leakage current is guaranteed to be less than 0.1nA at +25oC, and < 2.5nA at +85oC. These devices are available in 16-pin DIP, Narrow SOIC, and QSOP packages for operation over the 40oC to +85oC temperature range.
Applications
* Audio and Video Switching and Routing * Lab and Medical Instrumentation * Low-Voltage Data-Acquisition and Process Control Systems * Battery-Powered Communication Systems
Functional Block Diagrams and Pin Configurations
Top Views
PS4051
NO1 1 NO3 2 COM 3 NO7 4 NO5 5 INH 6 V- 7 GND 8 LOGIC 16 V+ 15 NO2 14 NO4 13 NO0 12 NO6 11 ADDC 10 ADDB 9 ADDA NO0B 1 NO1B 2 COMB 3 NO3B 4 NO2B 5 INH 6 V- 7 GND 8 LOGIC
PS4052
16 V+ 15 NO1A 14 NO2A 13 COMA 12 NO0A 11 NO3A 10 ADDB 9 ADDA N0B 1 NCB 2 NOA 3 COMA 4 NCA 5 INH 6 V- 7 GND 8
PS4053
16 V+ 15 COMB 14 COMC 13 NOC 12 NCC LOGIC 11 ADDC 10 ADDB 9 ADDA
For free samples and the latest literature: www.pericom.com, or phone 1-800-435-2336
1
PS8461 02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Truth Tables
PS4051 IN H 1 0 0 0 0 0 0 0 0 AD D C X 0 0 0 0 1 1 1 1 AD D B X 0 0 1 1 0 0 1 1 AD D A X 0 1 0 1 0 1 0 1 On Switch N one NO0 NO1 NO2 NO3 NO4 NO5 NO6 NO7
INH 1 0 0 0 0 0 0 0 0 ADD C X 0 0 0 0 1 1 1 1 ADD B X 0 0 1 1 0 0 1 1 PS4053 ADD A X 0 1 0 1 0 1 0 1 NOC NOC NOC NOC NCC NCC NCC NCC On Switche s None NOB NOB N CB N CB NOB NOB N CB N CB NOA N CA NOA N CA NOA N CA NOA N CA
PS4052 INH 1 0 0 0 0 AD D B X 0 0 1 1 AD D A X 0 1 0 1 On Switch None NO 0A,B NO 1A,B NO 2A,B NO 3A,B
Logic 0, VAL 0.8V Logic 1, VIH 2.4V
Absolute Maximum Ratings
Voltages Referenced to V V+ ..................................................................... 0.3V to + 17V GND ................................................................. 0.3V to + 17V GND ......................................................... -0.3V to (V+) + 0.3V VIN, VCOM, VNO(1) .......................................... (V-) 2V to (V+) + 2V or 30mA, whichever occurs first Current (any terminal ) ..................................................... 30mA Peak Current, COM, NO, NC (pulsed at 1ms, 10% duty cycle) ..................................... 100mA ESD per method 3015.7 ............................................... >2000V
Thermal Information
Continuous Power Dissipation Plastic DIP (derate 10.5mW/C above +70C) .............. 800mW Narrow SO and QSOP (derate 8.7mW/C above +70C) .................................... 650mW Storage Temperature ........................................ -65C to +150C Lead Temperature (soldering, 10s) ................................. +300C Note 1: Signals on NO, COM, or logic inputs exceeding V+ or V are clamped by internal diodes. Limit forward diode current to 30mA.
Caution: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. 2
PS8461 02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Electrical Specifications - Dual Supplies
(V = 5V 10%, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)
Parame te r Analog Switch
Analog Signal Range (3) O n Resistance O n- Resistance Match Between Channels(4) O n- Resistance Flatness(5) NO O ff Leakage Current(6) VAN ALO G V+ = 5V, V = 5V, VC O M = 3V, IN O = 1mA VC O M or VN C = 3V, IN O = 1mA, V+ = 5V, V = 5V V+ = 5V, V = 5V, IN O = 1mA, VC O M = 3V, 0V V+ = 5.5V, V = 5.5V, VC O M = 4.5V, VN O = +4.5V PS4051 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full 0.1 1.0 0.1 2.5 0.1 1.5 0.1 5 0.1 2.5 V 60 V+ 100 125 12 18 10 15 50 100 50 100 50 100 50 100 50 100 nA V
Symbol
Conditions
Te mp.(C)
M in(2)
Typ(1)
M ax(2)
Units
RO N
RO N
RFLAT (O N )
IN O
(O F F )
CO M- O ff Leakage Current(6)
IC O M
(O F F )
V+ = 5.5V, V = 5.5V, VC O M = 4.5V, VN O = +4.5V
PS4052 PS4053
PS4051 CO M O n Leakage Current(7) IC O M (O N ) VC O M = +4.5V PS4052 PS4053
Logic Input
Logic High Input Voltage Logic Low Input Voltage Input Current with Input Voltage High or Low VAH , VIH VAL , VIL 2.4 V Full VA = VI = V+, 0V - 0.1 0.8
IIH , IIL
0.1
A
3
PS8461
02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Electrical Specifications - Dual Supplies (continued)
(V = 5V 10%, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)
Parame te r Dynamic
Transition Time Break- Before- Make TimeDelay Turn- OnTime tTRAN S tO PEN tO N tO FF Q OIRR Figure 1 Figure 3 Figure 2 25 2 75 10 50 Full 25 Full 2 90 dB 92 40 175 225 150 200 10 pC ns 250
Symbol
Conditions
Te mp (C) M in(1)
Typ(2) M ax(1) Units
Turn- Off Time Charge Injection(3) Off Isolation(7)
Figure 2 CL= 1nF, VS = 0V, RS = 0, CL = 15pF, VIN H = 5V, RL = 50, f = 100kHz,VN O = 1VRM S CL = 15pF, RL = 50, f = 100kHz, Figure 6, VN O = 1VRM S f =1MHz f =1MHz, VN O = 0V PS4051 PS4052 PS4053 PS4051
Crosstalk Logic Input Capacitance NO Off Capacitance COM Off Capacitance
XTALK C IN C N O (O F F )
25
8 2 2 2 8 8 pF
CC O M (O FF) f =1MHz, VC O M =0V
CO M O n Capacitance
CC O M (O N ) f =1MHz, VC O M = 0V
PS4052 PS4053
Supply
Power- Supply Range Positive Supply Current Negative Supply Current I+ I VIN H = VA = 0V or V+, V+ =5.5V, V = 5.5V Full 10 2.7 8 10 A V
Notes: 1. The algebraic convention, where most negative value is a minimum and most positive is a maximum, is used in this data sheet. 2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing. 3. Guaranteed by design 4. R = R max - R min 5. Flatness is defined as the difference between the maximum and minimum values of on-resistance measured over the specific analog signal range, i.e., VNO = 3V to 0 and 0V to -3V. 6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25C. 7. Off Isolation = 20log10 VCOM / VNO. See Figure 5.
4
PS8461
02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Electrical Characteristics - Single 5V Supply
(V+ = +5V 10%, V- = 0V, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)
Parame te r Switch
Analog Signal Range(3)
Symbol
Conditions
Te mp (C) M in(1) Typ(2) M ax(1) Units
VAN ALO G RO N IN O = 1mA, VC O M = 3.5V, V+ = 4.5V VN O = 0V, VC O M = 4.5V, V+ = 5.5V V+ = 5.5V, VC O M = 4.5V, VN O =0V, or VC O M = 0V, VN O = 4.5V PS4051 PS4052 PS4053 PS4051 PS4052 PS4053
Full 25 Full 25 Full 25 Full 25 Full 25 Full 25 Full
0 125
V+ 225 280
V
On Resistance NO- Off Leakage Current(8)
IN O (O FF)
0.1 10 1 10 1 5 1 10 1 10
50 100 50 100 50 100 50 100 50 100 n
COM- Off Leakage Current(8)
IC O M (O FF)
COM- On Leakage Current(8)
IC O M (O N )
VC O M = VN O = 4.5V, V+ = 5.5V
Digital Logic Input
Logic High Input Voltage Logic Low Input Voltage Input Current with Input Voltage High or Low VAH , VIH VAL , VIL IIH , IIL VA= VI = V +, 0V Full 1 2.4 0.8 1 V A
Supply
Positive- Supply Current I+ VA = VI = 0V or V+ 25 Full 1.0 1.0 10 A
5
PS8461
02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Electrical Characteristics - Single 5V(continued)
(V+ = +5V 10%, V- = 0V, GND = 0V, VAH = VIH = 2.4V, VAL = VIL = 0.8V)
Parame te r Dynamic Turn- OnTime Turn- Off Time Break- Before- Make Interval Charge Injection(3) tON tOFF tOPEN Q CL = 1nF, VS = 0V, RS = 0 25 Full 25 Full 25 30 1.5 5 pC 60 90 200 275 125 175 ns
Symbol
Conditions
Te mp (C) M in(1)
Typ(2)
M ax(1)
Units
Electrical Characteristics - Single 3V Supply
(V+ = +3.3V 10%, V- = 0V, GND = 0V, VAH = VIH = +2.4V, VAL = VILL = +0.8V)
Parame te r Switch Analog Signal Range(3) O n- Resistance D ynamic Transition Time(3) Turn- O nTime(3) Turn- O ff Time(3) Charge Injection (3) tTRANS tON tOFF Q Figure 1, VIN = 2.4V VNO1 = 1.5V, VNO8 = 0V Figure 2, VINH = 2.4V VINL = 0V, VNO1 = 1.5V Figure 2, VINH = 2.4V VINL = 0V, VNO1 = 1.5V CL = 10nF, VS = 0V, RS = 0 25 230 200 75 1 575 500 400 5 pC ns VANALOG RON INO = 1mA, VCOM = 1.5V, V+ = 3V Full 25 Full 0 250 V+ 525 700 V Symbol Conditions Te mp (C) M in(1) Typ(2) M ax(1) Units
Notes: 1. The algebraic convention, where the most negative value is a minimum and the most positive is a maximum, is used in this data sheet. 2. Typical values are for DESIGN AID ONLY, not guaranteed or subject to production testing. 3. Guaranteed by design 4. R = R max - R min 5. Flatness is defined as the difference between the maximum and minimum value of on-resistance measured. 6. Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25C. 7. Worst-case isolation is on channel 4 because of its proximity to the COM pin. Off isolation = 20log VCOM/VNO, VCOM = output, VNO = input to off switch 8. Leakage testing at single supply is guaranteed by testing with dual supplies.
6
PS8461
02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Test Circuits/Timing Diagrams
V+ V+ NO0 NO1-NO6 V+ Logic Input V+ 50% 0V VNO0 VVOUT 35pF Switch Output VOUT VNO7 ttrans ON V+ V+ NO V90% ttrans tr <20ns tf <20ns
ADDC ADDB ADDA 509
90%
PS4051
INH GND V-
NO7 COM 3009 V-
0V
V+ V+ NO0 NO1-NO2 V+ 509 VVOUT 35pF INH GND 3009 V-
ADDB ADDA 509
ADD
PS4052
INH GND V-
NO3 COM
PS4053
V-
NC COM
V+ VOUT 35pF
3009 V-
Figure 1. Transition Time
V+ V+ NO0 NOX V+ Logic Input V+ 50% 0V tON 90% Switch Output COM GND V3009 V+5V V+ NO V+ Logic Input V+ 50% 0V tON 0V tr <20ns tf <20ns tOFF 10% VOUT 35pF Switch Output VOUT VV90% 35pF 0V VOUT VOUT 10% tr <20ns tf <20ns tOFF
INH 509 ADDX
PS4051 PS4052
INH 509 ADD
PS4053
GND V-
NC COM 3009
V-
Figure 2. Switching Times
7
PS8461 02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Figure 3. Break-Before-Make Interval
Figure 4. Charge Injection
V+
10nF
NO0 VIN R = 1k9 NO1
V+
RG = 509
~
NO7 509 ADD
PS4051 PS4052 COM
VOUT RL = 509
INH GND 10nF
V-
VCROSSTALK = 20log VOUT VIN
Figure 5. Off Isolation
8
Figure 6. Crosstalk
PS8461 02/16/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PS4051/PS4052/PS4053 17V CMOS Analog Multiplexers/Switches
Figure 8. NO/COM Capacitance
Ordering Information
Part Numbe r PS4051CPE PS4051CSE PS4051CEE PS4051EPE PS4051ESE PS4051EEE PS4052CPE PS4052CSE PS4052CEE Te mpe rature 0C to +70C 0C to +70C 0C to +70C 40C to +85C 40C to +85C 40C to +85C 0C to +70C 0C to +70C 0C to +70C Package PDIP- 16 Narrow SOIC- 16 QSOP- 16 PDIP- 16 Narrow SOIC- 16 QSOP- 16 PDIP- 16 Narrow SOIC- 16 QSOP- 16
Part Numbe r PS4052EPE PS4052ESE PS4052EEE PS4053CPE PS4053CSE PS4053CEE PS4053EPE PS4053ESE PS4053EEE Te mpe rature 40C to +85C 40C to +85C 40C to +85C 0C to +70C 0C to +70C 0C to +70C 40C to +85C 40C to +85C 40C to +85C Package PDIP- 16 Narrow SOIC- 16 QSOP- 16 PDIP- 16 Narrow SOIC- 16 QSOP- 16 PDIP- 16 Narrow SOIC- 16 QSOP- 16
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
9
PS8461 02/16/00


▲Up To Search▲   

 
Price & Availability of PS4053ESE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X