Part Number Hot Search : 
MMA6231Q 225J63 AN6077 P87L4 CM21B FDFSB SM4002 TOP255GN
Product Description
Full Text Search
 

To Download PS10GG-2415E21H10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Telefon: +49 (0) 6135 931069 Telefax: +49 (0) 6135 931070 www.peak-electronics.de info@peak-electronics.de
MSS SERIES PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
Available Inputs:
12 and 24 VDC Wide Input 2:1
Available Outputs:
5, 9, 12 and 15 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25 C, nominal input voltage, rated output current unless otherwise specified) Input Specifications Voltage range Filter Isolation Specifications Rated voltage Resistance Output Specifications Voltage accuracy Ripple and noise (at 20 MHz BW) Short circuit protection Line voltage regulation Load voltage regulation Temperature coefficient General Specifications Efficiency Switching frequency Environmental Specifications Operating temperature (ambient) Storage temperature Derating Humidity Cooling Physical Characteristics Dimensions Weight Case material 9-18 VDC (12 VDC), 18-36 VDC (24 VDC) PI Filter 1000 VDC 109 Ohm +/- 2 %, max. 100 mV p-p, max. Continuous automatic restart +/- 0.5 % max. +/- 0.5 % max. +/- 0,03 % / C 70 % 75 KHz, typ. - 25 C to + 71 C - 55 C to + 125 C See graph Up to 90 %, non condensing Free air convection 31.80 x 14.50 x 8.60 mm 1.25 x 0,57 x 0,34 inches 6.6 g Non conductive black plastic
Examples of Partnumbers
PART NO. INPUT VOLTAGE (VDC) INPUT CURRENT NO LOAD INPUT CURRENT FULL LOAD OUTPUT VOLTAGE (VDC) OUTPUT CURRENT (max. mA) EFFICIENCY FULL LOAD (% TYP.)
PS10GG-1205E2:1H10 PS10GG-1209E2:1H10 PS10GG-1212E2:1H10 PS10GG-1215E2:1H10 PS10GG-2405E2:1H10 PS10GG-2409E2:1H10 PS10GG-2412E2:1H10 PS10GG-2415E2:1H10
9-18 9-18 9-18 9-18 18-36 18-36 18-36 18-36
20 20 20 20 12 13 11 11
231 225 213 213 112 111 107 107
5 9 12 15 5 9 12 15
400 222 168 133 400 222 168 133
72 74 78 78 74 75 78 78
MSS SERIES
PS10GG-XXXXE2:1H10 1KV ISOLATED 2 W REGULATED SINGLE OUTPUT SIP12
Dimensions
Derating Graph and Pinning
Output
Temperature Derating Graph
Ambient Temperature C 71
Pin # 1 3 6 8 10 12
2.00 W
Safe Operating Area
Connection Single + V Input - V Input NC NC + V Output - V Output
-25
0
40
80
100
Specification can be changed without notice.
REV:2 / 09.2001
Copyright PEAK electronics GmbH


▲Up To Search▲   

 
Price & Availability of PS10GG-2415E21H10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X