Part Number Hot Search : 
M108I CPZ36R GRM31CR M108I 1H333 DG411883 6ATEP 16389I
Product Description
Full Text Search
 

To Download PRHMB100B12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT MODULE
CIRCUIT
Chopper 100A 1200V
OUTLINE DRAWING
PRHMB100B12
2- fasten- tab No 110
Dimension(mm)
Approximate Weight : 220g
MAXMUM RATINGS (Tc=25C) Item
Collector-Emitter Voltage Gate - Emitter Voltage Collector Current DC 1 ms
Symbol
VCES VGES IC ICP PC Tj Tstg VISO FTOR
PRHMB100B12
1200 +/ - 20 100 200 500 -40 to +150 -40 to +125 2500 3 2
Unit
V V A W C C V N*m
Collector Power Dissipation Junction Temperature Range Storage Temperature Range Isolation Voltage Terminal to Base AC, 1 min.) Module Base to Heatsink Mounting Torque Bus Bar to Main Terminals
ELECTRICAL CHARACTERISTICS (Tc=25C) Characteristic
Collector-Emitter Cut-Off Current Gate-Emitter Leakage Current Collector-Emitter Saturation Voltage Gate-Emitter Threshold Voltage Input Capacitance Rise Time Turn-on Time Switching Time Fall Time Turn-off Time
Symbol
ICES IGES VCE(sat) VGE(th) Cies tr ton tf toff
Test Condition
VCE=1200V,VGE=0V VGE=+/- 20V,VCE=0V IC=100A,VGE=15V VCE=5V,IC=100mA VCE=10V,VGE=0V,f=1MHz VCC= 600V RL= 6 ohm RG= 10 ohm VGE= +/- 15V
Min.
4.0 -
Typ.
1.9 8300 0.25 0.40 0.25 0.80
Max.
2.0 1.0 2.4 8.0 0.45 0.70 0.35 1.10
Unit mA A V V pF s
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25C) Item Symbol Rated Value
Forward Current DC 1 ms IF IFM 100 200
Unit A Typ.
1.9 0.2
Characteristic
Peak Forward Voltage Reverse Recovery Time
Symbol
VF trr
Test Condition
IF=100A,VGE=0V IF=100A,VGE=-10V,di/dt=200A/s
Min.
-
Max.
2.4 0.3
Unit V s Unit C/W
THERMAL CHARACTERISTICS Characteristic
Thermal Impedance IGBT DIODE
Symbol
Rth(j-c)
Test Condition
Junction to Case
Min.
-
Typ.
-
Max.
0.24 0.42
PRHMB100B12
Fig.1- Output Characteristics (Typical)
200
Fig.2- Collector to Emitter On Voltage vs. Gate to Emitter Voltage (Typical)
TC=25
16
TC=25 IC=50A 200A
VGE=20V 15V
12V
10V
Collector to Emitter Voltage V CE (V)
14 12 10 8 6 4 2 0
100A
Collector Current I C (A)
150
9V
100
8V
50
7V
0 0 2 4 6 8 10
0
4
8
12
16
20
Collector to Emitter Voltage VCE (V)
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage vs. Gate to Emitter Voltage (Typical)
16
Fig.4- Gate Charge vs. Collector to Emitter Voltage (Typical)
TC=125
800 700 600 500 400 16
IC=50A
200A
Collector to Emitter Voltage V CE (V)
100A
12 10 8 6 4 2 0
Collector to Emitter Voltage V CE (V)
14
RL=6 TC=25
14
Gate to Emitter Voltage VGE (V)
12 10 8
VCE=600V
300 6
400V
200 100 0 0 150 300 450 600 750
200V
4 2 0
0
4
8
12
16
20
Gate to Emitter Voltage VGE (V)
Total Gate Charge Qg (nC)
Fig.5- Capacitance vs. Collector to Emitter Voltage (Typical)
50000 20000 10000
Fig.6- Collector Current vs. Switching Time (Typical)
1.6
VGE=0V f=1MHZ TC=25 Cies
1.4 1.2
VCC=600V RG=10 VGE=15V TC=25
Switching Time t (s)
Capacitance C (pF)
5000 2000 1000 500 200
1 0.8 0.6 0.4
tOFF
Coes
tf
Cres
100 50 0.1 0.2 0.5 1 2 5 10 20 50 100 200
0.2 0
tON tr
0 25 50 75 100
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
PRHMB100B12
Fig.8- Forward Characteristics of Free Wheeling Diode
Fig.7- Series Gate Impedance vs. Switching Time (Typical)
10 5
(Typical)
200
VCC=600V IC=100A VGE=15V TC=25
TC=25
TC=125
toff ton tr
2 1
tf
0.5
Forward Current I F (A)
200
150
Switching Time t (s)
100
0.2 0.1 0.05
50
5
10
20
50
100
0
0
1
2
3
4
Series Gate Impedance RG ()
Forward Voltage VF (V)
Fig.9- Reverse Recovery Characteristics (Typical)
500
Fig.10- Reverse Bias Safe Operating Area (Typical)
500 200 100
Peak Reverse Recovery Current I RrM (A) Reverse Recovery Time trr (ns)
IF=100A TC=25 trr
200
RG=10 VGE=15V TC125
50
Collector Current I C (A)
200 300 400 500 600
100
50 20 10 5 2 1 0.5
20 10 5
IRrM
2 1 0 100
0.2 0.1 0 400 800 1200 1600
-di/dt (A/s)
Collector to Emitter Voltage V CE (V)
Fig.11- Transient Thermal Impedance
1
(/W)
5x10 -1
FRD IGBT
Transient Thermal Impedance Rth
(J-C)
2x10 -1 1x10 -1 5x10 -2
2x10 -2 1x10 -2 5x10 -3
TC=25 1 Shot Pulse
2x10 -3 10 -5
10 -4
10 -3
10 -2
10 -1
1
10 1
Time t (s)


▲Up To Search▲   

 
Price & Availability of PRHMB100B12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X