Part Number Hot Search : 
OM370 Z12D5 UN421D PND05A6 2064VE N4003 A102P A102P
Product Description
Full Text Search
 

To Download PR3006 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR3001 - PR3005
3.0A FAST RECOVERY RECTIFIER Features
* * * * *
Diffused Junction Fast Switching for High Efficiency Surge Overload Rating to 150 A Peak Low Reverse Leakage Current Lead Free Finish, RoHS Compliant (Note 4)
A
B
A
C
Mechanical Data
* * * * * * * *
Case: DO-201AD Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Plated Leads Solderable per e3 MIL-STD-202, Method 208 Polarity: Cathode Band Marking: Type Number Ordering Information: See Page 3 Weight: 1.12 grams (approximate)
D
DO-201AD Dim A B C D Min 25.40 7.20 1.20 4.80 Max 3/4 9.50 1.30 5.30
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage (Note 5) RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 90C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Forward Voltage Peak Reverse Current at Rated DC Blocking Voltage (Note 5) Reverse Recovery Time (Note 3) Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4. 5.
@ TA = 25C unless otherwise specified
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr CT RqJA Tj, TSTG
PR 3001 50 35
PR 3002 100 70
PR 3003 200 140 3.0 150 1.2 5.0 100 150 50 15 -65 to +150
PR 3004 400 280
PR 3005 600 420
Unit V V A A V mA
@ IF = 3.0A @ TA = 25C @ TA = 100C
250
ns pF C/W C
Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Measured with IF =0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. RoHS revision 13.2.2003. High temperature solder exemption applied, see EU Directive Annex Note 7. Short duration pulse test used to minimize self-heating effect.
DS26014 Rev. 4 - 2
1 of 3 www.diodes.com
PR3001 - PR3005
a Diodes Incorporated
I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
Single phase half wave Resistive or Inductive load
3
IF, INSTANTANEOUS FOWRARD CURRENT (A)
4
10
1.0
2
0.1
1
Tj = 25 C
o
0 0 25 50 75 100 125 150 175 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Derating Curve
0.01 0.6 0.8 1.0 1.2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
200 IFSM, PEAK FORWARD SURGE CURRENT (A)
100
PR3001 - PR3004 Tj = 25C f = 1.0MHz
100
CT, TOTAL CAPACITANCE (pF)
PR3005
10
10 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
trr +0.5A
100
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS26014 Rev. 4 - 2
2 of 3 www.diodes.com
PR3001 - PR3005
Ordering Information
Device PR3001-B PR3001-T PR3002-B PR3002-T PR3003-B PR3003-T PR3004-B PR3004-T PR3005-B PR3005-T
Notes:
(Note 6) Packaging DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD DO-201AD Shipping 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch 500/Bulk 1.2K/Tape & Reel, 13-inch
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS26014 Rev. 4 - 2
3 of 3 www.diodes.com
PR3001 - PR3005


▲Up To Search▲   

 
Price & Availability of PR3006

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X