Part Number Hot Search : 
XE100 TDA9113 SM130 MAX168 Z1SMA4V3 0803D LT1765 ND431225
Product Description
Full Text Search
 

To Download PR1007L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPICE MODELS: PR1001G PR1002G PR1003G PR1004G PR1005G PR1006G PR1007G
PR1001G/L - PR1007G/L
1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER Features
* * * * *
Glass Passivated Die Construction Fast Switching for High Efficiency Surge Overload Rating to 30A Peak Low Reverse Leakage Current Lead Free Finish, RoHS Compliant (Note 4)
A
B
A
C
D
Mechanical Data
* * * * * * * * *
Case: DO-41 Plastic, A-405 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Tin. Plated Leads Solderable per MIL-STD-202, Method 208 e3 Polarity: Cathode Band Marking: Type Number Ordering Information: See Last Page DO-41 Weight: 0.35 grams (approximate) A-405 Weight: 0.20 grams (approximate) "GL" Suffix Designates A-405 Package "G" Suffix Designates DO-41 Package @ TA = 25C unless otherwise specified Dim A B C D DO-41 Plastic Min 25.40 4.06 0.71 2.00 Max 5.21 0.864 2.72 A-405 Min 25.40 4.10 0.53 2.00 Max 5.20 0.64 2.70
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage (Note 5) RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 55C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage (Note 5) Reverse Recovery Time (Note 3) Typical Total Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes: 1. 2. 3. 4. 5.
Symbol PR1001 PR1002 PR1003 PR1004 PR1005 PR1006 PR1007 Unit G/GL G/GL G/GL G/GL G/GL G/GL G/GL VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr CT RJA Tj, TSTG 150 15 95 -65 to +150 50 35 100 70 200 140 400 280 1.0 30 1.3 5.0 50 250 8 500 600 420 800 560 1000 700 V V A A V A ns pF C/W C
@ IF = 1.0A @ TA = 25C @ TA = 100C
Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. Measured with IF = 0.5A, IR = 1.0A, Irr = 0.25A. See figure 5. RoHS revision 13.2.2003. Glass and high temperature solder exemptions applied, see EU Directive Annex Notes 5 and 7. Short duration pulse test used to minimize self-heating effect.
DS27001 Rev. 8 - 2
1 of 3 www.diodes.com
PR1001G/L - PR1007G/L
(c) Diodes Incorporated
0.8
IF, INSTANTANEOUS FORWARD CURRENT (A)
1.0 I(AV), AVERAGE FORWARD RECTIFIED CURRENT (A)
10
1.0
0.6
0.4
0.1
0.2
Single phase half-wave 60 Hz resistive or inductive load
0 25
50
75
100
125
150
175
200
0.01 0.6
0.8
1.0
1.2
1.4
TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Derating Curve
30 IFSM, PEAK FORWARD SURGE CURRENT (A)
Pulse Width 8.3ms Single Half-Sine-Wave
VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
100
Tj = 25C f = 1.0MHz
20
CT, TOTAL CAPACITANCE (pF)
PR1001 - PR1004
10
PR1005 - PR1007
10
0 1 10 NUMBER OF CYCLES AT 60Hz Fig. 3 Peak Forward Surge Current 100
1 1 10 VR, DC REVERSE VOLTAGE (V) Fig. 4 Typical Total Capacitance
trr +0.5A
100
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS27001 Rev. 8 - 2
2 of 3 www.diodes.com
PR1001G/L - PR1007G/L
. Ordering Information
Device PR1001G-A PR1001G-B PR1001G-T PR1002G-A PR1002G-B PR1002G-T PR1003G-A PR1003G-B PR1003G-T PR1004G-A PR1004G-B PR1004G-T PR1005G-A PR1005G-B PR1005G-T PR1001GL-T PR1002GL-T PR1003GL-T PR1004GL-T PR1005GL-T
Notes:
(Note 6) Packaging DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 A-405 A-405 A-405 A-405 A-405 Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch
6. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf.
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS27001 Rev. 8 - 2
3 of 3 www.diodes.com
PR1001G/L - PR1007G/L


▲Up To Search▲   

 
Price & Availability of PR1007L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X