Part Number Hot Search : 
R8T6B KSR1205 1N2248 M29F200B C390M 32E1221 MDT80C06 KT845W55
Product Description
Full Text Search
 

To Download PR1005L-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PR1001/L - PR1005/L
1.0A FAST RECOVERY RECTIFIER Features
* * * * * * * * * * * * * * *
Diffused Junction Fast Switching for High Efficiency High Current Capability and Low Forward Voltage Drop Surge Overload Rating to 30A Peak Low Reverse Leakage Current Lead Free Finish, RoHS compliant (Note 4)
A
B
A
C
Mechanical Data
Case: DO-41, A-405 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Finish - Bright Tin. Plated Leads Solderable per MIL-STD-202, Method 208 Polarity: Cathode Band Ordering Information: See Last Page Marking: Type Number DO-41 Weight: 0.35 grams (approximate) A-405 Weight: 0.2 grams (approximate) Dim A B C D DO-41 Plastic Min 25.40 4.06 0.71 2.00 Max 3/4 5.21 0.864 2.72
D
A-405 Min 25.40 4.10 0.53 2.00 Max 3/4 5.20 0.64 2.70
All Dimensions in mm "L" Suffix Designates A-405 Package No Suffix Designates DO-41 Package @ TA = 25C unless otherwise specified
Maximum Ratings and Electrical Characteristics
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current (Note 1) @ TA = 75C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave Superimposed on Rated Load (JEDEC Method) Forward Voltage Drop Peak Reverse Current at Rated DC Blocking Voltage Reverse Recovery Time (Note 3) Typical Junction Capacitance (Note 2) Typical Thermal Resistance Junction to Ambient Operating and Storage Temperature Range
Notes:
Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IRM trr Cj RqJA Tj, TSTG
PR 1001/L 50 35
PR 1002/L 100 70
PR 1003/L 200 140 1.0 30 1.2 5.0 100 150 15 75 -65 to +150
PR 1004/L 400 280
PR 1005/L 600 420
Unit V V A A V mA
@ IF = 1.0A @ TA = 25C @ TA = 100C
250 8.0
ns pF K/W C
1. Valid provided that leads are maintained at ambient temperature at a distance of 9.5mm from the case. 2. Measured at 1.0MHz and applied reverse voltage of 4.0V DC. 3. Measured with IF = 0.5A, IR = 1A, Irr = 0.25A. See figure 5. 4. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS26008 Rev. 2 - 2
1 of 3 www.diodes.com
PR1001/L - PR1005/L
a Diodes Incorporated
I(AV), AVERAGE FWD RECTIFIED CURRENT (A)
1.0
10
0.8
IF, INSTANTANEOUS FWD CURRENT (A)
1.0
0.6
0.4
0.1
0.2
Single phase half-wave 60 Hz resistive or inductive load
Tj = 25C
0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE (C) Fig. 1 Forward Derating Curve
0.01 0.6 0.8 1.0 1.2 1.4 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
100
Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC Method)
IFSM, PEAK FORWARD SURGE CURRENT (A)
30
Tj = 25C f = 1MHz
20
Cj, CAPACITANCE (pF)
PR1001 - PR1004
10
PR1005 - PR1007
10
0 1 10 NUMBER OF CYCLES AT 60 Hz Fig. 3 Peak Forward Surge Current 100
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
trr +0.5A
100
Device Under Test
(-)
Pulse Generator (Note 2)
0A
(+)
50V DC Approx
-0.25A
(-)
Oscilloscope (Note 1)
(+)
Notes: 1. Rise Time = 7.0ns max. Input Impedance = 1.0MW, 22pF. 2. Rise Time = 10ns max. Input Impedance = 50W.
-1.0A Set time base for 50/100 ns/cm
Fig. 5 Reverse Recovery Time Characteristic and Test Circuit
DS26008 Rev. 2 - 2
2 of 3 www.diodes.com
PR1001/L - PR1005/L
Ordering Information
Device PR1001-A PR1001-B PR1001-T PR1002-A PR1002-B PR1002-T PR1003-A PR1003-B PR1003-T PR1004-A PR1004-B PR1004-T PR1005-A PR1005-B PR1005-T PR1001L-T PR1002L-T PR1003L-T PR1004L-T PR1005L-T
Notes:
(Note 5) Packaging DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 DO-41 A-405 A-405 A-405 A-405 A-405 Shipping 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Ammo Pack 1K/Bulk 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch 5K/Tape & Reel, 13-inch
5. For packaging details, visit our website at http://www.diodes.com/datasheets/ap02008.pdf
DS26008 Rev. 2 - 2
3 of 3 www.diodes.com
PR1001/L - PR1005/L


▲Up To Search▲   

 
Price & Availability of PR1005L-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X