Part Number Hot Search : 
1N5818WB ABC3821 ADM205AN P2811B ADM205AN HC1G86 711HB A1212
Product Description
Full Text Search
 

To Download PPG312F-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PPG312F
12-BIT PROGRAMMABLE PULSE GENERATOR (SERIES PPG312F)
FEATURES
* * * * * * * * *
TRIG 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 VCC N/C OUT OUT/ N/C RES N/C N/C VCC A0 A1 A2 N/C N/C N/C N/C N/C A4 N/C VCC
data 3 (R) delay devices, inc.
PACKAGES
N/C N/C N/C N/C N/C N/C GND N/C N/C GND A3 A5 A6 A7 GND A8 A9 A10 A11
Digitally programmable in 4096 steps Monotonic pulse-width-vs-address variation Rising edge triggered Two separate outputs: inverting & non-inverting Precise and stable pulse width Input & outputs fully TTL interfaced & buffered 10 T2L fan-out capability Fits standard 40-pin DIP socket Auto-insertable
PPG312F-xx DIP PPG312F-xxC5 Gull-Wing PPG312F-xxM Military DIP PPG312F-xxMC5 Military Gull-Wing
FUNCTIONAL DESCRIPTION
The PPG312F-series device is a 12-bit digitally programmable pulse generator. The width, PWA, depends on the address code (A11-A0) according to the following formula: PWA = PW0 + TINC * A
PIN DESCRIPTIONS
TRIG Trigger Input OUT Non-inverted Output OUT/ Inverted Output A0-A11 Address Bits RES Reset VCC +5 Volts GND Ground
where A is the address code, TINC is the incremental pulse width of the device, and PW0 is the inherent pulse width of the device. The incremental width is specified by the dash number of the device and can range from 0.5ns through 400ns, inclusively. RESET is held LOW during normal operation. When it is brought HIGH, OUT and OUT/ are forced into LOW and HIGH states, respectively, and the unit is ready for the next trigger input. The address is not latched and must remain asserted while the output pulse is active.
SERIES SPECIFICATIONS
* * * * * * Programmed pulse width tolerance: 5% or 2ns, whichever is greater Inherent width (PW0): 20ns typical Inherent delay (TTO): 10ns 2ns Operating temperature: 0 to 70 C Supply voltage VCC: 5VDC 5% Supply current: ICC = 200ma typical
DASH NUMBER SPECIFICATIONS
Part Number PPG312F-.5 PPG312F-1 PPG312F-2 PPG312F-5 PPG312F-10 PPG312F-20 PPG312F-50 PPG312F-100 PPG312F-200 PPG312F-400 Incremental Width Per Step (ns) .5 .3 1 .5 2 .5 5 1.5 10 2.0 20 2.0 50 2.5 100 5.0 200 10.0 400 20.0 Total Width Change (us) 2.048 0.10 4.096 0.20 8.192 0.41 20.48 1.02 40.96 2.05 81.92 4.10 204.8 10.2 409.6 20.5 819.2 41.0 1,638.4 81.9
NOTE: Any dash number between .5 and 400 not shown is also available. (c)1997 Data Delay Devices
Doc #97008
1/15/97
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
1
PPG312F
APPLICATION NOTES
DEVICE TIMING
The timing definitions and restrictions for the PPG312F are shown in Figure 1. The unit is activated by a rising edge on the TRIG input. After a time, TTO (called the inherent delay), the rising edge of the pulse appears at OUT. The duration of the pulse is given by the above equation. For the duration of the pulse, the device ignores subsequent triggers. Once the falling edge of the pulse has appeared at OUT, an additional time, TOTR, is required before the device can respond to the next trigger. At power-up, the state of the PPG312F is unknown. Consequently, after power is applied, the unit may not respond to input triggers for a time equal to the maximum pulse width, PWT. After this time, the unit will function properly. If your application requires that the device function immediately, issue a quick reset at power-up.
POWER SUPPLY BYPASSING
The PPG312F relies on a stable power supply to produce repeatable pulses within the stated tolerances. A 0.1uf capacitor from VCC to GND, located as close as possible to each VCC pin, is recommended. A wide VCC trace should connect all VCC pins externally, and a clean ground plane should be used.
INCREMENT TOLERANCES
Please note that the increment tolerances listed represent a design goal. Although most increments will fall within tolerance, they are not guaranteed throughout the address range of the unit. Monotonicity is, however, guaranteed over all addresses.
A11-A0
Ai TRW TOAX TATS
Ai+1
RES TRTS TRIG TTO OUT TSKEW OUT/ Figure 1: Timing Diagram TRO TOTR PWA TTW
Doc #97008
1/15/97
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
2
PPG312F
DEVICE SPECIFICATIONS
TABLE 1: AC CHARACTERISTICS
PARAMETER Total Programmable Pulse Width Inherent Pulse Width Trigger to Output Delay Reset to Output Delay Output Skew Trigger Pulse Width Reset Pulse Width Reset to Trigger Setup Time Address to Trigger Setup Time Output Low to Address Change Output to Trigger Recovery Time SYMBOL PWT PW0 TTO TRO TSKEW TTW TRW TRTS TATS TOAX TOTR MIN 15.0 8.0 TYP 4095 20.0 10.0 1.5 5.0 10.0 9.0 6.0 0.0 10.0 MAX 27.0 12.0 17.0 UNITS TINC ns ns ns ns ns ns ns ns ns ns
TABLE 2: ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Supply Voltage Input Pin Voltage Storage Temperature Lead Temperature SYMBOL VCC VIN TSTRG TLEAD MIN -0.3 -0.3 -55 MAX 7.0 VDD+0.3 150 300 UNITS V V C C NOTES
10 sec
TABLE 3: DC ELECTRICAL CHARACTERISTICS
(0C to 70C, 4.75V to 5.25V) PARAMETER High Level Output Voltage Low Level Output Voltage High Level Output Current Low Level Output Current High Level Input Voltage Low Level Input Voltage Input Clamp Voltage Input Current at Maximum Input Voltage High Level Input Current Low Level Input Current Short-circuit Output Current Output High Fan-out Output Low Fan-out SYMBOL VOH VOL IOH IOL VIH VIL VIK IIHH IIH IIL IOS MIN 2.5 TYP 3.4 0.35 MAX UNITS V V mA mA V V V mA A mA mA Unit Load NOTES VCC = MIN, IOH = MAX VIH = MIN, VIL = MAX VCC = MIN, IOL = MAX VIH = MIN, VIL = MAX
0.5 -1.0 20.0
2.0 0.8 -1.2 0.1 20 -0.6 -150 25 12.5
VCC = MIN, II = IIK VCC = MAX, VI = 7.0V VCC = MAX, VI = 2.7V VCC = MAX, VI = 0.5V VCC = MAX
-60
Doc #97008
1/15/97
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
3
PPG312F
PACKAGE DIMENSIONS
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
.580 MAX. .010 .002
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
.650 MAX.
2.100 MAX. Lead Material: Nickel-Iron alloy 42 TIN PLATE
.320 MAX.
.015 TYP. .018 TYP. .100 TYP. .070 MAX.
DIP (PPG312F-xx, PPG312F-xxM)
.020 TYP.
.040 TYP.
.010.002
40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21
.710 .590 .005 MAX.
.882 .005 .007 .005
1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18 19 20
.090 1.100 2.080.020
.100
.320 MAX.
.050 .010
Gull-Wing (PPG312F-xxC5, PPG312F-xxMC5)
Doc #97008
1/15/97
DATA DELAY DEVICES, INC.
Tel: 973-773-2299 Fax: 973-773-9672 http://www.datadelay.com
4
PPG312F
DELAY LINE AUTOMATED TESTING
TEST CONDITIONS
INPUT: Ambient Temperature: 25oC 3oC Supply Voltage (Vcc): 5.0V 0.1V Input Pulse: High = 3.0V 0.1V Low = 0.0V 0.1V Source Impedance: 50 Max. Rise/Fall Time: 3.0 ns Max. (measured between 0.6V and 2.4V ) Pulse Width: PWIN = 10ns Period: PERIN = 2 x Max. Pulse Width OUTPUT: Load: Cload: Threshold: 1 FAST-TTL Gate 5pf 10% 1.5V (Rising & Falling)
NOTE: The above conditions are for test only and do not in any way restrict the operation of the device.
COMPUTER SYSTEM
PRINTER
REF PULSE GENERATOR OUT TRIG IN DEVICE UNDER TEST (DUT) OUT IN TRIG TIME INTERVAL COUNTER
Test Setup
PERIN PWIN TRISE INPUT SIGNAL
2.4V 1.5V 0.6V
TFALL VIH
2.4V 1.5V 0.6V
VIL
TTO OUTPUT SIGNAL
1.5V
PWA VOH
1.5V
VOL
Timing Diagram For Testing
Doc #97008
1/15/97
DATA DELAY DEVICES, INC.
3 Mt. Prospect Ave. Clifton, NJ 07013
5


▲Up To Search▲   

 
Price & Availability of PPG312F-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X