Part Number Hot Search : 
TYN408G BY550 MAX12 74479 ADL5371 P55N06L FX828 1N5226B
Product Description
Full Text Search
 

To Download PNZ150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Phototransistors
PNZ150 (PN150)
Silicon planar type
Unit: mm
For optical control systems
3.50.2 4.80.3 (2.4) (2.4)
4.50.3 Not soldered
4.20.3 (2.3) (1.9)
Features
* High sensitivity * Wide spectral sensitivity characteristics, suited for detecting GaAs LEDs * Low dark current * Side-view plastic mold type package
(2.8) 12.8 min.
(1.8)
(1.0)
2-0.980.2 10.0 min. 2-0.450.15 0.450.15
Absolute Maximum Ratings Ta = 25C
Parameter Collector-emitter voltage (Base open) Collector current Collector power dissipation Operating ambient temperature Storage temperature Symbol VCEO IC PC Topr Tstg Rating 20 20 100 -25 to +85 -30 to +100 Unit V mA mW C C
(R1.75)
(2.54)
(1.2)
1
2
1: Emitter 2: Collector LSTLR102-003 Package
Electrical-Optical Characteristics Ta = 25C 3C
Parameter Photocurrent Dark current Peak emission wavelength Half-power angle Rise time *2 Fall time
*2 *1
Symbol ICE(L) ICEO p tr tf VCE(sat) VCE = 10 V VCE = 10 V
Conditions VCE = 10 V, L = 500 lx
Min 1.0
Typ 3.0 0.01 800 35 4 4
Max
Unit mA A nm s s
1.00
The angle from which photocurrent becomes 50% VCC = 10 V, ICE(L) = 5 mA, RL = 100 ICE(L) = 1 mA, L = 1 000 lx
Collector-emitter saturation voltage *1
0.2
0.5
V
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7030 measuring methods for transistors. 2. Spectral sensitivity characteristics: Sensitivity for wave length over 400 nm maximum sensitivity ratio is 100%. 3. This device is designed be dis regarded radiation. 4. *1: Source: Tungsten (color temperature 2 856 K) *2: Switching time measurement circuit
Sig. in VCC (Input pulse) Sig. out RL (Output pulse) tr tf 90% 10% tr: Rise time tf: Fall time
50
Note) The part number in the parenthesis shows conventional part number.
Publication date: April 2004 SHE00018BED
1
PNZ150
PC Ta
120 20
ICE(L) VCE
Ta = 25C T = 2 856 K 102 VCE = 10 V Ta = 25C T = 2 856 K
ICE(L) L
Collector power dissipation PC (mW)
100
16
Photocurrent ICE(L) (mA)
80
12
1 750 lx 1 500 lx 1 250 lx 1 000 lx
Photocurrent ICE(L) (mA)
L = 2 000 lx
10
1
60
8 750 lx 4 500 lx 250 lx
40
10-1
20
10-2
0 -20
0
20
40
60
80
100
0
100 lx 0 4 8 12 16 20 24
10-3
1
10
102
103
104
Ambient temperature Ta (C)
Collector-emitter voltage VCE (V)
Illuminance L (lx)
ICE(L) Ta
102 VCE = 10 V T = 2 856 K 10 VCE = 10 V
ICEO Ta
Spectral sensitivity characteristics
100 VCE = 10 V Ta = 25C
80
Photocurrent ICE(L) (mA)
Dark current ICEO (A)
1
Relative sensitivity S (%)
60
L = 1 000 lx 10 500 lx
10 -1
40
10 -2
20
1 -40
0
40
80
120
10 -3 -40
0
40
80
120
0 200
400
600
800
1 000
1 200
Ambient temperature Ta (C)
Ambient temperature Ta (C)
Wavelength (nm)
Directivity characteristics
0 10 100
20 104
tr ICE(L)
VCC = 10 V Ta = 25C 104
tf ICE(L)
VCC = 10 V Ta = 25C
80
Relative sensitivity S (%)
30
103
103
Rise time tr (s)
60
40 50 60 70 80 90
102 RL = 1 k 10 500 100
Fall time tf (s)
102 RL = 1 k 10 500 100 1
40
20
1
10-1 -2 10
10-1
1
10
102
10-1 -2 10
10-1
1
10
102
Photocurrent ICE(L) (mA)
Photocurrent ICE(L) (mA)
2
SHE00018BED
Request for your special attention and precautions in using the technical information and semiconductors described in this material
(1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technical information described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuits examples of the products. It neither warrants non-infringement of intellectual property right or any other rights owned by our company or a third party, nor grants any license. (3) We are not liable for the infringement of rights owned by a third party arising out of the use of the technical information as described in this material. (4) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (5) The products and product specifications described in this material are subject to change without notice for modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (6) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage, and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. Measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (7) When using products for which damp-proof packing is required, observe the conditions (including shelf life and amount of time let standing of unsealed items) agreed upon when specification sheets are individually exchanged. (8) This material may be not reprinted or reproduced whether wholly or partially, without the prior written permission of Matsushita Electric Industrial Co., Ltd.
2003 SEP


▲Up To Search▲   

 
Price & Availability of PNZ150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X