Part Number Hot Search : 
28F800 SAA2023 SMB10 ESJC07 SAA2023 ESJC07 R1100 H2014
Product Description
Full Text Search
 

To Download PMWD16UN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
Rev. 02 -- 24 March 2005 Product data sheet
1. Product profile
1.1 General description
Dual N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOSTM technology.
1.2 Features
s Surface mounting package s Very low threshold voltage s Low profile s Fast switching
1.3 Applications
s Portable appliances s Battery management s PCMCIA cards s Load switching
1.4 Quick reference data
s VDS 20 V s Ptot 3.1 W s ID 9.9 A s RDSon 19 m
2. Pinning information
Table 1: Pin 1 2, 3 4 5 6, 7 8 Pinning Description drain1 (D1) source1 (S1) gate1 (G1) gate2 (G2) source2 (S2) drain2 (D2)
1 4
S1 G1 S2 G2
msd901
Simplified outline
8 5
Symbol
D1
D2
SOT530-1 (TSSOP8)
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
3. Ordering information
Table 2: Ordering information Package Name PMWD16UN TSSOP8 Description plastic thin shrink small outline package; 8 leads; body width 4.4 mm Version SOT530-1 Type number
4. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VDGR VGS ID IDM Ptot Tstg Tj IS ISM
[1]
Conditions 25 C Tj 150 C 25 C Tj 150 C; RGS = 20 k Tsp = 25 C; VGS = 4.5 V; Figure 2 and 3 Tsp = 100 C; VGS = 4.5 V; Figure 2 Tsp = 25 C; pulsed; tp 10 s; Figure 3 Tsp = 25 C; Figure 1
[1] [1] [1] [1]
Min -55 -55
[1] [1]
Max 20 20 10 9.9 5.9 39.5 3.1 +150 +150 2.6 10
Unit V V V A A A W C C A A
drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage drain current (DC) peak drain current total power dissipation storage temperature junction temperature
Source-drain diode source (diode forward) current (DC) Tsp = 25 C peak source (diode forward) current Tsp = 25 C; pulsed; tp 10 s
Single device conducting.
-
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
2 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
120 Pder (%) 80
03aa17
120 Ider (%) 80
03aa25
40
40
0 0 50 100 150 Tsp (C) 200
0 0 50 100 150 Tsp (C) 200
P tot P der = ------------------------ x 100 % P
tot ( 25 C )
VGS 4.5 V
ID I der = -------------------- x 100 % I
D ( 25 C )
Fig 1. Normalized total power dissipation as a function of solder point temperature
102 ID (A) 10 Limit RDSon = VDS / ID
Fig 2. Normalized continuous drain current as a function of solder point temperature
003aaa359
tp = 10 s 1 ms 10 ms
1
DC
100 ms 1s
10-1
10-2 10-1
1
10 VDS (V)
102
Tsp = 25 C; IDM is single pulse
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
3 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
5. Thermal characteristics
Table 4: Rth(j-sp) Rth(j-a) Thermal characteristics Conditions Figure 4 mounted on a printed-circuit board; minimum footprint; vertical in still air Min Typ 100 Max 40 Unit K/W K/W thermal resistance from junction to solder point thermal resistance from junction to ambient Symbol Parameter
102 Zth(j-sp) (K/W)
003aaa267
= 0.5 0.2 0.1 0.05 0.02
= tp T
10
1 single pulse
P
tp
t T
10-1 10-4
10-3
10-2
10-1
1
10
tp (s)
102
Fig 4. Transient thermal impedance from junction to solder point as a function of pulse duration
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
4 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
6. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol V(BR)DSS Parameter drain-source breakdown voltage Conditions ID = 250 A; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) IDSS gate-source threshold voltage drain-source leakage current ID = 1 mA; VDS = VGS; Figure 9 and 10 VDS = 20 V; VGS = 0 V Tj = 25 C Tj = 150 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 10 V; VDS = 0 V VGS = 4.5 V; ID = 3.5 A; Figure 7 and 8 Tj = 25 C Tj = 150 C VGS = 1.8 V; ID = 3.5 A; Figure 7 and 8 VGS = 2.5 V; ID = 3.5 A; Figure 7 and 8 Dynamic characteristics Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VSD trr Qr total gate charge gate-source charge gate-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain (diode forward) voltage IS = 4 A; VGS = 0 V; Figure 12 reverse recovery time recovered charge IS = 4 A; dIS/dt = -100 A/s; VGS = 0 V; VR = 20 V VDS = 10 V; RL = 10 ; VGS = 4.5 V; RG = 6 VGS = 0 V; VDS = 16 V; f = 1 MHz; Figure 11 ID = 4 A; VDS = 16 V; VGS = 4.5 V; Figure 13 23.6 2.1 6.7 339 239 14 22 56 33 0.67 45 33 1.2 nC nC nC pF pF pF ns ns ns ns V ns nC 16 27 22 18 19 32 30 22 m m m m 1 100 100 A A nA 20 18 0.45 0.7 V V V Min Typ Max Unit Static characteristics
1366 -
Source-drain diode
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
5 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
10 ID (A) 8 4.5 1.8
003aaa268
10 ID (A) 8
003aaa269
VGS (V)= 1.3 6 6
Tj = 150 C 25 C
4
1.2
4
2
1.1 1.0
2
0 0 0.2 0.4 0.6 0.8 1 VDS (V)
0 0 0.5 1 1.5 VGS (V) 2
Tj = 25 C
Tj = 25 C and 150 C; VDS > ID x RDSon
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values
003aaa270
Fig 6. Transfer characteristics: drain current as a function of gate-source voltage; typical values
2 a 1.5
03aa27
80 RDSon (m) 60
1.1
1.2
1.3
40
1
20
VGS (V) = 1.8
0.5
2.5 4.5 0 0 2 4 6 8 ID (A) 10
0 -60
0
60
120
Tj (C)
180
Tj = 25 C
R DSon a = ----------------------------R DSon ( 25 C ) Fig 8. Normalized drain-source on-state resistance factor as a function of junction temperature
Fig 7. Drain-source on-state resistance as a function of drain current; typical values
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
6 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
1.2 VGS(th)
03aj65
10-3 ID (A)
03aj64
(V)
0.9 max
10-4 typ 0.6 min 0.3 10-5 min typ max
0 -60
10-6 0 60 120 Tj (C) 180 0 0.2 0.4 0.6 0.8 1 VGS (V)
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = 5 V
Fig 9. Gate-source threshold voltage as a function of junction temperature
104 C (pF)
003aaa271
Fig 10. Sub-threshold drain current as a function of gate-source voltage
10 IS (A) 8
003aaa272
Ciss 103
6
150 C
4
Tj = 25 C
Coss Crss 102 10-1
2
1
10 VDS (V)
102
0 0 0.2 0.4 0.6 0.8 VSD (V) 1
VGS = 0 V; f = 1 MHz
Tj = 25 C and 150 C; VGS = 0 V
Fig 11. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values
Fig 12. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
7 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
5 VGS (V) 4
003aaa273
3
2
1
0 0 5 10 15 20 25 QG (nC)
ID = 4 A; VDD = 16 V
Fig 13. Gate-source voltage as a function of gate charge; typical values
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
8 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
7. Package outline
TSSOP8: plastic thin shrink small outline package; 8 leads; body width 4.4 mm SOT530-1
E D
A X
c y HE Z vMA
8
5
A2 A1 pin 1 index Lp L detail X
(A3)
A
1
e bp
4
wM
0
2.5 scale
5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A max. 1.1 A1 0.15 0.05 A2 0.95 0.85 A3 0.25 bp 0.30 0.19 c 0.20 0.13 D(1) 3.1 2.9 E(2) 4.5 4.3 e 0.65 HE 6.5 6.3 L 0.94 Lp 0.7 0.5 v 0.1 w 0.1 y 0.1 Z(1) 0.70 0.35 8 0
Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm maximum per side are not included. OUTLINE VERSION SOT530-1 REFERENCES IEC JEDEC MO-153 JEITA EUROPEAN PROJECTION ISSUE DATE 00-02-24 03-02-18
Fig 14. Package outline SOT530-1 (TSSOP8)
9397 750 14724 (c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
9 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
8. Revision history
Table 6: Revision history Release date 20050324 Data sheet status Product data sheet Change notice Doc. number 9397 750 14724 Supersedes PMWD16UN-01 Document ID PMWD16UN_2 Modifications:
* * * * * * *
The format of this data sheet has been redesigned to comply with the new presentation and information standard of Philips Semiconductors. ID and Ptot data revised in Section 1.4 "Quick reference data". ID, IDM, Ptot, IS and ISM data revised in Table 3 "Limiting values". Figure 3 revised in Section 4 "Limiting values". Rth(j-sp) data revised in Table 4 "Thermal characteristics". Figure 4 revised in Section 5 "Thermal characteristics" Figure 5, 7 and 12 revised in Section 6 "Characteristics" Product data 9397 750 10831 -
PMWD16UN-01
20021220
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
10 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
9. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
10. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
12. Trademarks
TrenchMOS -- is a trademark of Koninklijke Philips Electronics N.V.
11. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
13. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14724
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 -- 24 March 2005
11 of 12
Philips Semiconductors
PMWD16UN
Dual N-channel TrenchMOSTM ultra low level FET
14. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information . . . . . . . . . . . . . . . . . . . . 11
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 24 March 2005 Document number: 9397 750 14724
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PMWD16UN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X