Part Number Hot Search : 
T54ACS T54ACS 74HC138D AP2304AN HY5DU56 HY5DU56 X6959D 1PS184
Product Description
Full Text Search
 

To Download PMKC03-48S33 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VER:03
1
/
3
* 3 WATTS REGULATED OUTPUT POWER * 2:1 WIDE INPUT VOLTAGE RANGE * INTERNATIONAL SAFETY STANDARD APPROVAL * INCLUDE 3.3VDC OUTPUT * HIGH EFFICIENCY UP TO 80% * STANDARD 24 PIN DIP PACKAGE & SMD TYPE PACKAGE * DUAL SEPARATE OUTPUT
UL E193009 TUV CB CE MARK
The PMKC03 series offer 3 watts of output power from a package in an IC compatible 24pin DIP configuration without derating to 71C ambient temperature. PMKC03 series have 2:1 wide input voltage of 4.5-6, 9-18, 18-36 and 36-75VDC. The PMKC03 features 1600VDC of isolation, short-circuit protection. All models are particularly suited to telecommunications, industrial, mobile telecom and test equipment applications.
T E C H N I C A L S P E C I F I C AT I O N
OUTPUT SPECIFICATIONS
Output power Voltage accuracy Minimum load (Note 1) Line regulation LL to HL at Full Load DS 25% to 100% FL Single Dual DS Full load and nominal Vin
All specifications are typical at nominal input, full load and 25C otherwise noted
GENERAL SPECIFICATIONS
3 Watts max 1% 10% of FL 0.2% 0.5% 0.2% 2% 0.5% 5% Efficiency Input to Output Isolation voltage DS Type, Output to Output Isolation resistance Isolation capacitance Switching frequency Approvals and standard Case material Base material Potting material Dimensions Weight MTBF (Note 3) DIP SMD See table 1600VDC, min 500VDC, min 10 ohms, min 300pF, max 100KHz, min IEC60950-1, UL1950-1, EN60950-1 Non-conductive black plastic Non-conductive black plastic Epoxy (UL94-V0) 1.25 X 0.80 X 0.40 Inch (31.8 X 20.3 X 10.2 mm) 14g (0.48oz) 15g (0.52oz) 3.706 x 10 hrs
6 9
Load regulation
Cross regulation (Dual) Asymmetrical load 25% / 100% FL Ripple and noise Temperature coefficient 20MHz bandwidth
3.3V/5V 75mVp-p others 1%/p-p of Vout max 0.02% / C, max 500uS 180% typ
Transient response recovery time 25% load step change Over load protection Short circuit protection % of FL at nominal input
Continuous, automatics recovery
INPUT SPECIFICATIONS
Input voltage range Input filter Input surge voltage 100mS max Input reflected ripple (Note2) Start up time 5V input 12V input 24V input 48V input Nominal Vin and full load Nominal Vin and constant resistive load Power up 5V nominal input 12V nominal input 24V nominal input 48V nominal input 4.5 - 6VDC 9 - 18VDC 18 - 36VDC 36 - 75VDC Pi type 15VDC 36VDC 50VDC 100VDC 120mAp-p 30mS typ
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range Storage temperature range Thermal shock Vibration Relative humidity -25C ~ +71C -55C ~ +105C MIL-STD-810D 10~55Hz, 10G, 30minutes along X,Y and Z 5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions Radiated emissions ESD Radiated immunity EN55022 EN55022 EN61000-4-2 EN61000-4-3 EN61000-4-4 EN61000-4-5 EN61000-4-6 Class A Class A Perf. Criteria B Perf. Criteria A Perf. Criteria B Perf. Criteria B Perf. Criteria A
OUTPUT POWER (%)
PMKC03-48S05 Derating Curve
100
Fast transient Surge Conducted immunity
75 50 25 0 -40-25-10 0 50 60 70 80 90 100
Nature convection
AMBIENT TEMPERATURE (C)
VER:03
Model Number
PMKC03-05S33 PMKC03-05S05 PMKC03-05S12 PMKC03-05S15 PMKC03-05D05 PMKC03-05D12 PMKC03-05D15 PMKC03-05DS05 PMKC03-05DS12 PMKC03-05DS15 PMKC03-12S33 PMKC03-12S05 PMKC03-12S12 PMKC03-12S15 PMKC03-12D05 PMKC03-12D12 PMKC03-12D15 PMKC03-12DS05 PMKC03-12DS12 PMKC03-12DS15 PMKC03-24S33 PMKC03-24S05 PMKC03-24S12 PMKC03-24S15 PMKC03-24D05 PMKC03-24D12 PMKC03-24D15 PMKC03-24DS05 PMKC03-24DS12 PMKC03-24DS15 PMKC03-48S33 PMKC03-48S05 PMKC03-48S12 PMKC03-48S15 PMKC03-48D05 PMKC03-48D12 PMKC03-48D15 PMKC03-48DS05 PMKC03-48DS12 PMKC03-48DS15
2
/
(6)
3
Input Range
4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 4.5 - 6 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 9 - 18 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 18 - 36 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC 36 - 75 VDC
Output Voltage
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
V1:5 VDC;V2:5 VDC V1:12 VDC;V2: 12VDC V1:15 VDC;V2:15 VDC
Output Current
600mA 600mA 250mA 200mA 300mA 125mA 100mA
V1:300mA; V2:300mA V1:125mA; V2:125mA V1:100mA; V2:100mA
Input Current
609mA 857mA 845mA 845mA 870mA 845mA 845mA 870mA 845mA 870mA 252mA 352mA 334mA 334mA 357mA 334mA 334mA 357mA 334mA 334mA 126mA 174mA 165mA 165mA 174mA 167mA 164mA 174mA 167mA 164mA 61mA 88mA 84mA 84mA 86mA 84mA 84mA 86mA 84mA 84mA
(4)
Eff (%)
69 74 75 75 73 75 75 73 75 73 70 75 79 79 74 79 79 74 79 79 70 76 80 80 76 79 80 76 79 80 72 75 79 79 77 79 79 77 79 79
(5)
Capacitor Load max
2200uF 1000uF 170uF 110uF 500uF 96uF 47uF
V1:500uF;V2:500uF V1:96uF;V2:96uF V1:47uF;V2:47uF
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
V1:5 VDC;V2:5 VDC V1:12 VDC;V2: 12VDC V1:15 VDC;V2:15 VDC
600mA 600mA 250mA 200mA 300mA 125mA 100mA
V1:300mA; V2:300mA V1:125mA; V2:125mA V1:100mA; V2:100mA
2200uF 1000uF 170uF 110uF 500uF 96uF 47uF
V1:500uF;V2:500uF V1:96uF;V2:96uF V1:47uF;V2:47uF
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
V1:5 VDC;V2:5 VDC V1:12 VDC;V2: 12VDC V1:15 VDC;V2:15 VDC
600mA 600mA 250mA 200mA 300mA 125mA 100mA
V1:300mA; V2:300mA V1:125mA; V2:125mA V1:100mA; V2:100mA
2200uF 1000uF 170uF 110uF 500uF 96uF 47uF
V1:500uF;V2:500uF V1:96uF;V2:96uF V1:47uF;V2:47uF
3.3 VDC 5 VDC 12 VDC 15 VDC 5 VDC 12 VDC 15 VDC
V1:5 VDC;V2:5 VDC V1:12 VDC;V2: 12VDC V1:15 VDC;V2:15 VDC
600mA 600mA 250mA 200mA 300mA 125mA 100mA
V1:300mA; V2:300mA V1:125mA; V2:125mA V1:100mA; V2:100mA
2200uF 1000uF 170uF 110uF 500uF 96uF 47uF
V1:500uF;V2:500uF V1:96uF;V2:96uF V1:47uF;V2:47uF
Note
1. 2. 3. 4. 5. 6. The PMKC03 series required a minimum 10% loading on the output to maintain specified regulation. Operation under no-load condition will not damage these devices, however they may not meet all listed specification Please add an external filter at converter input terminals when measuring input reflected ripple, as figure 1. L: Simulated source impedance of 12uH C: Nippon chemi-con KMF series 47uF/100V BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40C. (Ground fixed and controlled environment) Maximum value at nominal input voltage and full load of standard type. Typical value at nominal input voltage and full load. Test by minimum Vin and constant resistive load.
Figure 1
VER:03
3
/
3
0.02(0.5)
0.90 (22.9)
24
1
1.25 (31.8)
0.10 (2.5)
0.15 (3.81)
24 23 22
1 2 3
0.92(23.4)
0.10 (2.54)
0.08(2.0)
Pin size is 0.02(0.5) Dia or 0.01 x 0.02 (0.25 x 0.50) Rectangular pin
Suffix-SMD
1.00(25.4) 0.44(11.2) 0.43(10.9)
20
BOTTOM VIEW
5
0.60(15.2) 0.80(20.3)
0.15 (3.8)
0.40 (10.2)
Pin Area 0.04 x 0.02 (1.0 x 0.5)
13
12
0.80(20.3)
All dimensions in inches(mm) Tolerance : x.xx0.02(x.x0.5) x.xxx0.01(x.xx0.25) Pin pitch tolerance 0.014(0.35)
DIP PIN CONNECTION
PIN 1 2 3 10 11 12 SINGLE DUAL DS + INPUT - V1 out + V1 out - V2 out + V2 out - INPUT PIN 24 23 22 15 14 13 SINGLE DUAL DS + INPUT - V1 out + V1 out - V2 out + V2 out - INPUT + INPUT + INPUT NC - OUTPUT NC COMMON -OUTPUT COMMON +OUTPUT +OUTPUT - INPUT - INPUT + INPUT + INPUT NC - OUTPUT NC COMMON - OUTPUT COMMON +OUTPUT +OUTPUT - INPUT - INPUT
SMD PIN CONNECTION
PIN SINGLE DUAL DS + INPUT - V1 out + V1 out - V2 out + V2 out - INPUT NC PIN SINGLE DUAL DS + INPUT - V1 out + V1 out - V2 out + V2 out - INPUT NC 1 + INPUT + INPUT 2 NC - OUTPUT 3 NC COMMON 10 -OUTPUT COMMON 11 +OUTPUT +OUTPUT 12 - INPUT - INPUT Others NC NC 24 + INPUT + INPUT 23 NC - OUTPUT 22 NC COMMON 15 -OUTPUT COMMON 14 +OUTPUT +OUTPUT 13 - INPUT - INPUT Others NC NC
0.25 (6.35)
15 14 13
10 11 12
16
9
1.26 (32.0)


▲Up To Search▲   

 
Price & Availability of PMKC03-48S33

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X