Part Number Hot Search : 
2SD1769 L201E8 HD14016B UC2844 2N6074B MC7912 40128 NTE3074
Product Description
Full Text Search
 

To Download PMEGXX10EJ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03 -- 11 April 2005 Product data sheet
1. Product profile
1.1 General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifiers.
Table 1: Product overview Package Philips PMEG2010EH PMEG3010EH PMEG4010EH PMEG2010EJ PMEG3010EJ PMEG4010EJ SOD323F SC-90 single diode SOD123F JEITA single diode Configuration
Type number
1.2 Features
s Forward current: 1 A s Very low forward voltage
1.3 Applications
s Low voltage rectification s High efficiency DC-to-DC conversion s Inverse polarity protection s Low power consumption applications
1.4 Quick reference data
Table 2: IF VR Quick reference data Conditions Tsp 55 C Min IF = 1000 mA
[1]
Symbol Parameter forward current reverse voltage PMEG2010EH, PMEG2010EJ PMEG3010EH, PMEG3010EJ PMEG4010EH, PMEG4010EJ VF forward voltage PMEG2010EH, PMEG2010EJ PMEG3010EH, PMEG3010EJ PMEG4010EH, PMEG4010EJ
[1] Pulse test: tp 300 s; 0.02.
Typ 420 450 540
Max 1 20 30 40 500 560 640
Unit A V V V mV mV mV
-
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
2. Pinning information
Table 3: Pin 1 2 Pinning Description cathode anode
[1]
Simplified outline
Symbol
1 2
sym001
1
001aab540
2
[1]
The marking bar indicates the cathode.
3. Ordering information
Table 4: Ordering information Package Name PMEG2010EH PMEG3010EH PMEG4010EH PMEG2010EJ PMEG3010EJ PMEG4010EJ SC-90 plastic surface mounted package; 2 leads SOD323F Description plastic surface mounted package; 2 leads Version SOD123F Type number
4. Marking
Table 5: Marking codes Marking code A9 AA AB AH AK AL Type number PMEG2010EH PMEG3010EH PMEG4010EH PMEG2010EJ PMEG3010EJ PMEG4010EJ
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
2 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
5. Limiting values
Table 6: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VR reverse voltage PMEG2010EH, PMEG2010EJ PMEG3010EH, PMEG3010EJ PMEG4010EH, PMEG4010EJ IF IFRM IFSM Ptot forward current repetitive peak forward current Tsp 55 C tp 1 ms; 0.25 20 30 40 1 7 9 V V V A A A Conditions Min Max Unit
non-repetitive peak forward current square wave; tp = 8 ms total power dissipation SOD123F SOD323F Tamb 25 C
[1] [2] [1] [2]
-65 -65
375 830 350 830 150 +150 +150
mW mW mW mW C C C
Tj Tamb Tstg
[1] [2]
junction temperature ambient temperature storage temperature
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint. Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
6. Thermal characteristics
Table 7: Symbol Rth(j-a) Thermal characteristics Parameter Conditions
[1]
Min
Typ
Max
Unit
thermal resistance from junction in free air to ambient SOD123F SOD323F
[2] [3] [2] [3]
-
-
330 150 350 150
K/W K/W K/W K/W
Rth(j-sp)
thermal resistance from junction to solder point SOD123F SOD323F 60 55 K/W K/W
[1]
Schottky barrier rectifier thermal run-away has to be considered, as in some applications the reverse power losses PR are a significant part of the total power losses. Nomograms for determining the reverse power losses PR and IF(AV) rating are available on request. Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint. Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
[2] [3]
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
3 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
7. Characteristics
Table 8: Characteristics Tamb = 25 C unless otherwise specified. Symbol Parameter VF forward voltage PMEG2010EH, PMEG2010EJ IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 100 mA IF = 500 mA IF = 1000 mA PMEG3010EH, PMEG3010EJ IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 100 mA IF = 500 mA IF = 1000 mA PMEG4010EH, PMEG4010EJ IF = 0.1 mA IF = 1 mA IF = 10 mA IF = 100 mA IF = 500 mA IF = 1000 mA IR reverse current PMEG2010EH, PMEG2010EJ PMEG3010EH, PMEG3010EJ PMEG4010EH, PMEG4010EJ Cd diode capacitance PMEG2010EH, PMEG2010EJ PMEG3010EH, PMEG3010EJ PMEG4010EH, PMEG4010EJ
[1] Pulse test: tp 300 s; 0.02.
Conditions
[1]
Min -
Typ 90 150 210 280 355 420 90 150 215 285 380 450 95 155 220 295 420 540 15 40 12 40 7 30
Max 130 190 240 330 390 500 130 200 250 340 430 560 130 210 270 350 470 640 40 200 30 150 20 100
Unit mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV mV A A A A A A
VR = 10 V VR = 20 V VR = 10 V VR = 30 V VR = 10 V VR = 40 V VR = 1 V; f = 1 MHz
-
66 55 43
80 70 50
pF pF pF
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
4 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
103 IF (mA) 102
006aaa247
IR (A)
105 104 103
(1) (2) (3)
006aaa248
10
(1)
(2)
(3)
(4)
(5)
102 10
(4)
1
1 10-1 10-2
(5)
10-1
10-2 0 0.1 0.2 0.3 0.4 VF (V) 0.5
10-3 0 4 8 12 16 VR (V) 20
(1) Tamb = 150 C (2) Tamb = 125 C (3) Tamb = 85 C (4) Tamb = 25 C (5) Tamb = -40 C
(1) Tamb = 150 C (2) Tamb = 125 C (3) Tamb = 85 C (4) Tamb = 25 C (5) Tamb = -40 C
Fig 1. PMEG2010EH, PMEG2010EJ: Forward current as a function of forward voltage; typical values
120 Cd (pF) 80
Fig 2. PMEG2010EH, PMEG2010EJ: Reverse current as a function of reverse voltage; typical values
006aaa249
40
0 0 4 8 12 16 VR (V) 20
Tamb = 25 C; f = 1 MHz
Fig 3. PMEG2010EH, PMEG2010EJ: Diode capacitance as a function of reverse voltage; typical values
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
5 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
103 IF (mA) 102
006aaa250
IR (A)
105
(1)
006aaa251
104 103
(2) (3)
10
(1)
(2)
(3)
(4)
(5)
102 10
(4)
1
1 10-1 10-2
(5)
10-1
10-2 0 0.1 0.2 0.3 0.4 VF (V) 0.5
10-3 0 10 20 VR (V) 30
(1) Tamb = 150 C (2) Tamb = 125 C (3) Tamb = 85 C (4) Tamb = 25 C (5) Tamb = -40 C
(1) Tamb = 150 C (2) Tamb = 125 C (3) Tamb = 85 C (4) Tamb = 25 C (5) Tamb = -40 C
Fig 4. PMEG3010EH, PMEG3010EJ: Forward current as a function of forward voltage; typical values
120 Cd (pF) 80
Fig 5. PMEG3010EH, PMEG3010EJ: Reverse current as a function of reverse voltage; typical values
006aaa252
40
0 0 10 20 VR (V) 30
Tamb = 25 C; f = 1 MHz
Fig 6. PMEG3010EH, PMEG3010EJ: Diode capacitance as a function of reverse voltage; typical values
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
6 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
103 IF (mA) 102
006aaa253
IR (A)
105
(1)
006aaa254
104 103
(2) (3)
10
(1)
(2)
(3)
(4)
(5)
102 10
(4)
1
1 10-1 10-2
(5)
10-1
10-2 0 0.1 0.2 0.3 0.4 0.5 0.6 VF (V)
10-3 0 10 20 30 VR (V) 40
(1) Tamb = 150 C (2) Tamb = 125 C (3) Tamb = 85 C (4) Tamb = 25 C (5) Tamb = -40 C
(1) Tamb = 150 C (2) Tamb = 125 C (3) Tamb = 85 C (4) Tamb = 25 C (5) Tamb = -40 C
Fig 7. PMEG4010EH, PMEG4010EJ: Forward current as a function of forward voltage; typical values
100 Cd (pF) 80
Fig 8. PMEG4010EH, PMEG4010EJ: Reverse current as a function of reverse voltage; typical values
006aaa255
60
40
20
0 0 10 20 30 VR (V) 40
Tamb = 25 C; f = 1 MHz
Fig 9. PMEG4010EH, PMEG4010EJ: Diode capacitance as a function of reverse voltage; typical values
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
7 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
8. Package outline
1.7 1.5 1 0.55 0.35 3.6 3.4 2.7 2.5 2.7 2.3 1.8 1.6 1.2 1.0 1.35 1.15 1 0.5 0.3 0.80 0.65
2 0.70 0.55 Dimensions in mm 0.25 0.10 04-11-29 Dimensions in mm
2 0.40 0.25 0.25 0.10 04-09-13
Fig 10. Package outline SOD123F
Fig 11. Package outline SOD323F (SC-90)
9. Packing information
Table 9: Packing methods The indicated -xxx are the last three digits of the 12NC ordering code. [1] Type number PMEGxx10EH PMEGXX10EJ
[1]
Package SOD123F SOD323F
Description 4 mm pitch, 8 mm tape and reel
Packing quantity 3000 -115 10000 -135
For further information and the availability of packing methods, see Section 15.
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
8 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
10. Soldering
4.4 4 2.9 1.6 solder lands solder resist 2.1 1.6 1.1 1.2 solder paste occupied area 1.1 (2x)
Reflow soldering is the only recommended soldering method. Dimensions in mm
Fig 12. Reflow soldering footprint SOD123F
3.05 2.80 2.10 1.60
solder lands solder resist
1.65
0.95
0.50
0.60 occupied area solder paste
0.50 (2x)
msa433
Reflow soldering is the only recommended soldering method. Dimensions in mm
Fig 13. Reflow soldering footprint SOD323F (SC-90)
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
9 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
11. Revision history
Table 10: Revision history Release date Data sheet status 20050411 Product data sheet Change notice Doc. number Supersedes 9397 750 14817 PMEGXX10EJ_SER_2 Document ID PMEGXX10EH_EJ_ SER_3 Modifications:
* *
Types PMEG2010EH, PMEG3010EH, PMEG4010EH added Table 6 Ptot values for SOD323F added Product data sheet 9397 750 14228 PMEGXX10EJ_SER_1 9397 750 13596 Objective data sheet -
PMEGXX10EJ_SER_2 20050131 PMEGXX10EJ_SER_1 20040907
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
10 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
12. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
13. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
14. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
15. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 14817
(c) Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 -- 11 April 2005
11 of 12
Philips Semiconductors
PMEGxx10EH/EJ series
1 A very low VF MEGA Schottky barrier rectifiers
16. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Thermal characteristics. . . . . . . . . . . . . . . . . . . 3 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 8 Packing information. . . . . . . . . . . . . . . . . . . . . . 8 Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information . . . . . . . . . . . . . . . . . . . . 11
(c) Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 11 April 2005 Document number: 9397 750 14817
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PMEGXX10EJ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X