Part Number Hot Search : 
PLHS501A 25AA1 SPR1602C CDRH3D16 C5030F0 60R099 1N5956B NR4018
Product Description
Full Text Search
 

To Download PME264NE6100MR30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PME264
* EMI suppressor, class X2, metallized paper * 0.001 - 0.1 F, 660 VAC, +85 C
* Self-extinguishing encapsulation. * High dU/dt capability. * Excellent self-healing properties. Ensures long life even when subjected to frequent overvoltages. * Good resistance to ionisation due to impregnated dielectric. * The capacitors meet the most stringent IEC humidity class, 56 days. * The impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation.
L
TYPICAL APPLICATIONS
High AC and DC voltage applications, such as - commutator capacitor in converters - high voltage DC-capacitor in TV sets - ignition circuits.
B
CONSTRUCTION
Multi-layer metallized paper. Encapsulated and impregnated in self-extinguishing material meeting the requirements of UL 94V-0.
H
p 0.5 d
TECHNICAL DATA
Rated voltage 660 VAC 50/60 Hz 1500 VDC (1600 VDC, + 50C) 0.001 - 0.1 F 20% -40 to +85C 40/085/56/B S, UL
d = 0.8 for p = 15.2 and 20.3 1.0 for p = 25.4 l = standard: 30 +5/-0 mm option: short leads, tolerance +0/-1 mm (standard 6 mm, code R06) Other lead lengths on request
Capacitance range Capacitance tolerance Temperature range Climatic category IEC Approvals
Dissipation factor tan Insulation resistance
1.3 % at 1 kHz 12000 M Measured at 500 VDC after 60 s, +23C The 100% screening factory test is carried out at 3000 VDC. The voltage level is selected to meet the requirements in applicable equipment standards.
Test voltage between terminals
ENVIRONMENTAL TEST DATA
Vibration IEC 60068-2-6 Test Fc IEC 60068-2-29 Test Eb IEC 60068-2-20 Test Ta 3 directions at 2 hour each, No visible damage 10 - 500 Hz at 0.75 mm or 98 m/s2 No open or short circuit 4000 bumps at 390 m/s2 No visible damage No open or short circuit Wetting time for d 0.8 < 1 s for d > 0.8 < 1.5 s
Bump
Solderability
Solder globule method
Active flammability Passive flammability
EN 132400 IEC 60384-14 (1993) EN 132400 IEC 60068-2-3 Test Ca +40C and 90 - 95% R.H. 56 days
Humidity
160
l
PME264 ARTICLE TABLE
F 0.0010 0.0015 0.0022 0.0033 0.0047 0.0068 0.010 0.015 0.022 0.033 0.047 0.068 0.10
B 5.2 5.2 5.2 5.2 5.2 7.3 7.3 7.6 9.0 11.3 10.5 12.1 15.3
H 10.5 10.5 10.5 10.5 10.5 13.0 13.0 14.0 15.0 16.5 17.0 19.0 22.0
L 18.5 18.5 18.5 18.5 18.5 19.0 19.0
p 15.2 15.2 15.2 15.2 15.2 15.2 15.2
g 1.7 1.7 1.7 1.7 1.7 3.0 3.0 4.0 5.0 7.0 8.5 10.0 15.0
V/s 2000 2000 2000 2000 2000 1400 1400 1400 1400 1000 1000 1000 600 PME264NB4100MR30 PME264NB4150MR30 PME264NB4220MR30 PME264NB4330MR30 PME264NB4470MR30 PME264NB4680MR30 PME264NB5100MR30 PME264NC5150MR30 PME264NC5220MR30 PME264NC5330MR30 PME264NE5470MR30 PME264NE5680MR30 PME264NE6100MR30
500 500 500 500 500 400 400 250 200 150 100 100 75
1000 1000 1000 1000 1000 800 800 1500 1200 1000 1000 800 600
600 600 600 600 600 400 400 250 250 180
24.0 20.3 24.0 20.3 24.0 20.3 30.5 25.4 30.5 25.4 30.5 25.4
UL
Capaci- Max dimensions tance in mm
Quantity per package R30 R06 reel taped pcs pcs pcs
Weight
Max dU/dt
Approvals
S
Article code
APPROVALS/REFERENCE DOCUMENTS
Certification Body S UL Specification EN 132400 UL 1283 (UR = 600 VAC) Approval reference 9649199/01 E100117 * * * * * * *
MARKING
RIFA RIFA article code Rated capacitance Rated voltage X2 SH, for self healing Climatic category according to IEC 60068-1, appendix A * Passive flammability class * Approval marks * Manufacturing code (year, month)
ORDERING INFORMATION
The article code for the standard part is given in the article table. For other options, see page 21.
PACKING
Capacitors in standard design (lead length 30 mm) and with L < 24 mm and lead length 5 or 6 mm are packed bulk in a box with dimensions 245 x 145 x 80 mm. Quantity/ package as per article table. Capacitors with L 24 mm and lead length 5 or 6 mm are packed on trays piled in a box with dimension 300 x 260 x 195 mm. Quantity/package as per article table. Reels with taped capacitors are packed 10 in a box with dimension 370 x 370 x 560 mm. The standard quantity/reel is for 360 mm reel. If 500 mm reel is required, it must be specified when ordering and the quantity is 2 x the given quantity.
161


▲Up To Search▲   

 
Price & Availability of PME264NE6100MR30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X