Part Number Hot Search : 
MMSZ526 L8150 2SC3995 EDREDRED EUP2570 17S682K BT138 CL766
Product Description
Full Text Search
 

To Download PMBFJ620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMBFJ620
Dual N-channel field-effect transistor
Rev. 01 -- 11 May 2004 Product data sheet
1. Product profile
1.1 General description
Two N-channel symmetrical junction field-effect transistors in a SOT363 package.
CAUTION This device is sensitive to electrostatic discharge (ESD). Therefore care should be taken during transport and handling.
MSC895
1.2 Features
s s s s Two field effect transistors in a single package Low noise Interchangeability of drain and source connections High gain.
1.3 Applications
s AM input stage in car radios s VHF amplifiers s Oscillators and mixers.
1.4 Quick reference data
Table 1: Per FET VDS VGSoff IDSS Ptot yfs drain-source voltage gate-source cut-off voltage drain current total power dissipation forward transfer admittance VDS = 10 V; ID = 1 A VGS = 0 V; VDS = 10 V Ts 90 C VDS = 10 V; ID = 10 mA -2 24 10 25 -6.5 60 190 V V mA mW mS Quick reference data Conditions Min Typ Max Unit Symbol Parameter
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
2. Pinning information
Table 2: Pin 1 2 3 4 5 6 Discrete pinning information Description source (1) source (2) gate (2) drain (2) drain (1) gate (1)
1 2 3
SOT363
Simplified outline
6 5 4
Symbol
5 1 4 2
sym034
6
3
3. Ordering information
Table 3: Ordering information Package Name PMBFJ620 Description plastic surface mounted package; 6 leads Version SOT363 Type number
4. Marking
Table 4: PMBFJ620
[1] * = p: made in Hong Kong. * = t: made in Malaysia. * = W: made in China.
Marking Marking code [1] A8*
Type number
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
2 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
5. Limiting values
Table 5: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Per FET VDS VGSO VGDO IG Ptot Tstg Tj drain-source voltage gate-source voltage drain-gate voltage forward gate current (DC) total power dissipation storage temperature junction temperature Ts 90 C open drain open source -65 25 -25 -25 50 190 +150 150 V V V mA mW C C Parameter Conditions Min Max Unit
6. Thermal characteristics
Table 6: Symbol Rth(j-s) Thermal characteristics Parameter Conditions
[1] [1]
Typ 315 160
Unit K/W K/W
thermal resistance from junction single loaded to soldering points double loaded
[1]
Ts is the temperature at the soldering point of the gate pins, see Figure 1.
400 Ptot (mW) 300
(1)
001aaa742
200
(2)
100
0 0 50 100 150 Ts (C) 200
(1) Double loaded. (2) Single loaded.
Fig 1. Power derating curve.
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
3 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
7. Static characteristics
Table 7: Characteristics Tj = 25 C unless otherwise specified. Symbol Per FET V(BR)GSS VGSoff VGSS IDSS IGSS RDSon yfs yos gate-source breakdown voltage gate-source cut-off voltage gate-source forward voltage drain-source leakage current gate-source leakage current drain-source on-state resistance common source forward transfer admittance common source output admittance IG = -1 A; VDS = 0 V ID = 1 A; VDS = 10 V IG = 1 mA; VDS = 0 V VDS = 10 V; VGS = 0 V VGS = -15 V; VDS = 0 V VGS = 0 V; VDS = 100 mV ID = 10 mA; VDS = 10 V ID = 10 mA; VDS = 10 V -25 -2 24 10 50 -6.5 1 60 -1 250 V V V mA nA mS S Parameter Conditions Min Typ Max Unit
8. Dynamic characteristics
Table 8: Characteristics Tj = 25 C unless otherwise specified. Symbol Per FET Ciss Crss gis gfs grs gos Vn input capacitance reverse transfer capacitance common source input conductance common source transfer conductance common source reverse conductance common source output conductance VDS = 10 V; VGS = -10 V; f =1 MHz VDS = 10 V; VGS = 0 V; Tamb = 25 C VDS = 0 V; VGS = -10 V; f = 1 MHz VDS = 10 V; ID = 10 mA; f = 100 MHz VDS = 10 V; ID = 10 mA; f = 450 MHz VDS = 10 V; ID = 10 mA; f = 100 MHz VDS = 10 V; ID = 10 mA; f = 450 MHz VDS = 10 V; ID = 10 mA; f = 100 MHz VDS = 10 V; ID = 10 mA; f = 450 MHz VDS = 10 V; ID = 10 mA; f = 100 MHz VDS = 10 V; ID = 10 mA; f = 450 MHz 3 6 1.3 200 3 13 12 -30 -450 150 400 6 5 2.5 pF pF pF S mS mS mS S S S S nV/Hz Parameter Conditions Min Typ Max Unit
equivalent input noise voltage VDS = 10 V; ID = 10 mA; f = 100 Hz
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
4 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
50 IDSS (mA) 40
mcd220
20 yfs (mS) 16
mcd219
30
12
20
8
10
4
0 0
-1
-2
-3
-4 VGSoff (V)
0 0
-2
-4
-6
-8 VGSoff (V)
VDS = 10 V; Tj = 25 C.
VDS = 10 V; ID = 10 mA; Tj = 25 C.
Fig 2. Drain current as a function of gate-source cut-off voltage; typical values.
Fig 3. Common source forward transfer admittance as a function of gate-source cut-off voltage; typical values.
mcd222
150 gos (S)
mcd221
80 RDSon () 60
100
40
50 20
0 0
-1
-2
-3 VGSoff (V)
-4
0 0
-1
-2
-3
-4 VGSoff (V)
VDS = 10 V; ID = 10 mA; Tj = 25 C.
VDS = 100 mV; VGS = 0 V; Tj = 25 C.
Fig 4. Common-source output conductance as a function of gate-source cut-off voltage; typical values.
Fig 5. Drain-source on-state resistance as a function of gate-source cut-off voltage; typical values.
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
5 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
40 ID (mA) 30
mcd217
VGS = 0 V
40 ID (mA) 30
mcd214
-0.5 V
20
-1 V
20
-1.5 V 10 -2 V -2.5 V 0 0 4 8 12 VDS (V) 16 0 -4 -3 -2 -1 VGS (V) 0 10
Tj = 25 C.
VDS = 10 V; Tj = 25 C.
Fig 6. Typical output characteristics.
mcd224
Fig 7. Typical transfer characteristics.
mcd223
4
Crs (pF)
3
10 Cis (pF) 8
6 2 4
1 2
0 -10
-8
-6
-4
-2
0 VGS (V)
0 -10
-8
-6
-4
-2 VGS (V)
0
VDS = 10 V; Tj = 25 C.
VDS = 10 V; Tj = 25 C.
Fig 8. Reverse transfer capacitance as a function of gate-source voltage; typical values.
Fig 9. Input capacitance as a function of gate-source voltage; typical values.
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
6 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
103 ID (A) 102
mcd229
10
1 10-1 10-2 10-3 -2.5
-2.0
-1.5
-1.0
-0.5 VGS (V)
0
VDS = 10 V; Tj = 25 C.
Fig 10. Drain current as a function of gate-source voltage; typical values.
-104 IGSS (pA) -103 1 mA -102 100 A -10 ID = 10 mA
mcd230
-1
IGSS
-10-1 0 4 8 12 VDG (V) 16
Tj = 25 C.
Fig 11. Gate current as a function of drain-gate voltage; typical values.
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
7 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
104 IGSS (pA) 103
mcd231
102
10
1
10-1 -25
25
75
125 Tj (C)
175
Fig 12. Gate current as a function of junction temperature; typical values.
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
8 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
100 gis, bis (mS) bis
mcd228
mcd227
100 gfs, -bfs (mS)
10
gfs
10 gis
1
-bfs
0.1 10
100
f (MHz)
1000
1 10
100
f (MHz)
1000
VDS = 10 V; ID = 10 mA; Tamb = 25 C.
VDS = 10 V; ID = 10 mA; Tamb = 25 C.
Fig 13. Input admittance as a function of frequency; typical values.
mcd226
Fig 14. Forward transfer admittance as a function of frequency; typical values.
mcd225
102 -brs, -grs (mS) 10 - brs 1
100 bos, gos (mS)
10
bos
10-1
- grs
1
gos
10-2 10
100
f (MHz)
1000
0.1 10
100
f (MHz)
1000
VDS = 10 V; ID = 10 mA; Tamb = 25 C.
VDS = 10 V; ID = 10 mA; Tamb = 25 C.
Fig 15. Reverse transfer admittance as a function of frequency; typical values.
Fig 16. Output admittance as a function of frequency; typical values.
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
9 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
9. Package outline
Plastic surface mounted package; 6 leads SOT363
D
B
E
A
X
y
HE
vMA
6
5
4
Q
pin 1 index
A
A1
1
e1 e
2
bp
3
wM B detail X Lp
c
0
1 scale
2 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A 1.1 0.8 A1 max 0.1 bp 0.30 0.20 c 0.25 0.10 D 2.2 1.8 E 1.35 1.15 e 1.3 e1 0.65 HE 2.2 2.0 Lp 0.45 0.15 Q 0.25 0.15 v 0.2 w 0.2 y 0.1
OUTLINE VERSION SOT363
REFERENCES IEC JEDEC EIAJ SC-88
EUROPEAN PROJECTION
ISSUE DATE 97-02-28
Fig 17. Package outline.
9397 750 13006 (c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
10 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
10. Revision history
Table 9: Revision history Release date 20040511 Data sheet status Product data Change notice Order number 9397 750 13006 Supersedes Document ID PMBFJ620_1
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
11 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
11. Data sheet status
Level I II Data sheet status [1] Objective data Preliminary data Product status [2] [3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
12. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
13. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
14. Contact information
For additional information, please visit: http://www.semiconductors.philips.com For sales office addresses, send an email to: sales.addresses@www.semiconductors.philips.com
9397 750 13006
(c) Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 01 -- 11 May 2004
12 of 13
Philips Semiconductors
PMBFJ620
Dual N-channel field-effect transistor
15. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 10 11 12 13 14 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 General description. . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 2 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3 Thermal characteristics. . . . . . . . . . . . . . . . . . . 3 Static characteristics. . . . . . . . . . . . . . . . . . . . . 4 Dynamic characteristics . . . . . . . . . . . . . . . . . . 4 Package outline . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 12 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Contact information . . . . . . . . . . . . . . . . . . . . 12
(c) Koninklijke Philips Electronics N.V. 2004
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 11 May 2004 Document order number: 9397 750 13006
Published in The Netherlands


▲Up To Search▲   

 
Price & Availability of PMBFJ620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X