Part Number Hot Search : 
5STRR ICL71 MT5C6404 WTC2307 JKC5819 LM78L24F CS5513 MCH3318
Product Description
Full Text Search
 

To Download PMA0207 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PMA0207
Vishay Draloric
Metal Film Resistors, Precision, High Stability
FEATURES
* Special stabilized metal alloy on high quality ceramic * Very low TC and tight tolerances * Excellent long term stability * Suitable for precision measuring techniques and precision control engineering
STANDARD ELECTRICAL SPECIFICATIONS
MODEL POWER RATING LIMITING ELEMENT VOLTAGE MAX. P70C W V 0.125 (0.25)* (0.4)* TEMPERATURE COEFFICIENT ppm/K TOLERANCE % 0.05 0.1 0.25 0.5 0.05 0.1 0.25 0.5 PMA0207 0.125 (0.25)* (0.4)* 0.05 0.1 0.25 0.5 0.05 0.1 0.25 0.5 RESISTANCE RANGE E-SERIES
on request 100R - 100K 100R - 100K 100R - 100K on request 100R - 100K 100R - 100K 100R - 100K on request 47R - 511K 47R - 511K 47R - 511K on request 47R - 511K 47R - 511K 47R - 511K 192 192 192 192 192 192 192 192 192 192 192 192 192 192 192 192
PMA0207
250
5
PMA0207
0.125 (0.25)* (0.4)*
250
10
250
15
PMA0207
0.125 (0.25)*
250
25
* For lower stability requirements * Coating: green * Marking: see appropriate catalog or web page
* *
For TC 10ppm/C: temperature range - 25C...+ 85C Further values on request
ORDERING INFORMATION
PMA0207 MODEL
5 TC ppm/K
1K87 RESISTANCE VALUE
.25% TOLERANCE %
A1 PACKAGING A1-Ammopack 1000 pcs
www.vishay.com 36
For Technical Questions, contact ff1aresistors@vishay.com
Document Number 20114 Revision 05-Aug-02
PMA0207
Metal Film Resistors, Precision, High Stability
DIMENSIONS
MODEL
6 mm L1 L D d
Vishay Draloric
Dmax PMA0207 2.5-0.3
DIMENSIONS [in millimeters] L L1 MAX B d 6.3-0.5 7.5 531 0.6
e 7.50
e B
* Taping in acc. with IEC60286-1 * D and L measured in acc. with IEC60294 * d according to IEC60301
TECHNICAL SPECIFICATIONS
PARAMETER Rated Dissipation at 70C Limiting Element Voltage 1) Insulation Voltage (1min) Thermal Resistance Insulation Resistance Category Temperature Range Terminal Strength, axial Failure Rate Weight
1)
UNIT W V Veff K/W C N 10-9/h g PxR
PMA0207 0.125 250 > 500 140
PMA0207 0.25 250 > 500 140 1011
PMA0207 0.4 250 > 500 140
- 25/+ 85 > 50
- 55/+ 105 > 50 <1
- 55/+ 125 > 50
0.22
0.22
0.22
Rated Voltage
PACKAGING
MODEL T.C. ppm /C REEL PIECES / REEL CODE PIECES / BOX BOX CODE MIN. ORDER QTY PACKAGING UNITS
PMA0207
5 - 25
5000
R5
5000 2000 1000 500
A5 A2 A1 AC
1 1 1 1
Document Number 20114 Revision 05-Aug-02
For Technical Questions, contact ff1aresistors@vishay.com
www.vishay.com 37
PMA0207
Vishay Draloric
TEMPERATURE RISE IN C
60 50 40 30 20 10 20 0 0 0.2 0.4 0.6 0.8 1.0 0 -55 -25 0 25 50 75 85 105 125 70 AMBIENT TEMP. IN C
Metal Film Resistors, Precision, High Stability
RATED POWER IN %
POWER IN W 120 100 80 60 40
TEMPERATURE RISE
RATED POWER IN %
DERATING
CURRENT NOISE IN V/V
10 5 1 0.5
120 110 100 90 80 70 60 10 100 1K 10K 100K 1M RESISTANCE VALUE IN
0.1 0.05
0.01 100 1K 10K 100K 1M 10M
NON-LINEARITY
IMPEDANCE
10K
CURRENT NOISE
RESISTANCE CHANGE R/R %
0.3
RESISTANCE VALUE IN
+ 25 0.2 + 15 0.1 0 -0.1 -0.2 - 25 -0.3 -50 -25 0 25 50 75 100 125 AMBIENT TEMPERATURE IN C -5 -10 - 15 +10 +5
10K 1K 1K
100 100
10 10 1 10 100 1000 FREQUENCY IN MHz
HF-CHARACTERISTICS PMA0207
RESISTANCE CHANGE R/R %
TEMPERATURE CHARACTERISTICS
0.10 0.08 0.06 0.04 0.02 0 -0.02 -0.04 -0.06 0 10 100 1k 10k 100k 1M RESISTANCE VALUE IN 125C 85C
ENDURANCE at upper category temperature 1000h
www.vishay.com 38 For Technical Questions, contact ff1aresistors@vishay.com Document Number 20114 Revision 05-Aug-02
TC IN ppm/C
PMA0207
Metal Film Resistors, Precision, High Stability
STABILITY NOMOGRAM, TYPICAL VALUES (For handling see General Information)
TEMPERATURE RISE u[C]
140 120 100 140 120 u = f [s] 100
Vishay Draloric
=
C 20 40 C C C 0C 0C 0C
160 180
PARAMETER: u
PMA0207
80 60 40 u = f [P] PARAMETER : SIZE 20 0 1.0 0.8 0.6 0.4 0.2 0 LOAD P [W] 0.01
60
80
80
60 40
10
12
20
14
0
20 40 60 80 100 120 140
FILM TEMPERATURE s [C]
R/R (t) = f [R/R (t = 1000h)] PARAMETER : TIME
RESISTANCE CHANGE R/R [%] after 1000h
0.01
10 10 0 ,1 K 10 K 100 K 1M
R/R [t = 1000 h] = f [s] PARAMETER: RESISTANCE VALUE
t=
10
0 00
0h
0.1
h 00 h 00 000 h 15 00 h 20 000 1
0.1
1 10 1 0.1 0.01 RESISTANCE CHANGE R/R [%]
1 20
40
60
80 100 120 140 160 180 FILM TEMPERATURE s [C]
PERFORMANCE
TEST Endurance Test at 70C IEC 60115-1 4.25.1 Endurance at UCT IEC 60115-1 4.25-3 Overload Test IEC 60115-1 4.13 Thermal Shock IEC 60115-1 4.19; IEC 60068-2-14 Climatic Sequence IEC 60115-1 4.23 Damp Heat Steady State IEC 60115-1 4.24; IEC 60068-2-3 Resistance to Soldering Heat IEC 60115-1 4.18; IEC 60068-2-20 Robustness of Terminations IEC 60115-1 4.16; IEC 60068-2-21 Vibration IEC 60115-1 4.22; IEC 60068-2-6
1)
CONDITIONS OF TEST 1000 hours at 70C P=0.25W, 1.5 hours "ON", 0.5 hours "OFF" 1000 hours at 70C P=0.125W, 1.5 hours "ON", 0.5 hours "OFF" 1000 hours at 85C without load 8000 hours at 85C without load Short time overload for 5 seconds at 2.5 x rated voltage or twice the limiting element voltage Rapid change between upper and lower category temperature Dry heat, damp heat cyclic, cold, low air pressure 56 days at 40C and 93% relative humidity 10 seconds at 260C solder bath temperature Tensile, bending and torsion 0.75mm or 10g, 10 Hz - 500 Hz 6 hours
REQUIREMENTS1) 0.1% 0.05% 0.05% 0.1% 0.01% 0.01% 0.1% 0.1% 0.01% 0.01% 0.01%
Over a resistance range 100 to 100K, limits for change of resistance at test
APPLICABLE SPECIFICATIONS
* CECC40000 / 40300 * EN 140100 / IEC 60115-1
Document Number 20114 Revision 05-Aug-02
For Technical Questions, contact ff1aresistors@vishay.com
www.vishay.com 39


▲Up To Search▲   

 
Price & Availability of PMA0207

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X