|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE TERMINAL CODE 1. WFO 11. UP 2. VWPC 12. VUP1 3. WP 13. Br 14. FO 4. VWP1 5. VFO 15. VNC 16. VN1 6. VVPC 17. UN 7. VP 18. VN 8. VVP1 19. WN 9. UFO 10. VUPC P N N A D J TYP. P B M 1234 P R U BKE 5678 9 10 1112 UV 13 14 15 16 L - TYP. U V W 17 18 19 M T (4 TYP.) S NUTS (6 TYP.) CC (4 PLACES) AA - TYP. X Z - TYP. H W SEE DETAIL A BB SQ PIN - TYP. (19 PLACES) DETAIL A C Y G F VWP1 WFO WP VWPC VUP1 UFO UP VUPC VVP1 VFO VP VVPC WN VNC VN1 UN VN FO Br Description: Mitsubishi Intelligent Power Modules are isolated base modules designed for power switching applications operating at frequencies to 20kHz. Built-in control circuits provide optimum gate drive and protection for the IGBT and free-wheel diode power devices. Features: Complete Output Power Circuit Gate Drive Circuit Protection Logic - Short Circuit - Over Temperature - Under Voltage RfO GND FO IN VCC GND Si OUT GND FO IN VCC TEMP GND OUT Si TH GND FO IN VCC GND Si OUT GND FO IN VCC GND Si OUT GND FO IN VCC GND Si OUT GND FO IN VCC GND Si OUT GND FO IN VCC GND Si OUT RfO = 1.5k OHM B N W V U P Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L M N Inches 4.33 3.50 Millimeters 110.0 89.0 Dimensions P R S T U V W X Y Z AA BB CC Inches 0.30 0.65 M5 Metric 0.22 Dia. 0.560.010 1.720.012 0.570.012 2.90 0.78 0.100.010 1.370.010 0.02 SQ 0.12 +0.04/-0.02 Millimeters 7.5 16.5 M5 Dia. 5.5 14.10.25 43.570.3 14.60.3 73.7 19.7 2.540.25 3.490.25 0.64 SQ 3.0 +1.0/-0.5 Applications: Inverters UPS Motion/Servo Control Power Supplies Ordering Information: Example: Select the complete part number from the table below -i.e. PM75RVA060 is a 600V, 75 Ampere Intelligent Power Module. Type PM Current Rating Amperes 75 VCES Volts (x 10) 60 0.87 +0.04/-0.02 22.0 +1.0/-0.5 3.740.010 2.910.010 0.16 0.87 0.42 0.79 2.990.02 0.39 0.49 0.67 95.00.25 74.00.25 4.0 22.0 10.6 20.0 76.00.5 10.0 12.5 17.0 Sep.1998 MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE Absolute Maximum Ratings, Tj = 25C unless otherwise specified Ratings Power Device Junction Temperature Storage Temperature Case Operating Temperature Mounting Torque, M5 Mounting Screws Mounting Torque, M5 Main Terminal Screws Module Weight (Typical) Supply Voltage (Applied between P - N, Surge Value) Supply Voltage Protected by SC (VD = 13.5 ~16.5V, Inverter Part, Tj = 125C Start) Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol Tj Tstg TC -- -- -- VCC(surge) VCC(prot.) Viso PM75RVA060 -20 to 150 -40 to 125 -20 to 100 2.5~3.5 2.5~3.5 560 500 400 2500 Units C C C N*m N*m Grams Volts Volts Vrms Control Sector Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC) Input Voltage (Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC) Fault Output Supply Voltage (Applied between FO-VNC, *FO-V*PC) Fault Output Current (Sink Current at UFO, VFO, WFO and FO Terminal) VD VCIN VFO IFO 20 20 20 20 Volts Volts Volts mA IGBT Inverter Sector Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC = 25C) Peak Collector Current, (TC = 25C) Collector Dissipation (TC = 25C) VCES IC ICP PC 600 75 150 284 Volts Amperes Amperes Watts Brake Sector Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC = 25C) Peak Collector Current, (TC = 25C) Collector Dissipation (TC = 25C) FWDi Forward Current (TC = 25C) FWDi Rated DC Reverse Voltage (TC = 25C) VCES IC ICP PC IF VR(DC) 600 30 60 178 30 600 Volts Amperes Amperes Watts Amperes Volts Sep.1998 MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified Characteristics Symbol Test Conditions Min. Typ. Max. Units Control Sector Over Current Trip Level Brake Part Short Circuit Trip Level Inverter Part Short Circuit Trip Level Brake Part Short Circuit Current Shut-off Time Over Temperature Protection (VD = 15V, Lower Arm) Supply Circuit Under Voltage Protection (-20C Tj 125C) Circuit Current toff(SC) OT OTr UV UVr ID Vth(on) Vth(off) IFO(H) IFO(L) Minimum Fault Output Pulse Width tFO VD = 15V Trip Level Reset Level Trip Level Reset Level VD = 15V, VCIN = 15V, VN1-VNC VD = 15V, VCIN = 15V, VXP1-VXPC Input ON Threshold Voltage Input OFF Threshold Voltage Fault Output Current Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC VD = 15V, VFO = 15V* VD = 15V, VFO = 15V* VD = 15V* OC SC -20C Tj 125C, VD = 15V -20C Tj 125C, VD = 15V 39 115 -- -- 100 85 11.5 -- -- -- 1.2 1.7 -- -- 1.0 -- -- 94 10 110 95 12.0 12.5 44 13 1.5 2.0 -- 10 1.8 -- -- -- -- 120 105 12.5 -- 60 18 1.8 2.3 0.01 15 -- Amperes Amperes Amperes s C C Volts Volts mA mA Volts Volts mA mA ms * Fault output is given only when the internal SC, OT, and UV protections circuits of either an upper-arm or a lower-arm device operate to protect it. Sep.1998 MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified Characteristics Symbol Test Conditions Min. Typ. Max. Units IGBT Inverter Sector Collector-Emitter Cutoff Current ICES VEC VCE(sat) VCE = VCES, VD = 15V, Tj = 25C VCE = VCES, VD = 15V, Tj = 125C FWDi Forward Voltage Collector-Emitter Saturation Voltage -IC = 75A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V, IC = 75A, Pulsed, Tj = 25C VD = 15V, VCIN = 0V, IC = 75A, Pulsed, Tj = 125C Inductive Load Switching Times (Upper-Lower Arm) ton trr tC(on) toff tC(off) VD = 15V, VCIN = 0V 15V VCC = 300V, IC = 75A, Tj = 125C 0.4 -- -- -- -- 0.8 0.2 0.3 1.8 0.6 2.1 0.3 1.1 2.9 1.2 s s s s s -- 2.55 3.05 Volts -- -- -- -- -- -- 2.20 2.35 1.0 10.0 3.30 2.80 mA mA Volts Volts Brake Sector Collector-Emitter Cutoff Current ICES VFM VCE(sat) VCE = VCES, VD = 15V, Tj = 25C VCE = VCES, VD = 15V, Tj = 125C FWDi Forward Voltage Collector-Emitter Saturation Voltage IF = 30A VD = 15V, VCIN = 0V, IC = 30A, Pulsed, Tj = 25C VD = 15V, VCIN = 0V, IC = 30A, Pulsed, Tj = 125C -- 2.55 3.05 Volts -- -- -- -- -- -- 2.20 2.35 1.0 10.0 3.30 2.80 mA mA Volts Volts Sep.1998 MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE Thermal Characteristics Characteristic Junction to Case Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)F Rth(j-c)Q Rth(j-c)F Contact Thermal Resistance Rth(c-f) Condition Each Inverter IGBT Each Inverter FWDi Each Brake IGBT Each Brake FWDi Case to Fin Per Module, Thermal Grease Applied Min. -- -- -- -- -- Typ. -- -- -- -- -- Max. 0.44 1.00 0.70 1.50 0.027 Units C/Watt C/Watt C/Watt C/Watt C/Watt Recommended Conditions for Use Characteristic Supply Voltage Symbol VCC VCE(surge) VD Input ON Voltage Input OFF Voltage VCIN(on) VCIN(off) tdead Condition Applied across P-N Terminals Applied across C-E Terminals Applied between VUP1-VUPC*, VVP1-VVPC*, VWP1-VWPC*, VN1-VNC* Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN * Br-VNC Arm Shoot-Through Blocking Time For IPM's each Input Signal 2.5 s * With ripple satisfying the following conditions, dv/dt swing 5V/s, Variation 2V peak to peak. Value 400 500 15 1.5 0.8 4.0 Units Volts Volts Volts Volts Volts Sep.1998 MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE Inverter Part SATURATION VOLTAGE CHARACTERISTICS (TYPICAL) COLLECTOR-EMITTER VOLTAGE, VCE(SAT), (VOLTS) COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(SAT), (VOLTS) COLLECTOR-EMITTER SATURATON VOLTAGE CHARACTERISTICS (TYPICAL) OUTPUT CHARACTERISTICS (TYPICAL) 3.0 3.0 COLLECTOR CURRENT, IC, (AMPERES) 90 Tj = 25oC VD = 17V 15 13 2.0 2.0 60 1.0 VD = 15V Tj = 25C Tj = 125C 1.0 IC = 75A Tj = 25C Tj = 125C 30 0 0 50 100 150 COLLECTOR CURRENT, IC, (AMPERES) 0 0 13 15 17 CONTROL SUPPLY VOLTAGE, VD, (VOLTS) 0 0 1.0 2.0 3.0 COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS) SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL) SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL) VCC = 300V VD = 15V Inductive Load Tj = 25C Tj = 125C SWITCHING ENERGY, PSW(on), PSW(off), (mJ/PULSE) SWITCHING LOSS CHARACTERISTICS (TYPICAL) 101 SWITCHING TIMES, tc(on), tc(off), (s) 101 101 SWITCHING TIMES, ton, toff, (s) VCC = 300V VD = 15V Inductive Load Tj = 25C Tj = 125C PSW(off) 100 toff ton VCC = 300V VD = 15V Inductive Load Tj = 25C Tj = 125C 100 100 PSW(on) tc(off) tc(on) PSW(off) 10-1 101 102 COLLECTOR CURRENT, IC, (AMPERES) 103 10-1 100 101 COLLECTOR CURRENT, IC, (AMPERES) 102 10-1 100 101 COLLECTOR CURRENT, IC, (AMPERES) 102 FWDi REVERSE RECOVERY CURRENT VS. COLLECTOR CURRENT (TYPICAL) REVERSE RECOVERY CURRENT, Irr, (AMPERES) DIODE FORWARD CHARACTERISTICS CIRCUIT CURRENT VS. CARRIER FREQUENCY 100 REVERSE RECOVERY TIME, trr, (s) 102 102 VD = 15V EMITTER CURRENT, IE, (AMPERES) CIRCUIT CURRENT, ID, (mA) 150 VD = 15V Tj = 25C Tj = 25C Tj = 125C Irr 100 N-SIDE 50 10-1 trr VCC = 300V VD = 15V Inductive Load Tj = 25C Tj = 125C 101 101 P-SIDE 0 0 1.0 2.0 3.0 0 10 20 30 EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS) CARRIER FREQUENCY, fC, (kHz) 10-2 100 101 102 COLLECTOR CURRENT, IC, (AMPERES) 103 100 Sep.1998 MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE Inverter Part OVER CURRENT TRIP LEVEL VS. SUPPLY VOLTAGE (TYPICAL) OVER CURRENT TRIP LEVEL TEMPERATURE DEPENDENCY (TYPICAL) SHORT CIRCUIT CURRENT TRIP LEVEL (Tj = 25C) = 1.0 SHORT CIRCUIT CURRENT TRIP LEVEL, (VD = 15V) = 1.0 FAULT OUTPUT PULSE WIDTH VS. TEMPERATURE (TYPICAL) 1.2 Tj = 25C 1.2 1.2 FAULT OUTPUT PULSE WIDTH TRIP LEVEL, tFO (Tj = 25C) = 1.0 1.0 1.0 1.0 0.8 0.8 0.8 VD = 15V VD = 15V 0 0 13 15 17 CONTROL SUPPLY VOLTAGE, VD, (VOLTS) 0 -60 20 100 180 0 -60 20 100 180 JUNCTION TEMPERATURE, Tj, (C) JUNCTION TEMPERATURE, Tj, (C) TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE) SUPPLY CIRCUIT UNDER VOLTAGE PROTECTION TRIP RESET LEVEL, UVt, UVr, (VOLTS) 15 VD = 15V UVt UVr 101 TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE) CONTROL SUPPLY VOLTAGE TRIP-RESET LEVEL TEMPERATURE DEPENDENCY (TYPICAL) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each IGBT) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each FWDi) 101 100 100 13 10-1 10-1 11 10-2 SINGLE PULSE STANDARD VALUE = Rth(j-c)Q = 0.44C/W 10-2 SINGLE PULSE STANDARD VALUE = Rth(j-c)F = 1.00C/W 0 -60 20 100 180 10-3 10-3 10-2 10-1 TIME, (s) 100 101 10-3 10-3 10-2 10-1 TIME, (s) 100 10 1 JUNCTION TEMPERATURE, Tj, (C) Sep.1998 MITSUBISHI INTELLIGENT POWER MODULES PM75RVA060 FLAT-BASE TYPE INSULATED PACKAGE Brake Part SATURATION VOLTAGE CHARACTERISTICS (TYPICAL) COLLECTOR-EMITTER VOLTAGE, VCE(SAT), (VOLTS) COLLECTOR-EMITTER SATURATION VOLTAGE, VCE(SAT), (VOLTS) COLLECTOR-EMITTER SATURATON VOLTAGE CHARACTERISTICS (TYPICAL) OUTPUT CHARACTERISTICS (TYPICAL) 3.0 3.0 COLLECTOR CURRENT, IC, (AMPERES) 30 Tj = 25oC 15 VD = 17V 13 2.0 2.0 20 1.0 VD = 15V Tj = 25C Tj = 125C 1.0 IC = 15A Tj = 25C Tj = 125C 10 0 0 10 20 30 COLLECTOR CURRENT, IC, (AMPERES) 0 0 13 15 17 CONTROL SUPPLY VOLTAGE, VD, (VOLTS) 0 0 1.0 2.0 3.0 COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS) DIODE FORWARD CHARACTERISTICS TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each IGBT) TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each FWDi) TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE) 102 DIODE FORWARD CURRENT, IE, (AMPERES) 101 101 VD = 15V Tj = 25C Tj = 125C 100 100 101 10-1 10-1 10-2 SINGLE PULSE STANDARD VALUE = Rth(j-c)Q = 0.70C/W 10-2 SINGLE PULSE STANDARD VALUE = Rth(j-c)F = 1.50C/W 100 0 1.0 2.0 3.0 DIODE FORWARD VOLTAGE, VEC, (VOLTS) 10-3 10-3 10-2 10-1 TIME, (s) 100 101 10-3 10-3 10-2 10-1 TIME, (s) 100 10 1 Sep.1998 |
Price & Availability of PM75RVA060 |