Part Number Hot Search : 
CY7C10 MKT469 PQ12SZ11 MBR8040 C3406 MD2401 OL5155 L4741
Product Description
Full Text Search
 

To Download PM150CSD060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PM150CSD060
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
IntellimodTM Module
Three Phase IGBT Inverter Output 150 Amperes/600 Volts
A B R AD
12 3 4
W Q AB U Y (4 TYP.)
U U AB
5678 9 11
13 15 17 19
10 12
14 16 18
M M S AG
AD (15 TYP.) Z - DIA. (4 TYP.) F E C
AA - THD (6 TYP.) U
W V U
W X X
1. V UPC 2. UFO 3. U P 4. V UPI 5. V VPC 6. VFO 7. V P 8. V VPI 9. V WPC 10. WFO
11. W P 12. V WPI 13. V NC 14. V NI 15. NC 16. U N 17. V N 18. W N 19. FO
B P N
AG K TC Measured Point 2.54 MM DIA. (2 TYP.) AE 0.5 MM SQ. PIN (19 TYP.) J D J P
T GH N V AF L AC
OUT V CC
OUT V CC
OUT V CC
OUT V CC
GND GND
GND GND
GND GND
GND GND
GND GND
GND GND
TEMP
SI
SI
SI
SI
SI
SI
OUT V CC
OUT V CC
FO
FO
FO
FO
FO
IN
FO
IN
IN
IN
IN
IN
Description: Powerex IntellimodTM Intelligent Power Modules are isolated base modules designed for power switching applications operating at frequencies to 20kHz. Built-in control circuits provide optimum gate drive and protection for the IGBT and free-wheel diode power devices. Features: Complete Output Power Circuit Gate Drive Circuit Protection Logic - Short Circuit - Over Current - Over Temperature - Under Voltage Low Loss Using 4th Generation IGBT Chip Applications: Inverters UPS Motion/Servo Control Power Supplies Ordering Information: Example: Select the complete part number from the table below -i.e. PM150CSD060 is a 600V, 150 Ampere IntellimodTM Intelligent Power Module.
Type PM Current Rating Amperes 150 VCES Volts (x 10) 60
V WPC WP W FO V WPI
V UPC UP
V VPC VP V FO V VPI
NC
N
W
V
U
UFO V UPI
V NC WN
V NI
FO NC
VN
UN
P
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K L M N P Q R Inches 4.330.04 3.740.02 3.500.04 3.27 2.910.02 2.44 1.28 1.24 1.02 0.94 Millimeters 110.01.0 95.00.5 89.01.0 83.0 74.00.5 62.0 32.6 31.6 26.0 24.0 Dimensions S T U V W X Y Z AA AB AC AD AE AF AG Inches 0.67 0.52 0.39 0.28 0.30 0.24 0.24 Rad. 0.22 Dia. Metric M5 0.127 0.10 0.080.02 0.07 0.06 0.020.01 Millimeters 17.0 13.2 10.0 7.0 7.5 6.0 Rad. 6.0 Dia. 5.5 M5 3.22 2.6 2.00.5 1.8 1.6 0.50.3
0.87 +0.06/-0 22.0 +1.5/-0.0 0.79 0.76 0.75 0.708 0.670 20.0 19.4 19.0 17.98 17.02
1
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PM150CSD060 IntellimodTM Module Three Phase IGBT Inverter Output 150 Amperes/600 Volts
Absolute Maximum Ratings, Tj = 25C unless otherwise specified
Characteristics Power Device Junction Temperature Storage Temperature Case Operating Temperature Mounting Torque, M5 Mounting Screws Mounting Torque, M5 Main Terminal Screws Module Weight (Typical) Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part) Tj = 125C Isolation Voltage, AC 1 minute, 60Hz Sinusoidal Symbol Tj Tstg TC -- -- -- VCC(prot.) VISO PM150CSD060 -20 to 150 -40 to 125 -20 to 100 31 31 560 400 2500 Units C C C in-lb in-lb Grams Volts Volts
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC = 25C) Peak Collector Current, (TC = 25C) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation (TC = 25C) VCES IC ICP VCC VCC(surge) PC 600 150 300 400 500 416 Volts Amperes Amperes Volts Volts Watts
Control Sector
Supply Voltage Applied between (VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC) Input Voltage Applied between (UP-VUPC, VP-VVPC, WP-VWPC, UN- VN- WN-VNC) Fault Output Supply Voltage (Applied between FO and VC) Fault Output Current (UFO, VFO, WFO, FO) VD VCIN VFO IFO 20 20 20 20 Volts Volts Volts mA
Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
IGBT Inverter Sector
Collector Cutoff Current ICES VCE = VCES, Tj = 25C, VD = 15V, VCIN = 15V VCE = VCES, Tj = 125C, VD = 15V, VCIN = 15V Diode Forward Voltage Collector-Emitter Saturation Voltage VEC VCE(sat) -IC = 150A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V, IC = 150A, Tj = 25C VD = 15V, VCIN = 0V, IC = 150A, Tj = 125C Inductive Load Switching Times ton trr tC(on) toff tC(off) VD = 15V, VCIN = 0 ~ 15V VCC = 300V, IC = 150A Tj = 125C 0.8 -- -- -- -- 1.2 0.15 0.4 2.4 0.6 2.4 0.3 1.0 3.3 1.2 S S S S S -- 1.70 2.3 Volts -- -- 2.2 1.70 3.3 2.3 Volts Volts -- -- 10 mA -- -- 1.0 mA
2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PM150CSD060 IntellimodTM Module Three Phase IGBT Inverter Output 150 Amperes/600 Volts
Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
Control Sector
Over Current Trip Level Inverter Part (VD = 15V) Short Circuit Trip Level Inverter Part Over Current Delay Time Over Temperature Protection (VD = 15V) (Lower Arm) Supply Circuit Under Voltage Protection (-20 Tj 125C) Circuit Current SC toff(OC) OT OTR UV UVR ID VCIN(on) VCIN(off) IFO(H) IFO(L) Minimum Fault Output Pulse Width* tFO OC Tj = -20C Tj = 25C Tj = 125C -20C Tj 125C, VD = 15V VD = 15V Trip Level Reset Level Trip Level Reset Level VD = 15V, VCIN = 15V, VN1-VNC VD = 15V, VCIN = 15V, VXP1-VXPC Input ON Threshold Voltage Input OFF Threshold Voltage Fault Output Current* Applied between UP, VP, WP, UN, VN, WN-VNC VD = 15V, VCIN = 15V VD = 15V, VCIN = 15V VD = 15V -- 351 210 -- -- 111 -- 11.5 -- -- -- 1.2 1.7 -- -- 1.0 -- 413 -- 420 10 118 100 12.0 12.5 45 15 1.5 2.0 -- 10 1.8 690 570 -- -- -- 125 -- 12.5 -- 62 20 1.8 2.3 0.01 15 -- Amperes Amperes Amperes Amperes S C C Volts Volts mA mA Volts Volts mA mA mS
*Fault output is given only when the internal OC, SC, OT and UV protections schemes of either upper or lower devide operate to protect it.
Thermal Characteristics
Characteristic Junction to Case Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)F Rth(j-c)Q Rth(j-c)F Contact Thermal Resistance Rth(c-f) Condition Each IGBT Each FWDi Each IGBT** Each FWDi** Case to Fin Per Module, Thermal Grease Applied
** TC measured point is just under chip. If you use this value, Rth(f-a) should be measured just under the chips.
Min. -- -- -- -- --
Typ. -- -- -- -- --
Max. 0.30 0.47 0.17 0.27 0.027
Units C/Watt C/Watt C/Watt C/Watt C/Watt
Recommended Conditions for Use
Characteristic Supply Voltage Control Supply Voltage*** Symbol VCC VD VCIN(on) VCIN(off) fPWM tDEAD Condition Applied across P-N Terminals Applied between VUP1-VUPC, VN1-VNC, VVP1-VVPC, VWP1-VWPC Input ON Voltage Input OFF Voltage PWM Input Frequency Minimum Dead Time Applied between UP, VP, WP, UN, VN, WN-VNC Using Application Circuit Input Signal 0 ~ 0.8 4.0 ~ VD 0 ~ 20 2.5 Volts Volts kHz S Value 0 ~ 400 15 1.5 Units Volts Volts
*** With ripple satisfying the following conditions: dv/dt swing 5V/s, Variation 2V peak to peak.
3
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272 PM150CSD060 IntellimodTM Module Three Phase IGBT Inverter Output 150 Amperes/600 Volts
SATURATION VOLTAGE CHARACTERISTICS (TYPICAL) (INVERTER PART)
DIODE FORWARD CHARACTERISTICS (INVERTER PART)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
2.0
SATURATION VOLTAGE, VCE(sat), (VOLTS)
103
VD = 15V VCIN = 0V Tj = 25oC Tj = 125oC
101
VD = 15V Tj = 25oC Tj = 125oC
VCC = 300V VD = 15V Tj = 25oC Tj = 125oC INDUCTIVE LOAD toff
DIODE CURRENT, -IC, (AMPERES)
1.5
102
SWITCHING TIMES, ton, toff, (s)
1.0
100
ton
101
0.5
0 0 40 80 120 160 200
COLLECTOR CURRENT, IC, (AMPERES)
100 0 0.5 1.0 1.5 2.0 2.5
DIODE FORWARD VOLTAGE, VEC, (VOLTS)
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
REVERSE RECOVERY CURRENT VS. COLLECTOR CURRENT (TYPICAL)
SWITCHING LOSS CHARACTERISTICS
101
REVERSE RECOVERY TIME, trr, (S)
100
VCC = 300V VD = 15V Tj = 25oC Tj = 125oC INDUCTIVE LOAD
103
VCC = 300V VD = 15V Tj = 25oC Tj = 125oC INDUCTIVE LOAD
REVERSE RECOVERY CURRENT, Irr, (AMPERES) SWITCHING LOSS, ESW (mJ/PULSE)
102
CONDITIONS: HALF-BRIDGE INDUCTIVE LOAD SWITCHING OPERATION Tj = 25oC Tj = 125oC VCC = 300V Esw(off) VGE = 15V
Esw(on)
SWITCHING TIMES, tc(on), tc(off), (s)
101
100
10-1
trr Irr
102
tc(off) tc(on)
100
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
10-2 101
102
COLLECTOR CURRENT, IC, (AMPERES)
101 103
10-1 101
102
COLLECTOR CURRENT, IC, (AMPERES)
103
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (IGBT)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (FWDi)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
101
101
100
100
10-1
10-1
10-2
STANDARD VALUE Rth(j-c)Q = 0.30oC/W SINGLE PULSE
10-2
STANDARD VALUE Rth(j-c)Q = 0.47oC/W SINGLE PULSE
10-3 10-3
10-2
10-1
TIME, (s)
100
101
10-3 10-3
10-2
10-1
TIME, (s)
100
101
4


▲Up To Search▲   

 
Price & Availability of PM150CSD060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X