Part Number Hot Search : 
C64AML NJM2283V MAX4402 P6KE400A TC2997D IRF22 PFRA1100 3843AM
Product Description
Full Text Search
 

To Download PM10CSJ060 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE INSULATED PACKAGE
A C D N Q Q Q
1234 5678 9 11 10 12 13 15 17 14 16 18
V (14 TYP.) R (2 TYP.)
1. V UPC 2. UFO 3. UP 4. V UPI 5. V VPC 6. VFO 7. VP 8. V VPI 9. V WPC 10. WFO 11. WP 12. V WPI
13. 14. 15. 16. 17. 18. 19. 20. 21. 22. 23.
V NC VN1 UN VN WN FO P N U V W
HJ
19 20 N 21 U 22 V 23 W
G
F
S - DIA. (2 TYP.)
P
L M M E B 2.0 X 0.5 MM TAB (5 TYP.) 0.6 X 0.4 MM TAB (18 TYP.) K M M
T P
VWPC WP WFO VWPI VNC
U
VUPC UP UFO VUPI VVPC VP VFO VVPI
Description: Mitsubishi Intelligent Power Modules are isolated base modules designed for power switching applications operating at frequencies to 20kHz. Built-in control circuits provide optimum gate drive and protection for the IGBT and free-wheel diode power devices. Features: Complete Output Power Circuit Gate Drive Circuit Protection Logic - Short Circuit - Over Current - Over Temperature - Under Voltage
P
VN1
WN
FO
VN
UN
GND GND IN SI FO OUT VCC
GND GND IN SI FO OUT VCC
TB
GND
GND GND IN SI FO OUT VCC
GND
VCC
WN
VN
S WN
OWN
S UN
UN
FO
TC
OUN
S VN
OVN
N
W
V
U
Outline Drawing and Circuit Diagram Dimensions A B C D E F G H J K Inches 3.720.04 3.330.02 2.99 2.3000.02 2.200.02 1.730.04 1.320.03 1.01 0.75 0.710.04 Millimeters 94.51.0 84.50.5 76.0 58.420.5 56.00.5 44.01.0 33.60.8 25.7 19.0 18.01.0 Dimensions L M N P Q R S T U V Inches 0.561 0.550.01 0.513 0.310.02 0.300 0.20 Rad. 0.18 Dia. 0.14 0.130.02 0.1000.01 Millimeters 14.25 14.00.25 13.04 8.00.5 7.62 Rad. 5.0 Dia. 4.5 3.5 3.20.5 2.540.25
Applications: Inverters UPS Motion/Servo Control Power Supplies Ordering Information: Example: Select the complete part number from the table below -i.e. PM10CSJ060 is a 600V, 10 Ampere Intelligent Power Module.
Type PM Current Rating Amperes 10 VCES Volts (x 10) 60
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE INSULATED PACKAGE Absolute Maximum Ratings, Tj = 25C unless otherwise specified
Ratings Power Device Junction Temperature Storage Temperature Case Operating Temperature Mounting Torque, M4 Mounting Screws Module Weight (Typical) Supply Voltage Protected by OC and SC (VD = 13.5 - 16.5V, Inverter Part) Isolation Voltage (Main Terminal to Baseplate, AC 1 min.) Symbol Tj Tstg TC -- -- VCC(prot.) Viso PM10CSJ060 -20 to 150 -40 to 125 -20 to 100 0.98 ~ 1.47 60 400 2500 Units C C C N*m Grams Volts Vrms
Control Sector
Supply Voltage (Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC) Input Voltage (Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN-VNC) Fault Output Supply Voltage (Applied between UFO-VUPC, VFO-VVPC, WFO-VWPC, FO-VNC) Fault Output Current (Sink Current of UFO, VFO, WFO and FO Terminal) VD VCIN VFO IFO 20 20 20 20 Volts Volts Volts mA
IGBT Inverter Sector
Collector-Emitter Voltage (VD = 15V, VCIN = 15V) Collector Current, (TC = 25C) Peak Collector Current, (TC = 25C) Supply Voltage (Applied between P - N) Supply Voltage, Surge (Applied between P - N) Collector Dissipation VCES IC ICP VCC VCC(surge) PC 600 10 20 450 500 39 Volts Amperes Amperes Volts Volts Watts
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
Control Sector
Over Current Trip Level Inverter Part Short Circuit Trip Level Inverter Part Over Current Delay Time Over Temperature Protection OC SC toff(OC) OT OTr Supply Circuit Under Voltage Protection UV UVr Supply Voltage VD ID Vth(on) Vth(off) fPWM IFO(H) IFO(L) Minimum Fault Output Pulse Width tFO -20C T 125C, VD = 15V -20C T 125C, VD = 15V VD = 15V Trip Level Reset Level Trip Level Reset Level Applied between VUP1-VUPC, VVP1-VVPC, VWP1-VWPC, VN1-VNC Circuit Current VD = 15V, VCIN = 15V, VN1-VNC VD = 15V, VCIN = 15V, VXP1-VXPC Input ON Threshold Voltage Input OFF Threshold Voltage Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN-VNC PWM Input Frequency Fault Output Current 3- Sinusoidal VD = 15V, VFO = 15V VD = 15V, VFO = 15V VD = 15V -- -- -- 1.0 15 -- 10 1.8 20 0.01 15 -- kHz mA mA ms -- -- 1.2 1.7 18 7 1.5 2.0 25 10 1.8 2.3 mA mA Volts Volts 12 -- -- 100 -- 11.5 -- 13.5 18 27 10 110 90 12.0 12.5 15 -- -- -- 120 -- 12.5 -- 16.5 Amperes Amperes s C C Volts Volts Volts
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE INSULATED PACKAGE Electrical and Mechanical Characteristics, Tj = 25C unless otherwise specified
Characteristics Symbol Test Conditions Min. Typ. Max. Units
IGBT Inverter Sector
Collector Cutoff Current ICES VEC VCE(sat) VCIN = 15V, VCE = VCES, Tj = 25C VCIN = 15V, VCE = VCES, Tj = 125C Diode Forward Voltage Collector-Emitter Saturation Voltage -IC = 10A, VD = 15V, VCIN = 15V VD = 15V, VCIN = 0V, IC = 10A VD = 15V, VCIN = 0V, IC = 10A, Tj = 125C Inductive Load Switching Times ton trr tC(on) toff tC(off) VD = 15V, VCIN = 0 15V VCC = 300V, IC = 10A Tj = 125C 0.3 -- -- -- -- 0.5 0.12 0.2 1.5 0.4 1.5 0.3 0.8 2.3 1.2 s s s s s -- -- -- -- -- -- -- 1.8 1.8 1.9 1.0 10 3.0 2.5 2.6 mA mA Volts Volts Volts
Thermal Characteristics
Characteristic Junction to Case Thermal Resistance Symbol Rth(j-c)Q Rth(j-c)F Contact Thermal Resistance Rth(c-f) Condition Each IGBT Each FWDi Case to Fin Thermal Grease Applied Min. -- -- -- Typ. -- -- -- Max. 3.2 4.5 Units C/Watt C/Watt
0.083 C/Watt
Recommended Conditions for Use
Characteristic Supply Voltage Symbol VCC VD Input ON Voltage Input OFF Voltage VCIN(on) VCIN(off) fPWM tdead Condition Applied across P-N Terminals Applied between VUP1-VUPC, VN1-VNC, VVP1-VVPC, VWP1-VWPC Applied between UP-VUPC, VP-VVPC, WP-VWPC, UN * VN * WN-VNC PWM Input Frequency Minimum Dead Time Using Application Circuit Input Signal 5 ~ 20 2.0 kHz s 0 ~ 0.8 4.0 ~ VD Volts Volts Value 0 ~ 400 15 1.5 Units Volts Volts
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE INSULATED PACKAGE
SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION VOLTAGE CHARACTERISTICS (TYPICAL)
OUTPUT CHARACTERISTICS (TYPICAL)
3
COLLECTOR-EMITTER SATURATION VOLTAGE VCE(sat), (VOLTS) SATURATION VOLTAGE VCE(sat), (VOLTS)
3
VD = 15V VCIN = 0V Tj = 25oC Tj = 125oC
COLLECTOR CURRENT, IC, (AMPERES)
IC = 10A VCIN = 0V Tj = 25oC Tj = 125oC
20
Tj = 25oC VCIN = 0V
15 13
15
VD = 17V
2
2
10
1
1
5
0 0 5 10 15 20 25
COLLECTOR CURRENT, IC, (AMPERES)
0 0 12 14 16 18 20
SUPPLY VOLTAGE, VD, (VOLTS)
0 0 1 2 3
COLLECTOR-EMITTER VOLTAGE, VCE(sat), (VOLTS)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
SWITCHING TIME VS. COLLECTOR CURRENT (TYPICAL)
REVERSE RECOVERY CURRENT VS. COLLECTOR CURRENT (TYPICAL)
101
VCC = 300V VD = 15V
SWITCHING TIMES, ton, toff, (s)
101
REVERSE RECOVERY CURRENT, Irr, (AMPERES)
102
VCC = 300V VD = 15V
Tj = 25oC Tj = 125oC
SWITCHING TIMES, tc(on), tc(off), (s)
Inductive Load
VCC = 300V VD = 15V
Inductive Load
Inductive Load
Tj = 25oC Tj = 125oC
Tj = 25oC Tj = 125oC
100
toff ton
100
101
tc(off) tc(on)
10-1 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
10-1 100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
100 100
101
102
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
DIODE FORWARD CHARACTERISTICS
COLLECTOR REVERSE CURRENT, -IC, (AMPERES)
OVER CURRENT TRIP LEVEL VS. SUPPLY VOLTAGE (TYPICAL)
OVER CURRENT TRIP LEVEL TEMPERATURE DEPENDENCY (TYPICAL)
102
OVER CURRENT TRIP LEVEL % (NORMALIZED)
110
OVER CURRENT TRIP LEVEL % (NORMALIZED)
120
Tj = 25oC VD = 15V
VD = 15V Tj = 25oC Tj = 125oC
100
110
90
100
101
80
90
70
80
100 0 0.5 1.0 1.5 2.0 2.5
EMITTER-COLLECTOR VOLTAGE, VEC, (VOLTS)
0 0 12 14 16 18 20
SUPPLY VOLTAGE, VD, (VOLTS)
0 -50 0 50 100 150
JUNCTION TEMPERATURE, Tj, (oC)
Sep.1998
MITSUBISHI INTELLIGENT POWER MODULES
PM10CSJ060
FLAT-BASE TYPE INSULATED PACKAGE
FAULT OUTPUT PULSE WIDTH VS. TEMPERATURE (TYPICAL)
CONTROL SUPPLY VOLTAGE TRIP-RESET LEVEL TEMPERATURE DEPENDENCY (TYPICAL)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each IGBT)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
3.0
VD = 15V
FAULT OUTPUT PULSE WIDTH, tFO, (ms)
15
UVt UVr
101
2.5
UV TRIP-RESET LEVEL, UVt, UVr, (VOLTS)
14
100
2.0
13
10-1
1.5
12
1.0
11
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)Q = 3.2oC/W
0 -50 0 50 100
o
0 150 -50 0 50 100
o
150
10-3 10-3
10-2
10-1
TIME, (s)
100
101
JUNCTION TEMPERATURE, Tj, ( C)
JUNCTION TEMPERATURE, Tj, ( C)
TRANSIENT THERMAL IMPEDANCE CHARACTERISTICS (Each FWDi)
TRANSIENT IMPEDANCE, Zth(j-c), (NORMALIZED VALUE)
101
100
10-1
10-2
SINGLE PULSE STANDARD VALUE = Rth(j-c)D = 4.5oC/W
10-3 10-3
10-2
10-1
TIME, (s)
100
101
Sep.1998


▲Up To Search▲   

 
Price & Availability of PM10CSJ060

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X