Part Number Hot Search : 
SR360 DL4756 TC75S 1600T3 SR360 BZX85C39 C1660 Y5DU56
Product Description
Full Text Search
 

To Download PLW0501H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 05239
PLW0501H
Only One Name Means ProT ek'TionTM
ST ANDARD CAPACIT ANCE TVS COMPONENT
APPLICA TIONS Ethernet - 10/100/1000 Base T Cellular Phones Personal Digital Assistant (PDA) USB Interfaces IEC COMPA TIBILITY (EN61000-4) 61000-4-2 (ESD): Air - 15kV, Contact - 8kV 61000-4-4 (EFT): 40A - 5/50ns FEA TURES 250 Watts Peak Pulse Power per Line (tp=8/20s) Cable Discharge Event (CDE) Protection ESD Protection > 25 kilovolts Unidirectional Configuration Protects One Unidirectional Line
SC-79
RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS Molded EIAJ SC-79 Weight 2 milligrams (Approximate) Available in Tin-Lead or Lead-Free Pure-Tin Plating Solder Reflow Temperature: Tin-Lead - Sn/Pb, 85/15: 240-245C Pure-Tin - Sn, 100: 260-270C Flammability Rating UL 94V-0 8mm Tape and Reel Per EIA Standard 481 Device Marking: Marking Code & Polarity Band PIN CONFIGURA TION
1
2
05239.R1 6/05
1
www.protekdevices.com
PLW0501H
DEVICE CHARACTERISTICS MAXIMUM RATINGS @ 25C Unless Otherwise Specified
PARAMETER Peak Pulse Power (tp = 8/20s) - See Figure 1 Peak Pulse Current (tp = 8/20s) Operating Temperature Storage Temperature Soldering Temperature for 10 seconds SYMBOL PPP IPP TJ TSTG TL VALUE 250 16 -55C to 150C -55C to 150C 265C UNITS Watts A C C C
ELECTRICAL CHARACTERISTICS PER LINE @ 25C Unless Otherwise Specified
PART NUMBER DEVICE MARKING CODE RATED STAND-OFF VOLTAGE MINIMUM BREAKDOWN VOLTAGE TYPICAL FORWARD VOLTAGE MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM CLAMPING VOLTAGE (See Fig. 2) MAXIMUM LEAKAGE CURRENT TYPICAL CAPACITANCE
VWM VOLTS PLW0501H U5 5.0
@ 1mA V(BR) VOLTS 6.0
@100mA VF VOLTS 0.8
@IP = 5A VC VOLTS 9.8
@IP = 16A VC VOLTS 12.5
@VWM ID A 5
@0V, 1MHz C pF 120
FIGURE 1 PEAK PULSE POWER VS PULSE TIME
10,000
IPP - Peak Pulse Current - % of IPP PPP - Peak Pulse Current - Watts
120 100 80 60 40 20 0 tf
FIGURE 2 PULSE WAVE FORM
Peak Value IPP TEST WAVEFORM PARAMETERS tf = 8s td = 20s
1,000 250W, 8/20s Waveform
e-t
100
td = t I /2 PP
10 0.01
1
10 100 td - Pulse Duration - s
1,000
10,000
0
5
10
15 t - Time - s
20
25
30
05239.R1 6/05
2
www.protekdevices.com
PLW0501H
PACKAGE OUTLINE & DIMENSIONS
PACKAGE OUTLINE
C A
SC79 PACKAGE
B F
PACKAGE DIMENSIONS INCHES DIM A B C D E F
NOTES 1. Controlling Dimensions in Millimeters. 2. Dimensions are exclusive of mold flash and metal burrs. TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix-T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., PLW0501H-T73. 2. Suffix-T13 = 13 Inch Reel - 10,000 pieces per 8mm tape, i.e., PLW0501H-T13. 4. Suffix-LF = Lead-Free, Pure Tin Plating,i.e., PLW0501H-LF-T73. Outline & Dimensions: Rev 2- 9/05, 06037
MILLIMETERS MIN 1.10 0.70 1.50 0.50 0.08 MAX 1.30 0.90 1.70 0.70 0.20
MIN 0.043 0.028 0.059 0.020 0.003
MAX 0.049 0.035 0.066 0.028 0.008
D E
0.012 BSE
0.30 BSE
MOUNTING PAD
0.075 (1.90mm)
0.020 (0.50mm)
0.015 (0.38mm)
Tape & Reel Specifications (Dimensions in millimeters)
Reel Dia. 178mm (7") Tape Width 8mm A0 B0 K0 D E F W P0 P2 P tmax 0.25
1.00 0.10 1.95 0.05 0.75 0.05 1.50 0.10 1.75 0.10 3.50 0.05 8.00 0.30 4.00 0.10 2.00 0.05 4.00 0.10
P0 t D P2 10 Pitches Cumulative Tolerance on Tape. 0.2
E Top cover tape Empty Pocket K0 B0 A0
Pin 1 Indicated by Band
F
W
P
User Direction of Feed
COPYRIGHT (c) ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer's and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products.
ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com
05239.R1 6/05
3
www.protekdevices.com


▲Up To Search▲   

 
Price & Availability of PLW0501H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X