Part Number Hot Search : 
250101B 2J224 27T104C F1603 1SS174 04597 EL2041D 1N5376B
Product Description
Full Text Search
 

To Download PLT132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Technical Data Sheet Photo-link Light Transmitter Unit
PLT132
Features * High speed signal transmission16Mbps NRZ Signal * TTL interface compatible * +3~+5V single power source * Pb Free
Descriptions
The opto-electrical component is assembled with a 660nm AlGaInP LED and a driver IC. It transforms the electrical signal to optical signal and be transmitted by 1mm diameter plastic optical fiber. The component is operated at +3~+5V and has good performance at low dissipation current, steady light output and efficient light coupling.
Applications
* Digital audio equipment * CD player * DVD player
Device Selection Guide
Chip Material p(nm) AlGaInP 660 Operating Voltage (Vcc) +3.0~5.0 Dissipation Current (mA) Typ. 5.5 Max. 10 Fiber Coupling Light Output (dBm) Min. -21 Typ. -Max. -15
Everlight Electronics Co., Ltd. Device NO.: DPL-132-001
http://www.everlight.com Prepared date: 06-24-2004
Rev 1.1
Page: 1 of 5
Prepared By: Chin-Chia Hsu
PLT132
Package Dimension:
Pin Function 1 : GND 2 : Vcc 3 : Vin
3
2
1
Notes: 1.All dimensions are in mm. 2.General Tolerance: Pin length tolerance is 0.25 mm others are 0.10 mm
Everlight Electronics Co., Ltd. Device NO.: DPL-132-001
http://www.everlight.com Prepared date: 06-24-2004
Rev 1.1
Page: 2 of 5
Prepared By: Chin-Chia Hsu
PLT132
Absolute Maximum Ratings( Ta = 25C)
Parameter Supply Voltage DC Input Voltage Storage Temperature Operating Temperature Soldering Temperature * Soldering time 10 s. Symbol Vcc Vin Tstg Topr Tsol Rating -0.5 to 7 -0.5 to Vcc+0.5 -40 to 85 -20 to 70 260* Unit V V
C C C
Electro-Optical Characteristics
Parameter Operating Voltage Peak Emission Wavelength Transmission Rate Fiber Coupling Output Power Dissipation Current High Level Input Voltage Low Level Input Voltage Low to High Delay Time High to Low Delay Time Pulse Width Distortion Jitter Pf Icc VIH VIL tpLH tpHL tw tj *2 *2 *2 *2 Symbol Vcc p NRZ Code *1 *1 Conditions Low Voltage High Voltage MIN. 2.75 4.75 640 DC -21 3 2 -25 TYP. 3.00 5.00 660 -18 MAX. 3.25 5.25 680 16 -15 10 0.8 120 120 25 20 Unit V V nm Mbps dBm mA V V ns ns ns ns
*All Plastic Optical Fiber980/1000um *Circuit Layout Notice: When power is off, it must be cut off together in Vin and Vcc pin. If it only has Vcc power-off, LED will sure to be no output power. Vcc 2.7~5.5V 2.7~5.5V 2.7~5.5V FLOATING Vin High Low FLOATING 0~Vcc LED Condition ON OFF OFF OFF
Everlight Electronics Co., Ltd. Device NO.: DPL-132-001
http://www.everlight.com Prepared date: 06-24-2004
Rev 1.1
Page: 3 of 5
Prepared By: Chin-Chia Hsu
PLT132
Measuring Method
*1 Measuring method of optical output coupling fiber and dissipation current
Standard plastic optic fiber cable PLT132 Transmitter Unit Vin Vcc GND
Optical power meter PADVANTEST Q8221
The optical power meter must be calibrated to have the wavelength sensitivity of 660nm ( 0 dBm = 1mW)
Icc
0.1uF
Signal Input DC 5V
*2 Pulse response measuring method
Standard plastic optic fiber cable PLT132 Transmitter Unit Vin Vcc GND Standard Receiver Unit
0.1uF Signal Input
5V
CH1
16Mbps NRZ "0101" successive signal input
TPLH TPHL
CH2
Input Output
tj1
50% 50%
tj2
tw = TPHL-TPLH
Everlight Electronics Co., Ltd. Device NO.: DPL-132-001
http://www.everlight.com Prepared date: 06-24-2004
Rev 1.1
Page: 4 of 5
Prepared By: Chin-Chia Hsu
PLT132
RELIABILITY TEST ITEMS
No. Item Test Condition 2605 Test Hour/Cycle 1 Soldering Heat 10 seconds 1000 1000 1000 Sample Size (piece) 22 22 22 22 Number (n) Failure (c) n=22, c=0 n=22, c=0 n=22, c=0 n=22, c=0
2 High Temp. Storage Ta=100 3 Low Temp. Storage 4 High Temp.& Humi. Test -40 5 Temperature Cycle (30min) (5min) (30min) -10 6 Thermal Shock (5min) (10sec) (5min) Vcc=5V, Ta=25 7 DC Operating Life Vin: DC (5V) ~~~~ 85 ~~~~ 85 Ta=-40 Ta=85, RH=85%
100
76
n=22, c=0
100
76
n=22, c=0
1000
22
n=22, c=0
Pf (Fiber Coupling Output Power)BRIGHTNESS ATTENUATE DIFFERENCE < 20%
EVERLIGHT ELECTRONICS CO., LTD. Office: No 25, Lane 76, Sec 3, Chung Yang Rd, Tucheng, Taipei 236, Taiwan, R.O.C
Tel: 886-2-2267-2000, 2267-9936 Fax: 886-2267-6244, 2267-6189, 2267-6306 http://www.everlight.com
Everlight Electronics Co., Ltd. Device NO.: DPL-132-001
http://www.everlight.com Prepared date: 06-24-2004
Rev 1.1
Page: 5 of 5
Prepared By: Chin-Chia Hsu


▲Up To Search▲   

 
Price & Availability of PLT132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X