Part Number Hot Search : 
128M8HQ BAS16T 0015477 74HC59 00090 B080307 4502B ACM2402F
Product Description
Full Text Search
 

To Download PLL701-50DI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLL701-50
Low EMI Spread Spectrum Multiplier IC
FEATURES
* * * * * * * * Spread Spectrum Clock Generator/Multiplier with output selectable from 1x to 8x. 13MHz to 224MHz output with output enable. 13MHz to 30 MHz input frequency from crystal or external clock signal. Reduced EMI from Spread Spectrum Modulation, with selectable modulation magnitude for Center Spread, Down Spread or Asymmetric Spread. TTL/CMOS compatible outputs. 3.3V Operating Voltage. 150 ps maximum cycle-to-cycle jitter. Available in 16-Pin 150mil SSOP. BLOCK DIAGRAM
REF XIN/FIN XOUT SC(0:3) SD(0:1) M(0:2) XTAL OSC PLL SST Control Logic OE FOUT
DIE PAD CONFIGURATION
69 mil AVDD GND GND XIN
1700, 2540 18 AVDD
DESCRIPTION
The PLL701-50 is a low EMI Clock Generator and Multiplier for high-speed digital systems. It uses PhaseLink's unique (Patent Pending) Spread Spectrum Technology (SST) and permits different levels of EMI reduction by selecting the amplitude of the applied SST. The SST feature can be disabled. The chip operates with input frequencies ranging from 13 to 30 MHz and provides 1x to 8x multiplication at its output.
XOUT/SD0*^
23
22
21 (Optional)
20 (Optional)
19
GNDOSC
25
C501A A2727 -27
17 16 15 14 13 12
AVDD REF/SD1*^ VDD VDD (optional) VDD (optional) SC3^
M2^ 104 mil M1^ M0^
28 29 30
10
OE^
OUTPUT CLOCK (FOUT) SELECTION
M2 M1 M0 FIN/XIN (MHz) Multiplier FOUT (MHz)
TESTB SC0^ SC1^
33 34 35 1 45 6 8 7 FOUT GNDBUF
0 0 0 0 1 1 1 1
0 0 1 1 0 0 1 1
0 1 0 1 0 1 0 1
13 13 14 13 20 17 15 13
~ ~ ~ ~ ~ ~ ~ ~
28 28 30 28 30 30 30 28
X1 X2 X3 X4 X5 X6 X7 X8
13 ~ 28 26 ~ 56 42 ~ 90 52 ~ 112 100 ~ 150 102 ~ 180 105 ~ 210 104 ~ 224
SC2^
GND GND
GND
Y X
DIE SPECIFICATIONS
Name Size Reverse side Pad dimensions Thickness Value 104 x 69 mil GND 80 micron x 80 micron 10 mil
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 09/20/04 Page 1
PLL701-50
Low EMI Spread Spectrum Multiplier IC
SPREAD SPECTRUM SELECTION TABLE
SD1 1 1 1 1 1 1 1 1 1 1 1 0 1 1 0 1 0 1 1 1 0 1 0 1 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 0 0 SD0 1 1 1 1 0 1 0 1 0 1 0 1 1 0 1 1 1 0 1 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 SC3 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 SC2 0 0 0 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 SC1 0 0 1 0 0 0 0 1 1 1 1 1 0 0 0 0 0 0 1 1 1 1 1 1 1 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 SC0 0 1 0 0 0 1 1 0 0 1 1 1 0 0 0 1 1 1 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 Modulation Modulation Magnitude Frequency 0.250% 0.500% 0.750% 1.250% 1.500% 1.750% 2.000% C C C C A C A C A C A D C A A C A A C A A C D A A C A A A C A A A C A A A Modulation Type 0.125% 0.25% 0.375% 0.625% +0.125 ~ -1.125% 0.75% +0.25 ~ -1.25% 0.875% +0.375 ~ -1.375% 1.00% +0.50 ~ -1.5% -2.00% 1.125% +0.625 ~ -1.625% +0.125 ~ -2.125% 1.25% +0.25 ~ -2.25% +0.75 ~ -1.75% 1.375% +0.875 ~ -1.875% +0.375 ~ -2.375% 1.50% -3.00% +1.00 ~ -2.00% +0.50 ~ -2.50% 1.625% +1.125 ~ -2.125% +0.625 ~ -2.625% +0.125 ~ -3.125% 1.75% +1.25 ~ -2.25% +0.75 ~ -2.75% +0.25 ~ -3.25% 1.875% +1.37 ~ -2.375% +0.875 ~ -2.875% +0.375 ~ -3.375% SST turned off SST turned off SST turned off SST turned off
2.250%
2.500%
2.750% Fin / 512 3.000%
3.250%
3.500%
3.750%
0.00 %
Notes: C: Center Spread. A: Asymmetric Spread. D: Down Spread.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 09/20/04 Page 2
PLL701-50
Low EMI Spread Spectrum Multiplier IC
FUNCTIONAL DESCRIPTION Selectable spread spectrum and modulation magnitude
The PLL701-50 provides selectable multiplier factors (1x to 8X), selectable spread spectrum modulation type, as well as selectable modulation magnitude. Selection is made by connecting specific input pins to a logical "zero" or "one". Pins 6 (SC0), 7 (SC1), 8 (SC2) and 12 (SC3) are used as inputs to select the spread spectrum modulation magnitude as shown on the spread spectrum selection table (page 2). Pins 3 (M2), 4 (M1), 5 (M0) are used as inputs to select the multiplication factor as shown on the output clock selection table (page 1). Pin 11 is the output enable pin, which tri-states all outputs when low (logical "zero"). In order to reduce the number of pins on the chip, the PLL701-50 uses pins 2 and 14 (XOUT/SD0 and REF/SD1) as bi-directional pins. The pins serve as modulation type selector inputs (SD0 and SD1) upon power-up (see spread spectrum selection table on page 2), and as XOUT crystal connection (pin 2), and REF output signal (pin 14) as soon as the inputs have been latched.
Connecting a selection pin to a logical "one"
All selection pins have an internal pull-up resistor (30k for pins 3, 4, 5, 6, 7, 8, 11, 12, 14 and 120k for pin 2). This internal pull-up resistor will pull the input value to a logical "one" (pull-up) by default, i.e. when no resistive load is connected between the pin and GND. No external pull-up resistor is therefore required for connecting a logical "one" upon power-up.
Connecting a selection pin to a logical "zero"
For an input only pin, i.e. all input pins except XOUT/SD0 (pin 2) and REF/SD1 (pin 14), the pin simply needs to be grounded to pull the input down to a logical "zero". For the Bidirectional pins ( pins 2 and 14 ) you will need an external resistor. For pin 2 a 27k resistor is recommended and for pin 14 a 4.7k resistor is recommended.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 09/20/04 Page 3
PLL701-50
Low EMI Spread Spectrum Multiplier IC
2. DC/AC Specifications PARAMETERS
Supply Voltage Input High Voltage Input Low Voltage Input High Current Input Low Current Output High Voltage Output Low Voltage Input Frequency Maximum interruption of FIN Load Capacitance Pull-up Resistor Pull-up Resistor Short Circuit Current 3.3V Dynamic Supply Current CL Rup Rup Isc ICC
SYMBOL
VDD VIH VIL IIH IIL VOH VOL FXIN FIN
CONDITIONS
MIN.
2.97 0.7* VDD
TYP.
MAX.
3.63 0.3* VDD 100 100
UNITS
V V V A A
IOH=5mA, VDD =3.3V IOL=6mA, VDD =3.3V When using a crystal When using reference clock When using reference clock Between Pin XIN and XOUT* PIN 2 PIN 3,4,5,6,7,8,11,12,14 No Load
2.4 0.4 See Output Clock Selection table on page 1 See Output Clock Selection table on page 1 100 18 120 30 50 20 MHz MHz s pF k k mA mA
*Note: Pin XIN and XOUT each has a 36pF capacitance. When used with a XTAL, the two capacitors combined load the crystal with 18pF. If driving XIN with a reference clock signal, the load capacitance will be 36pF (typical).
3. Timing Characteristics PARAMETERS
Rise Time Fall Time Output Duty Cycle Cycle to Cycle Jitter Cycle to Cycle Jitter
SYMBOL
Tr Tf DT Tcyc-cyc Tcyc-cyc
CONDITIONS
Measured at 0.8V ~ 2.0V @ 3.3V Measured at 2.0V ~ 0.8V @ 3.3V X1, X2, X4, X8 FOUT @ 3.3V X3, X5, X6, X7 FOUT @ 3.3V
MIN.
0.8 0.78 45
TYP.
0.95 0.85 50
MAX.
1.1 0.9 55 100 150
UNITS
ns ns % ps ps
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 09/20/04 Page 4
PLL701-50
Low EMI Spread Spectrum Multiplier IC
PAD ASSIGNMENT
Pad # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 Name SC2 N/C N/C GND GND GND GNDBUF FOUT N/C OE N/C SC3 VDD (Optional) VDD (Optional) VDD REF/SD1 AVDD AVDD AVDD GND (Optional) GND (Optional) XIN XOUT/SD0 N/C GNDOSC N/C N/C M2 M1 M0 N/C N/C TESTB SC0 SC1 (LOWER LEFT CORNER: X = 0, Y = 0) X (m) Y (m) 338.9 569 780.5 1027.6 1127.3 1284.5 1595.1 1595.1 1595.1 1595.1 1595.1 1595.1 1595.1 1595.1 1595.1 1595.1 1595.1 1595.1 1369.2 1037.3 824.7 529.7 105.6 105.6 105.6 105.6 105.6 105.6 105.6 105.6 105.6 105.6 105.6 105.6 105.6 104.7 104.7 104.7 104.7 104.7 104.7 139.7 381.7 596.3 811.9 970.3 1069.3 1312.3 1555.6 1656.8 1879.9 2093 2390.6 2435 2435 2435 2435 2343.5 2136.1 2035.6 1934.9 1741.5 1641.4 1396.2 1180.3 993.5 836.7 680.1 354.9 110.7 Disables multiplication and SST when pulled low. For crystal fine tuning. Internal pull up. Digital control input to select SS modulation magnitude.30k internal pull-up. Digital control input to select SS modulation magnitude.30k internal pull-up. Digital control input to select multiplier. 30k internal pull-up. Digital control input to select multiplier. 30k internal pull-up. Digital control input to select multiplier. 30k internal pull-up. Ground, Oscillator Circuitry Digital control input to select SS modulation magnitude.30k internal pull-up. 3.3V power supply, Optional 3.3V power supply, Optional 3.3V power supply. At power-up, this pin acts as input pin to select the modulation type and is latched in. After the input sampling, this pin provides a buffered Reference Clock Output of the same frequency as the crystal or clock input. 30k internal pull-up. 3.3V Analog power supply. 3.3V Analog power supply. 3.3V Analog power supply. Ground, Optional Ground, Optional Crystal input to be connected to fundamental parallel mode crystal. (CL=18pF) or clock input. At power-up, this pin is acts as input pin to select the modulation type. After the input sampling, it is used as crystal output connector. 120k internal pull up resistor. Output Enable. When low, Tri-states all outputs. 30k internal pull-up. Ground. Ground. Ground. Ground, Buffer Circuitry Modulated Clock Frequency Output. The input frequency is multiplied per M(0:2), modulation type is selected per SD(0:1) and modulation rate is selected per SC(0:3). Description Digital control input to select SS modulation magnitude.30k internal pull-up.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 09/20/04 Page 5
PLL701-50
Low EMI Spread Spectrum Multiplier IC
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PLL701-50
PART NUMBER
XC
TEMPERATURE C=COMMERCIAL I=INDUSTRIAL PACKAGE TYPE D= Die
Order Number
PLL701-50DC
Marking
P701-50DC
Package Option
Die -Waffle Pack
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 09/20/04 Page 6


▲Up To Search▲   

 
Price & Availability of PLL701-50DI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X