Part Number Hot Search : 
MS8GE P1002A AD80066 ITS724G 74HCT244 MVME712M MCP18 ZMY68
Product Description
Full Text Search
 

To Download PLL701-26SIR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLL701-26
Low EMI Spread Spectrum Multiplier Clock
FEATURES
* * * * * * * * Spread Spectrum clock with frequency range of 33 ~ 90MHz. Output frequency 1X the input frequency. Less than 250 ps skew between outputs. Less than 100 ps cycle - cycle jitter. 1.0% Center Spread Modulation (+/-15% tolerance). TTL/CMOS compatible outputs. 3.3V operation. Available in 8-Pin 150mil SOIC.
PIN CONFIGURATION
FIN CLK2 CLK1 GND
1
8
CLK5 CLK4 VDD CLK3
PLL701-26
2 3 4
7 6 5
FIN = 33 ~ 90 Mhz
DESCRIPTION
The PLL701-26 is a Spread Spectrum Clock Generator designed for the purpose of reducing EMI in high-speed digital systems. The device is designed to operate from 33 ~ 90MHz and provides five lowskew outputs with 1.0% Center Spread Modulation.
BLOCK DIAGRAM
CLK1 CLK2 FIN PLL SST 1X CLK3 CLK4 CLK5
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 1
PLL701-26
Low EMI Spread Spectrum Multiplier Clock
PIN DESCRIPTIONS
Name
FIN CLK2 CLK1 GND CLK3 VDD CLK4 CLK5
Number
1 2 3 4 5 6 7 8
Type
I O O I O P O O
Description
Input Clock Frequency. ( 33 ~ 90MHz ) Buffered Clock Output. 1X the input frequency Buffered Clock Output. 1X the input frequency Ground. Buffered Clock Output. 1X the input frequency 3.3V Power Supply. Buffered Clock Output. 1X the input frequency Buffered Clock Output. 1X the input frequency ( FIN ). ( FIN ). ( FIN ). ( FIN ). ( FIN ).
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. Electrical Characteristics PARAMETERS
Supply Voltage Input Low Voltage Input High Voltage Input Low Current Input High Current Output Low Voltage Output High Voltage Supply Current
SYMBOL
VDD VIL VIH IIL IIH VOL VOH IDD
CONDITIONS
MIN.
2.97 2.0
TYP.
MAX.
3.63 0.8
UNITS
V V V A A V V mA
VIN = 0V VIN = VDD IOL = 50 mA IOH = 50 mA Unloaded outputs at 75MHz, SEL inputs at VDD or GND
2.4
19 0.10 0.25 2.9 30.0
50.0 100.0 0.4 40.0
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 2
PLL701-26
Low EMI Spread Spectrum Multiplier Clock
3. Timing Characteristics PARAMETERS
Input Frequency Rise Time Fall Time Output Duty Cycle Input to Output Delay Cycle to Cycle Jitter
SYMBOL
FIN Tr Tf DT Tcyc-cyc
CONDITIONS
Measured at 0.8V ~ 2.0V @ 3.3V Measured at 2.0V ~ 0.8V @ 3.3V
MIN.
33 0.8 0.78 45 2
TYP.
0.95 0.85 50
MAX.
90 1.1 0.9 55 4 100
UNITS
MHz ns ns % ns ps
Over output frequency range @ 3.3V
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 08/12/04 Page 3
PLL701-26
Low EMI Spread Spectrum Multiplier Clock
PACKAGE INFORMATION
8 PIN Narrow SOIC ( mm )
SOIC Symbol A A1 B C D E H L e Min. 1.47 0.10 0.33 0.19 4.80 3.80 5.80 0.38 1.27 BSC Max. 1.73 0.25 0.51 0.25 4.95 4.00 6.20 1.27 A1 B C L e E H
D
A
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PLL701-26 S X X X
PART NUMBER NONE= TUBE R=TAPE and REEL NONE=NORMAL PACKAGE L=GREEN PACKAGE PACKAGE TYPE S=SOIC TEMPERATUE C=COMMERCIAL I = INDUSTRIAL Package Option SOIC -Tape and Reel SOIC -Tube SOIC -Tape and Reel SOIC -Tube
Order Number PLL701-26SC-R PLL701-26SC PLL701-26SCL-R PLL701-26SCL
Marking P701-26SC P701-26SC P701-26SCL P701-26SCL
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 11/18/04 Page 4


▲Up To Search▲   

 
Price & Availability of PLL701-26SIR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X