Part Number Hot Search : 
PVN013 BB731 07K010 BF197 T5089 UGPZ30A C68HC705 10C3TR
Product Description
Full Text Search
 

To Download PLL701-21SI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
PLL701-21
Low EMI Spread Spectrum Multiplier Clock
FEATURES
* * * * * * * Spread Spectrum Clock Generator with selectable SST mode. Output frequency ranges: 24MHz to 200MHz. Selectable Center Spread Modulation. TTL/CMOS compatible outputs. 3.3V Operating Voltage. Low short-term jitter. Available in 8-Pin 150mil SOIC.
PIN CONFIGURATION
FIN S2^ S1^ S0v 1 8 VDD S3^ FOUT GND
PLL701-21
2 3 4
7 6 5
FIN = 24 ~ 200 Mhz
Note: v: 30k Internal Pull down. ^: 30k Internal Pull up.
DESCRIPTION
The PLL701-21 is a Spread Spectrum Clock Generator designed for the purpose of reducing EMI in high-speed digital systems, with selectable Center Spread modulation magnitude (see table below). The device operates over a very wide range of input frequencies and provides a 1x modulated clock output.
SST BY-PASS SELECTOR
S3
0 1
Spread Spectrum Mode
OFF ON (See below) Default
Note: S3 has an internal Pull Up. Default="1"
MODULATION MAGNITUDE SELECTION
S2
0 0 0 0 1 1 1 1
S1
0 0 1 1 0 0 1 1
S0
0 1 0 1 0 1 0 1
FIN Range (MHz)
24 24 24 24 24 24 24 24 200 200 200 200 200 200 200 200
Spread Spectrum Modulation FOUT
X1 X1 X1 X1 X1 X1 X1 X1
Frequency
Magnitude
0.75% 1.00% 1.25% 0.125% 0.25% 0.50% 0.375% 0.625%
Fin / 1024
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 05/12/05 Page 1
Preliminary
PLL701-21
Low EMI Spread Spectrum Multiplier Clock
BLOCK DIAGRAM
FIN
PLL SST
FOUT
S(0:3)
Control Logic
PIN DESCRIPTIONS
Name
FIN S2 S1 S0 GND FOUT S3 VDD
Number
1 2 3 4 5 6 7 8
Type
I I I I P O I P
Description
Input Clock Frequency. 24MHz to 200MHz. Digital control input for SST modulation magnitude selection. Has internal pullup. Digital control input for SST modulation magnitude selection. Has internal pullup. Digital control input for SST modulation magnitude selection. Has internal pulldown. Ground. SST Modulated Clock Frequency Output. SST By-Pass Selector. S3 has internal pull-up. Default ="1" 3.3V Power Supply.
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 05/12/05 Page 2
Preliminary 2. DC/AC Specifications PARAMETERS
Supply Voltage Input High Voltage Input Low Voltage Input High Current Input Low Current Output High Voltage Output Low Voltage Input Frequency Maximum interruption of FIN Input Capacitance Pull-up Resistor Pull-down Resistor Short Circuit Current 3.3V Dynamic Supply Current
PLL701-21
MAX.
3.63 0.3* VDD 100 100
Low EMI Spread Spectrum Multiplier Clock
SYMBOL
VDD VIH VIL IIH IIL VOH VOL FIN Cin1 Rpu Rpd Isc ICC
CONDITIONS
MIN.
2.97 0.7* VDD
TYP.
UNITS
V V V A A V V MHz s pF k k mA mA
IOH=5mA, VDD =3.3V IOL=6mA, VDD =3.3V
2.4 24 4 30 30 50 20 0.4 200 100
PIN 2, 3, 7 PIN 4 No Load
3. TIMING CHARACTERISTICS PARAMETERS
Rise Time Fall Time Output Duty Cycle Input to Output Delay Cycle to Cycle Jitter
SYMBOL
Tr Tf DT Tcyc-cyc
CONDITIONS
Measured at 0.8V ~ 2.0V @ 3.3V Measured at 2.0V ~ 0.8V @ 3.3V
MIN.
0.8 0.78 45 2
TYP.
0.95 0.85 50
MAX.
1.1 0.9 55 4 100
UNITS
ns ns % ns ps
Over output frequency range @ 3.3V
FUNCTIONAL DESCRIPTION Selectable spread spectrum and modulation rates
The PLL701-21 provides Center Spread modulation, as well as a selectable modulation magnitude. Selection is made by connecting pins 2 (S2), 3 (S1) and 4 (S0) to a logical "zero" or "one", according to the modulation magnitude selection table on page 1.
Default values for S(0:3) through internal pull-up and pull-down resistor
Selection pin 4 (S0) has an internal pull-down resistor of 30k while pins 2, 3 and 7 (S2, S1 and S3) have an internal pull-up resistor of 30k. This internal pull-down (or pull-up) resistor will pull the input value to a logical "zero" (or "one" respectively) by default, i.e. when no connection is made between the pin and VDD (GND respectively). In order to override the internal pull-down (pull-up), the pin has to be connected to VDD (GND respectively).
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 05/12/05 Page 3
Preliminary
PLL701-21
Low EMI Spread Spectrum Multiplier Clock
PACKAGE INFORMATION
8 PIN Narrow SOIC ( mm )
SOIC Symbol A A1 B C D E H L e Min. 1.47 0.10 0.33 0.19 4.80 3.80 5.80 0.38 1.27 BSC Max. 1.73 0.25 0.51 0.25 4.95 4.00 6.20 1.27 A1 B C L e A D E H
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PLL701-21 S C
PART NUMBER TEMPERATURE C=COMMERCIAL I=INDUSTRIAL PACKAGE TYPE S=SOIC
Order Number PLL701-21SC-R PLL701-21SC
Marking P701-21SC P701-21SC
Package Option SOIC -Tape and Reel SOIC -Tube
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991
www.phaselink.com
Rev 05/12/05 Page 4


▲Up To Search▲   

 
Price & Availability of PLL701-21SI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X