Part Number Hot Search : 
00AXI ATS02 LS11K1T P4N40FI SNC12060 2N305 16NO7 CA14122
Product Description
Full Text Search
 

To Download PLL701-11SIL-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLL701-11
Low EMI Spread Spectrum Multiplier Clock
FEATURES
* * * * * * * * Spread Spectrum Clock Generator with selectable multiplier ( 1x, 2x and 4x ). Reference input frequency: 24MHz-120MHz. Output frequency range: 24MHz to 240MHz. Selectable center spread modulation rate. TTL/CMOS compatible outputs. 3.3V Operating Voltage. Low short term jitter. Available in 8-Pin 150mil SOIC package.
PIN CONFIGURATION
FIN S2^ S1^ S0v 1 8 VDD S3v FOUT GND
PLL701-11
2 3 4
7 6 5
FIN = 24 ~ 120 Mhz
Note: v: 30k Internal Pull down. ^: 30k Internal Pull up.
DESCRIPTION
The PLL701-11 is a Spread Spectrum Clock Generator designed for the purpose of reducing EMI in high-speed digital systems, with the selectable Center Spread modulation amplitude (see table below). The output frequency is selected by programming 4 multiplier modes. The device operates over a very wide range of input frequencies and provides 1x to 4x modulated clock outputs.
OUTPUT CLOCK (FOUT) SELECTION
S3
0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1
S2
0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1
S1
0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1
S0
0 1 0 1 0 1 0 1 0 1 0 1 0 1 0 1
FIN Range (MHz)
24 24 24 24 24 24 24 24 60 60 60 60 60 60 60 60
Spread Spectrum Modulation FOUT
X1 X1 X1 X1 X2 X2 X2 X2 X2 X2 X4 X4 X1 X1 X1 X1
Frequency
Magnitude
0.75% 1.00% 1.25% 1.50% 0.25% 0.50% 0.75% 1.00% 1.25% 1.50% 0.25% 0.50% 0.25% 0.50% 0.75% 1.00%
24 - 60 24 - 60 24 - 60 24 - 60 60 60 60 60 120 120 120 120
Fin / 1024
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/17/06 Page 1
PLL701-11
Low EMI Spread Spectrum Multiplier Clock
BLOCK DIAGRAM
FIN
PLL SST
FOUT
S(0:3)
Control Logic
PIN DESCRIPTIONS
Name
FIN S2 S1 S0 GND FOUT S3 VDD
Number
1 2 3 4 5 6 7 8
Type
I I I I P O I P
Description
Input Clock Frequency, 24MHz to 120MHz. Digital control input to select multiplication factor and SST modulation amplitude. Has internal pull-up. Digital control input to select multiplication factor and SST modulation amplitude. Has internal pull-up. Digital control input to select multiplication factor and SST modulation amplitude. Has internal pull-down. Ground. SST Modulated Clock Frequency Output. The frequency before modulation is synthesized by multiplying the input frequency by 1X, 2X, or 4X, depending on S(0:3). Digital control input to select multiplication factor and SST modulation amplitude. Has internal pull-down. 3.3V Power Supply.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/17/06 Page 2
PLL701-11
Low EMI Spread Spectrum Multiplier Clock
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Input Voltage, dc Output Voltage, dc Storage Temperature Ambient Operating Temperature* Junction Temperature Lead Temperature (soldering, 10s) ESD Protection, Human Body Model
SYMBOL
VDD VI VO TS TA TJ
MIN.
-0.5 -0.5 -65 -40
MAX.
4.6 VDD+0.5 VDD+0.5 150 85 125 260 2
UNITS
V V V C C C C kV
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. * Note: Operating Temperature is guaranteed by design for all parts (COMMERCIAL and INDUSTRIAL), but tested for COMMERCIAL grade only.
2. DC/AC Specifications PARAMETERS
Supply Voltage Input High Voltage Input Low Voltage Input High Current Input Low Current Output High Voltage Output Low Voltage Input Frequency Maximum interruption of FIN Input Capacitance Pull-up Resistor Pull-down Resistor Short Circuit Current 3.3V Dynamic Supply Current
SYMBOL
VDD VIH VIL IIH IIL VOH VOL FIN Cin1 Rpu Rpd Isc ICC
CONDITIONS
MIN.
2.97 0.7* VDD
TYP.
MAX.
3.63 0.3* VDD 100 100
UNITS
V V V A A
IOH=5mA, VDD =3.3V IOL=6mA, VDD =3.3V
2.4 24 4 30 30 50 20 0.4 120 none MHz s pF k k mA mA
PIN 2, 3 PIN 4, 7 No Load
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/17/06 Page 3
PLL701-11
Low EMI Spread Spectrum Multiplier Clock
3. TIMING CHARACTERISTICS PARAMETERS
Rise Time Fall Time Output Duty Cycle Input to Output Delay Cycle to Cycle Jitter
SYMBOL
Tr Tf DT Tcyc-cyc
CONDITIONS
Measured at 0.8V ~ 2.0V @ 3.3V Measured at 2.0V ~ 0.8V @ 3.3V
MIN.
0.8 0.78 45 2
TYP.
0.95 0.85 50
MAX.
1.1 0.9 55 4 100
UNITS
ns ns % ns ps
Over output frequency range @ 3.3V
FUNCTIONAL DESCRIPTION Selectable spread spectrum and modulation rates
The PLL701-11 provides selectable spread spectrum modulation, as well as selectable modulation rate. Selection is made by connecting specific pins to a logical "zero" or "one", according to the output clock selection table and modulation rate selection table on page 1. Pins 2 (S2), 3 (S1), 4 (S0), and 7 (S3) are used as inputs to select the spread spectrum modulation and multiplication factor as shown on the output clock selection table (page 1).
Default values for S(0:3) through internal pull-up and pull-down resistor
Selection pins S0 and S3 have an internal pull-down resistor of 30k, pins 2 and 3 (S1 and S2) have an internal pull-up resistor of 30k. This internal pull-up (or pull-down) resistor will pull the input value to a logical "one" (or "zero" respectively) by default, i.e. when no resistive load is connected between the pin and GND (VDD respectively). In order to override the internal pull-up (pull-down), the pin has to be connected to GND (VDD respectively).
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/17/06 Page 4
PLL701-11
Low EMI Spread Spectrum Multiplier Clock
PACKAGE INFORMATION
8 PIN Narrow SOIC ( mm )
SOIC Symbol A A1 B C D E H L e Min. 1.47 0.10 0.33 0.19 4.80 3.80 5.80 0.38 1.27 BSC Max. 1.73 0.25 0.51 0.25 4.95 4.00 6.20 1.27 A1 B C L e E H
D
A
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PLL701-11 X X X-R
PART NUMBER
NONE= TUBE R= TAPE AND REEL NONE= NORMAL PACKAGE L= GREEN PACKAGE
PACKAGE TYPE S=SOIC
TEMPERATURE C=COMMERCIAL I=INDUSTRIAL
Order Number PLL701-11SC PLL701-11SC-R PLL701-11SCL PLL701-11SCL-R
Marking P701-11SC P701-11SC P701-11SCL P701-11SCL
Package Option SOIC-Tube SOIC-Tape and Reel SOIC-Tube (GREEN) SOIC-Tape and Reel (GREEN)
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 01/17/06 Page 5


▲Up To Search▲   

 
Price & Availability of PLL701-11SIL-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X