Part Number Hot Search : 
TSOP4156 ALD7556 ALD7556 200PC EST7502B MAX4780 T9340 LM358
Product Description
Full Text Search
 

To Download PLL601-03SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
FEATURES
* * * * * * * * * * Full swing CMOS outputs with 25 mA drive capability at TTL levels. Reference 10-30MHz crystal or clock. Integrated crystal load capacitor: no external load capacitor required. Output clocks up to 198MHz at 3.3V. Low phase noise (-126dBc/Hz @ 1kHz). Output Enable function. Low jitter (RMS): 6.4ps (period), 9.4ps (accum.) Advanced low power sub-micron CMOS process. 3.3V operation. Available in 16-Pin SOIC or TSSOP.
PIN CONFIGURATION
CLK REFEN VDD VDD VDD XOUT S1 XIN
1 2
16 15
GND GND GND REFOUT OE S0 S3 S2
PLL 601-03
3 4 5 6 7 8
14 13 12 11 10 9
DESCRIPTIONS
The PLL601-03 is a low cost, high performance and low phase noise clock synthesizer. It implements PhaseLink's proprietary analog and digital Phase Locked Loop techniques to allow the user to select the desired multiplier value. The chip accepts crystal or clock inputs ranging from 10 to 30MHz, depening on selected multiplier, and produces outputs clocks up to 198MHz at 3.3V.
MULTIPLIER SELECT TABLE
S3 0 0 1 1 S2 0 0 1 0 1 S1 0 0 0 0 0 S0 0 1 1 1 1 Multiplier Xtal range
0
Reserved 11x 10-18MHz 5x 20-30MHz Frequency Pass through 6x 11-22MHz
BLOCK DIAGRAM
S3 S2 S1 S0
ROM Based Multipliers
Phase Locked Loop
OE CLK
XIN XOUT
XTAL OSC
REFOUT REFEN
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 1
Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
PIN DESCRIPTIONS
Name
CLK REFEN VDD XIN XOUT OE REFOUT S0 S1 S2 S3 GND
Number
1 2 3,4,5 8 6 12 13 11 7 9 10 14,15,16
Type
O I P I O I O I I I I P
Description
Clock output from VCO. Equals the input frequency times multiplier. Reference clock enable. When Low, it turns off REFOUT. 3.3V Power Supply. Crystal input to be connected to 10-30MHz fundamental parallel mode crystal (CL=15pF). On chip load capacitors: No external capacitor required. Crystal Connection. Output Enable. Tri-state CLK and REFOUT when low. Has internal pull-up. Buffered crystal oscillator clock output. Controlled by REFEN. Multiplier Select Pin 0. Determines CLK output. Has internal pull-up. Multiplier Select Pin 1. Determines CLK output. Has internal pull-up. Multiplier Select Pin 1. Determines CLK output. Has internal pull-up. Multiplier Select Pin 3. Determines CLK output. Has internal pull-up. Ground.
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 2
Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Range Input Voltage Range Output Voltage Range Soldering Temperature Storage Temperature Ambient Operating Temperature TS -65 0
SYMBOL
V CC VI VO
MIN.
MAX.
7 V CC +0.5 V CC +0.5 260 150 70
UNITS
V V V C C C
-0.5 -0.5 -0.5
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied.
2. AC Specification PARAMETERS
Input Frequency Output Frequency Output Rise Time Output Fall Time Duty Cycle Period jitter RMS Accumulated jitter RMS Phase Noise, relative to carrier, 155Mhz(x8) Phase Noise, relative to carrier, 155Mhz(x8) Phase Noise, relative to carrier, 155Mhz(x8) Phase Noise, relative to carrier, 155Mhz(x8) At 3.3V 0.8V to 2.0V with no load 2.0V to 0.8V with no load At VDD/2 With capacitive decoupling between VDD and GND With capacitive decoupling between VDD and GND 100Hz offset, 3.3V 1kHz offset, 3.3V 10kHz offset, 3.3V 100kHz offset, 3.3V 45 50 6.4 9.4 -103 -126 -133 -128
CONDITIONS
Depends on selected multiplier
MIN.
10
TYP.
MAX.
30 160 1.5 1.5 55
UNITS
MHz MHz ns ns % ps ps dBc/Hz dBc/Hz dBc/Hz dBc/Hz
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 3
Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
3. DC Specification PARAMETERS
Operating Voltage Input High Voltage Input Low Voltage Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Output High Voltage At CMOS Level Operating Supply Current Short-circuit Current Input Capacitance
SYMBOL
VDD VIH VIL VIH VIL VOH VOL VOH IDD IS CIN
CONDITIONS
MIN.
3.135 2
TYP.
MAX.
3.465 0.8
UNITS
V V V V V V V V
For XIN pin For XIN pin IOH = -25mA IOL = 25mA IOH = -8mA No Load OE, Select Pins
(VDD/2) + 1 2.4
VDD/2 VDD/2 (VDD/2) - 1 0.4
VDD-0.4 35 120 5
mA mA pF
4. Crystal Specifications PARAMETERS
Crystal Resonator Frequency Crystal Loading Capacitance Rating
SYMBOL
F XIN CL (xtal)
CONDITIONS
Parallel Fundamental Mode
MIN.
10
TYP.
MAX.
30
UNITS
MHz pF
15
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 4
Preliminary
PLL601-03
Low Phase Noise PLL Clock Multiplier
PACKAGE INFORMATION
16 PIN Narrow SOIC, TSSOP ( mm )
SOIC Symbol A A1 B C D E H L e Min. 1.35 0.10 0.33 0.19 9.80 3.80 5.80 0.40 1.27 BSC Max. 1.75 0.25 0.51 0.25 10.00 4.00 6.20 1.27 0.45 Min. 0.05 0.19 0.09 4.90 4.30 TSSOP Max. 1.20 0.15 0.30 0.20 5.10 4.50 6.40 BSC 0.75 0.65 BSC B e A1 A C L D E H
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PART NUMBER
PLL601-03 X C
PART NUMBER TEMPERATURATURE C=COMMERCIAL M=MILITARY I=INDUSTRAL PACKAGE TYPE S=SOIC, O=TSSOP
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538 TEL (510) 492-0990 FAX (510) 492-0991
Rev 06/15/01 Page 5


▲Up To Search▲   

 
Price & Availability of PLL601-03SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X