Part Number Hot Search : 
AP4511GM E2023NL 18F6625 C1602G VSC7967 HERS104G TOR034 XC9221
Product Description
Full Text Search
 

To Download PLL102-15SC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PLL102-15
Low Skew Output Buffer
FEATURES
* * * * * * * * * Frequency range 25 ~ 60MHz. Internal phase locked loop will allow spread spec trum modulation on reference clock to pass to the outputs (up to 33kHz SST modulation). Zero input - output delay. Less than 700 ps device - device skew. Less than 250 ps skew between outputs. Less than 200 ps cycle - cycle jitter. Output Enable function tri -state outputs. 3.3V operation. Available in 8 -Pin 150mil SOIC.
PIN CONFIGURATION
VDD CLK1 CLKOUT GND
1 2 3 4
8 7 6 5
N/C CLK3 CLK2 REF_IN
PLL102-15
Remark
If REF_IN clock is stopped for more than 10us after it has already been provided to the chip, and after power-up, the output clocks will disappear. In that instance, a full power-up reset is required in order to reactivate the output clocks.
DESCRIPTIONS
The PLL102 -15 is a high performance, low skew, low jitter zero delay buffer designed to di stribute high speed clocks and is available in 8 -pin SOIC or TSSOP package. It has four outputs that are synchronized with the input. The synchronization is established via CLKOUT feedback to the input of the PLL. Since the skew b etween the input and outpu t is less than 350 ps, the device acts as a zero delay buffer.
BLOCK DIAGRAM
REF_IN
PLL
CLKOUT CLK1 CLK2 CLK3
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 1
PLL102-15
Low Skew Output Buffer
PIN DESCRIPTIONS
Name
VDD CLK1 3 CLKOUT 3 GND REF_IN 2 CLK2 3 CLK3 3 NC
Number
1 2 3 4 5 6 7 8
Type
P O O P I O O 3.3V Power Supply. Buffered clock output.
Description
Buffered clock output. Internal fe ed back on this pin. Ground. Input reference frequency. Spread spectrum modulation on this signal will be passed to the output (up to 33kHz SST modulation). Buffered clock output. Buffered clock output. No connection.
Notes: 2: Weak pull-down. 3: Weak pull -down on all outputs.
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 2
PLL102-15
Low Skew Output Buffer
ELECTRICAL SPECIFICATIONS
1. Absolute Maximum Ratings PARAMETERS
Supply Voltage Range Input Voltage Range Output Voltage Range Soldering Temperature Storage Temperature Ambient Operating Temperature ESD Voltage TS - 65 0
SYMBOL
V CC VI VO
MIN.
MAX.
7 V CC +0.5 V CC +0.5 260 150 70 2
UNITS
V V V C C C KV
-0.5 -0.5 -0.5
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied.
2. Electrical Characteristics
V D D = 3.0~3.6V, unless otherwise stated
PARAMETERS
Supply Voltage Input Low Voltage Input High Voltage Input Low Current Input High Current Output Low Voltage Output High Voltage Power Down Supply Current Supply Current
SYMBOL
V DD VIL V IH IIL I IH VOL VO H I DD I DD V IN = 0V
CONDITIONS
MIN.
2.97 2.0
TYP.
MAX.
3.63 0.8
UNITS
V V V
19 0.10 0.25 2.4 2.9 0.3 30.0
50.0 100.0 0.4
A A V V
V IN = V DD I O L = 50mA I O H = 50mA REF = 0MHz Unloaded outputs at 60MHz, SEL inputs at V DD or GND
50.0 40.0
A mA
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 3
PLL102-15
Low Skew Output Buffer
3. Switching Characteristics PARAMETERS
Output Frequency Duty Cycle ( t2 / t1 ) Duty Cycle ( t2 / t1 ) Rise Time Fall Time Output to Output Skew Delay, REF Rising Edge to CLKOUT Rising Edge Device to Device Skew Cycle to Cycle Jitter PLL Lock Time Jitter; Absolute Jitter Jitter; 1- sima
SYMBOL
t1 Dt1 Dt2 Tr Tf T skew T delay T dsk -dsk T cyc -cyc T loc k T jabs T j1 -s
DESCRIPTION
Measured at 1.4V, C L =30pF, Fout = 60MHz Measured at 1.4V Measured between 0.8V and 2.0V, C L =30pF Measured between 2.0V and 0.8V, C L =30pF All outputs equally loaded, C L =20p F Measured at 1.4V Measured at V DD /2 on the CLKOUT pins of devices Loaded outputs Stable power supply, valid clock presented on REF pin At 10,000 cycles, C L =30pF At 10,000 cycles, C L =30pF
MIN.
25 40.0 45.0
TYP.
MAX.
60
UNITS
MHz % % ns ns ps ps ps ps ms ps ps
50.0 50.0 1.2 1.2
60.0 55.0 1.5 1.5 250
0 0
350 700 200 1.0
- 100
70 14
100 30
SWITCHING WAVEFORMS
Duty Cycle Timing
t1 t2 1.4V 1.4V 1.4V
Output - Output Skew
Output
1.4V
1.4V
Output
T SKEW
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 4
PLL102-15
Low Skew Output Buffer
SWITCHING WAVE FORMS
All Outputs Rise/Fall Time
2.0V 2.0V 0.8V tr tf 3.3V 0V
Output
0.8V
Input to Output Propagation Delay
VDD/2
Input
VDD/2
Output
Tdelay
Device to Device Skew
VDD/2
Device1 CLKOUT
VDD/2
Device2 CLKOUT
Tdsk - dsk
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 5
PLL102-15
Low Skew Output Buffer
Output-Output Skew The skew between CLKOUT and the CLK(1-3) outputs is not dynamically adjusted by the PLL. Since CLKOUT is one of the inputs to the PLL, zero phase difference is maintained from REF_IN to CLKOUT. If all outputs are equally loaded, zero phase difference will maintained from REF_IN to all outputs. If applications requiring zero output-output skew, all the outputs must equally loaded. If the CLK(1-3) outputs are less loaded than CLKOUT, CLK(1-3) outputs will lead it; if the CLK(1-3) is more loaded than CLKOUT, CLK(1-3) will lag the CLKOUT. Since the CLKOUT and the CLK(1-3) outputs are identical, they all start at the same time, but difference loads cause them to have different rise times and different times crossing the measurement thresholds.
REF_IN CLKOUT CLK(1-3) Zero Delay
REF_IN input and all outputs loaded equally
REF_IN CLKOUT CLK(1-3) Advanced
REF_IN and CLK(1-3) outputs loaded equally, with CLK(1-3) less loaded than CLKOUT.
REF_IN CLKOUT CLK(1-3) Delayed
REF_IN input and CLK(1-3) outputs loaded equally, with CLK(1-3) more loaded than CLKOUT.
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 6
PLL102-15
Low Skew Output Buffer
PACKAGE INFORMATION
8 PIN Narrow SOIC ( mm )
SOIC Symbol A A1 B C D E H L e Min. 1.55 0.15 0.35 0.19 4.80 3.81 5.84 0.41 1.27 BSC Max. 1.73 0.18 0.49 0.25 4.98 3.99 6.20 0.89 E H
D
A 1 B e
A C L
ORDERING INFORMATION
For part ordering, please contact our Sales Department:
47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492 - 0990 Fax: (510) 492- 0991
PART NUMBER
The order number for this device is a combination of the following: Device number, Package type and Operating temperature range
PLL102-15 S C
PART NUMBER TEMPERATURE C=COMMERCIAL (0~70C )
PACKAGE TYPE S=SOIC
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's pr oducts are not authorized for use as critical components in life support devices or systems without the ex press written approval of the President of PhaseLink Corporation.
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 7
PLL102-15
Low Skew Output Buffer
REVISION HISTORY
06/20/01 10/23/01 11/07/01 11/29/01 10/08/02 01/13/03 Created from preliminary PLL102 -05 and PLL102-04 Document Removed Power Down mode in absence of REF (not supported in final version). Added VDD = 3.3V in Electrical Specs for clarity. Added Remark on REF clock absence on page 1 Change pass through modulation rate from 100kHz to 33kHz. Changed Frequency range from "25-75MHz" to "25-60MHz" on Features section on page 1 Changed Supply Current (I DD ) from Unloaded outputs at "66.67MHz" to "60MHz" on page 3 Changed Max. of Output Frequency from "75" to "60" on page 4 Deleted "Fout < 50.0MHz" for Duty Cycle (Dt2) and "Measured at 60MHz" for Cycle to Cycle Jitter (Tcyc -cyc) of Switching Characteristics section on page 4 Bonding diagram modification to P102 -15 (ICS553 compatible)
05/06/03
47745 Fremont Blvd., Fremont, California 94538
TEL (510) 492-0990 FAX (510) 492-0991
Rev 05/06/03 Page 8


▲Up To Search▲   

 
Price & Availability of PLL102-15SC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X