Part Number Hot Search : 
FQD5N20 45V1P EZ10D5 BZX78C16 AS350SS SDA12 IRF7424 LN1271
Product Description
Full Text Search
 

To Download PL78M05XT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Three Terminal Medium Current Positive Voltage Regulators
Spec. No. : C520T3 Issued Date : 2003.04.10 Revised Date : .. Page No. : 1/4
PL78M05XT3
Description
TO-126 These regulators employ internal current-limiting and thermal-shutdown, making them essentially indestructible. They can deliver up to 500mA output current, if the case temperature can be kept at Tc=25C. They are intended as fixed voltage regulators in a wide range of applications including local (on-card) regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power pass elements to make high-current voltage regulators. The PL78M05XT3 used as a Zener diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower noise.
Absolute Maximum Ratings (Ta=25C)
* Input Voltage............................................................................................................. 35 V * Total Power Dissipation............................................................................... Internally limited * Operating Temperature Range...................................................................... 0 C to +125 C * Maximum Junction Temperature.................................................................................125 C * Storage Temperature Range........................................................................-55 C to +150 C * Lead Temperature (Soldering 10S)...................................... ....................................260 C
Typical Application
Schematic Diagram
Vin
Vin PL78M05 PL78M05
Vout
5k
5.7k 100 1.5k 1.9k 5p 3.41k 3.89k 7.8k 13k 2.23k Vout 100
C1
C2
576
Note: C1 and C2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop.
2.84k
Gnd
PL78M05T3
CYStek Product Specification
CYStech Electronics Corp.
Ordering Information
Device PL78M05AT3 PL78M05BT3 PL78M05CT3 Output Voltage Range 4.8V4.9V 4.9V5.1V 5.1V5.2V
Spec. No. : C520T3 Issued Date : 2003.04.10 Revised Date : .. Page No. : 2/4
Electrical Characteristics
Vin=10V, Iout=350mA, PD5W,0CTj125C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted) Symbol Vo Vo Vo IQ IQ Vn RR VD IOS IMAX TCVo Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage Conditions Tj=25C 5mAIo350mA and 7VVin20V Tj=25C, 7VVin25V Tj=25C, 8VVin25V Tj=25C, 5mAIo500mA Tj=25C, 5mAIo200mA Tj=25C 5mAIo350mA 8VVin25V,Io=200mA Ta=25C, 10Hzf10KHz 8VVin18V,Io=300mA, f=120Hz Tj=25C,Io=500mA Tj=25,Vin=35V Tj=25 Io=5mA PL78M05A Min Typ Max 4.80 4.90 4.75 62 3 15 3.2 40 78 2 300 700 -1.1 5.25 100 50 100 50 6 0.5 0.8 100 Units V mV mV mA mA uV dB V mA mA mV/
PL78M05T3
CYStek Product Specification
CYStech Electronics Corp.
Symbol Vo Vo Vo IQ IQ Vn RR VD IOS IMAX TCVo Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage Conditions Tj=25C 5mAIo350mA and 7VVin20V Tj=25C, 7VVin25V Tj=25C, 8VVin25V Tj=25C, 5mAIo500mA Tj=25C, 5mAIo200mA Tj=25C 5mAIo350mA 8VVin25V,Io=200mA Ta=25C, 10Hzf10KHz 8VVin18V,Io=300mA, f=120Hz Tj=25C,Io=500mA Tj=25,Vin=35V Tj=25 Io=5mA
Spec. No. : C520T3 Issued Date : 2003.04.10 Revised Date : .. Page No. : 3/4
PL78M05B Min Typ Max 4.90 5.00 5.1 4.75 62 3 15 3.2 40 78 2 300 700 -1.1 5.25 100 50 100 50 6 0.5 0.8 100 -
Units V mV mV mA mA uV dB V mA mA mV/
Symbol Vo Vo Vo IQ IQ Vn RR VD IOS IMAX TCVo
Parameter Output Voltage Line Regulation Load Regulation Quiescent Current Quiescent Current Change Output Noise Voltage Ripple Rejection Dropout Voltage Output Short Circuit Current Peak Output Current Temperature Coefficient of Output Voltage
Conditions Tj=25C 5mAIo350mA and 7VVin20V Tj=25C, 7VVin25V Tj=25C, 8VVin25V Tj=25C, 5mAIo500mA Tj=25C, 5mAIo200mA Tj=25C 5mAIo350mA 8VVin25V,Io=200mA Ta=25C, 10Hzf10KHz 8VVin18V,Io=300mA, f=120Hz Tj=25C,Io=500mA Tj=25,Vin=35V Tj=25 Io=5mA
PL78M05C Min Typ Max 5.10 5.2 5.05 62 3 15 3.2 40 78 2 300 700 -1.1 5.25 100 50 100 50 6 0.5 0.8 100 -
Units V mV mV mA mA uV dB V mA mA mV/
PL78M05T3
CYStek Product Specification
CYStech Electronics Corp.
TO-126 Dimension
D A B 123 G C I
Spec. No. : C520T3 Issued Date : 2003.04.10 Revised Date : .. Page No. : 4/4
E
J
K M
Marking:
3 4
78M05
Style: Pin 1. Vin
F H L
2. Ground 3. Vout
1 2
3-Lead TO-126 Plastic Package CYStek Package Code: T3
*: Typical
DIM 1 2 3 4 A B C D E
Inches Min. Max. *3 *3 *3 *3 0.1500 0.1539 0.2752 0.2791 0.5315 0.6102 0.2854 0.3039 0.0374 0.0413
Millimeters Min. Max. *3 *3 *3 *3 3.81 3.91 6.99 7.09 13.50 15.50 7.52 7.72 0.95 1.05
DIM F G H I J K L M
Inches Min. Max. 0.0280 0.0319 0.0480 0.0520 0.1709 0.1890 0.0950 0.1050 0.0450 0.0550 0.0450 0.0550 *0.0217 0.1378 0.1520
Millimeters Min. Max. 0.71 0.81 1.22 1.32 4.34 4.80 2.41 2.66 1.14 1.39 1.14 1.39 *0.55 3.50 3.86
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
PL78M05T3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of PL78M05XT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X