Part Number Hot Search : 
SFS3027 15KPJ58 1N4586 HG62E08 SMD07 3843AM 97A37 97A37
Product Description
Full Text Search
 

To Download PL78L08XA3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CYStech Electronics Corp.
Three Terminal Low Current Positive Voltage Regulators
Spec. No. : C517A3 Issued Date : 2003.03.26 Revised Date : .. Page No. : 1/4
TO-92
PL78L08XA3
Description
These regulators employ internal current-limiting and thermal-shutdown, making them essentially indestructible. They can deliver up to 100mA output current. if the case temperature can keep in Tc=25C. They are intended as fixed voltage regulators in a wide range of applications including local (on-card) regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used with power pass elements to make high-current voltage regulators. The PL78L08 used as a Zener diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of magnitude, along with lower quiescent current and lower noise.
Absolute Maximum Ratings (Ta=25C)
* Input Voltage............................................................................................................. 35 V * Total Power Dissipation............................................................................... Internally limited * Operating Temperature Range...................................................................... 0 C to +125 C * Maximum Junction Temperature.................................................................................125 C * Storage Temperature Range........................................................................-55 C to +150 C * Lead Temperature (Soldering 10S)...................................... ....................................260 C
Typical Application
Schematic Diagram
Vin
Vin PL78L08
Vout
5k
5.7k 100 1.5k 1.9k 5p 3.41k 3.89k 7.8k 13k 2.23k Vout 100
C1
C2
576
Note: C1 and C2 are required if regulator is located far from power supply filter and load, or oscillation may induced on the loop.
2.84k
Gnd
PL78L08A3
CYStek Product Specification
CYStech Electronics Corp.
Ordering Information
Device PL78L08AA3 PL78L08BA3 Output Voltage Tolerance 3% 5%
Spec. No. : C517A3 Issued Date : 2003.03.26 Revised Date : .. Page No. : 2/4
Electrical Characteristics
Vin=14V, Iout=40mA, 0CTj125C, Cin=0.33uF, Cout=0.1uF (unless otherwise noted) Symbol Parameter Conditions Tj=25C 1mAIo70mA 1mAIo40mA and 10.5VVin23V Tj=25C, 10.5VVin23V Tj=25C, 11VVin23V Tj=25C, 1mAIo40mA Tj=25C, 1mAIo100mA Tj=25C 1mAIo40mA 11VVin23V Ta=25C, 10Hzf10KHz 11VVin21V, f=120Hz Tj=25C Tj=25C Conditions Tj=25C 1mAIo70mA 1mAIo40mA and 10.5VVin23V Tj=25C, 10.5VVin23V Tj=25C, 11VVin23V Tj=25C, 1mAIo40mA Tj=25C, 1mAIo100mA Tj=25C 1mAIo40mA 11VVin23V Ta=25C, 10Hzf10KHz 11VVin21V, f=120Hz Tj=25C Tj=25C PL78L08A Min Typ Max 7.76 8 8.24 7.76 8.24 7.76 39 80 70 8 15 2 60 45 140 1.7 8.24 175 125 40 80 5.5 0.1 1.5 mV mV mA mA uV dB mA V Units Units
Vo
Output Voltage
V
Vo Vo IQ
Line Regulation Load Regulation
Quiescent Current Quiescent Current IQ Change Vn Output Noise Voltage Vin / Vout Ripple Rejection Peak Output / Isc Short Circuit Current VD Dropout Voltage Symbol Parameter
Vo
Output Voltage
PL78L08B Min Typ Max 7.7 8 8.3 7.6 8.4 7.6 39 80 70 8 15 2 60 45 140 1.7 8.4 175 125 40 80 5.5 0.1 1.5 -
V
Vo Vo IQ
Line Regulation Load Regulation
mV mV mA mA uV dB mA V
Quiescent Current Quiescent Current IQ Change Vn Output Noise Voltage Ripple Rejection Vin / Vout Peak Output / Isc Short Circuit Current VD Dropout Voltage
PL78L08A3
CYStek Product Specification
CYStech Electronics Corp.
Characteristic Curves
Dropout Characteristics
Spec. No. : C517A3 Issued Date : 2003.03.26 Revised Date : .. Page No. : 3/4
Maximum Average Power Dissipation 6 5 4 3 2
Io=100mA 10000
Output Voltage(V)
Io=1mA Io=40mA
Power Dissipation (mW)
1000
1 0 1 2 3 4 5 6 7 8 9 10
100 25 50 75 100 125 150
Input Voltage(V)
Quiescent Current 4 3.5 Quiescent Current(mA) Quiescent Current(mA) 3 2.5 2 1.5 1 0.5 0 0 5 10 15 20 25 Input Voltage(V) 30 35 2.6 0 3.2 3.4
Ambient Temperature (C)
Quiescent Current
3
2.8
50 100 Ambient Temperature(C)
150
PL78L08A3
CYStek Product Specification
CYStech Electronics Corp.
TO-92 Dimension
2
Spec. No. : C517A3 Issued Date : 2003.03.26 Revised Date : .. Page No. : 4/4
A B
1 2 3
3
78L08
C
D
H I E F
G
1
Style: Pin 1.Vout 2.GND 3.Vin 3-Lead TO-92 Plastic Package CYStek Package Code: A3
*: Typical
DIM A B C D E F
Inches Min. Max. 0.1704 0.1902 0.1704 0.1902 0.5000 0.0142 0.0220 *0.0500 0.1323 0.1480
Millimeters Min. Max. 4.33 4.83 4.33 4.83 12.70 0.36 0.56 *1.27 3.36 3.76
DIM G H I 1 2 3
Inches Min. Max. 0.0142 0.0220 *0.1000 *0.0500 *5 *2 *2
Millimeters Min. Max. 0.36 0.56 *2.54 *1.27 *5 *2 *2
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
* Lead: 42 Alloy ; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek. * CYStek reserves the right to make changes to its products without notice. * CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
PL78L08A3
CYStek Product Specification


▲Up To Search▲   

 
Price & Availability of PL78L08XA3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X