Part Number Hot Search : 
F20J1R0E SM59364 MSM541 022GB U9543KV LTC2470 04598 1N5711WS
Product Description
Full Text Search
 

To Download PL611S-08-XXXUIR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
FEATURES
* Advanced low-power, space saving programmable PLL design * Very low Jitter and Phase Noise (30-70ps Pk-Pk typical) * Up to 2 programmable clock outputs * Output frequency up to 75MHz. * Accepts Crystal or Ref Clock input o Fundamental Crystal: 10MHz-50MHz o Reference Input: 1MHz to 100MHz * Accepts >0.1V reference signal input voltage * Single 1.8V, 2.5V, or 3.3V 10% power supply * Operating temperature range from -40C to 85C * Available in 6-pin TDFN, SC70, and SOT23, GREEN /RoHS compliant packages
DESCRIPTION
The PL611s-08 is a low-power general purpose frequency synthesizer and a member of PhaseLink's Programmable `Quick Turn Clock (QTC)' family. PhaseLink's PL611s-08 can generate two system clock frequencies of up to 75MHz from a 10MHz to 50MHz fundamental crystal or a 1MHz to 100MHz Reference clock source. The PL611s-08 offers the best phase noise and jitter performance, and power consumption of its rivals. Cascading of the ICs to produce additional clock frequencies is also supported.
PACKAGE PIN CONFIGURATION
OE, CLK1 GND
PL611s-08 PL611s-08 PL611s-08
1 2 3
6 5 4
CLK0 VDD XOUT GND XIN, FIN
1 2 3
6 5 4
CLK0 VDD XOUT
PL611s-08
PL611s-08 PL611s-08 PL611s-08
XIN, FIN OE, CLK1 GND
1 2 3
6 5 4
XOUT VDD OE, CLK1 CLK0 XIN, FIN
DFNDFN-6L
(2.0mmx1.3mmx0.6mm) mmx1 mmx0 mm)
SC70SC70-6L 70
(2.3mmx2.25mmx1.0mm) mmx2 25mmx1 mm) mmx
SOT23SOT23-6L 23
(3.0mmx3.0mmx1.35mm) mmx3 mmx1 35mm) mm
BLOCK DIAGRAM
XIN/FIN XOUT
XTAL OSC
Programmable CLoad
FREF
R-Counter (8-bit) M-Counter (11-bit) Phase Detector Charge Pump Loop Filter
F VCO = F REF * (2 * M/R)
VCO
P-Counter (5-bit) FOUT = F VCO / (2 * P)
Programmable Function
CLK0
Programming Logic
OE, CLK1
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 1
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
KEY PROGRAMMING PARAMETERS
CLK Output Frequency FOUT = FREF * M / (R * P) Where M = 11 bit R = 8 bit P = 5 bit CLK0 = FOUT, FREF or FREF / (2*P) CLK1 = FREF, FREF/2, CLK0 or CLK0/2 Output Drive Strength Three optional drive strengths to choose from: * Low: 4mA * Std: 8mA (default) * High: 16mA Programmable Input/Output One output pin can be configured as: * OE - input * CLK1 - output
PACKAGE PIN ASSIGNMENT
Name Pin Assignment SOT SC70 DFN Pin # Pin# Pin# 1 2 3 4 5 6 4 2, 5 6 1 3 2 3 1 6 5 4 Type Description This programmable I/O pin can be configured as an Output Enable (OE) input, or CLK1 output. This pin has an internal 60K pull up resistor ( OE Function Only ). GND connection Crystal or Reference input pin Crystal Output pin XOUT VDD CLK0 O Do Not Connect (DNC ) when FIN is present P O VDD connection Programmable Clock Output
OE, CLK1 GND XIN, FIN
B P I
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 2
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
FUNCTIONAL DESCRIPTION
PL611s-08 is a highly featured, very flexible, advanced programmable PLL design for high performance, lowpower, small form-factor applications. The PL611s-08 accepts a fundamental input crystal of 10MHz to 50MHz or reference clock input of 1MHz to 100MHz and is capable of producing two outputs up to 75MHz. This flexible design allows the PL611s-08 to deliver any PLL generated frequency, FREF (Crystal or Ref Clk) frequency or FREF/2 to CLK0 and/or CLK1. Some of the design features of the PL611s-08 are mentioned below: PLL Programming The PLL in the PL611s-08 is fully programmable. The PLL is equipped with an 8-bit input frequency divider (R-Counter), and an 11-bit VCO frequency feedback loop divider (M-Counter). The output of the PLL is transferred to a 5-bit post VCO divider (PCounter). The output frequency is determined by the following formula [FOUT = FREF * M / (R * P) ]. Clock Output (CLK0) CLK0 is the main clock output. The PL611s-08 can also be programmed to provide a second clock output, CLK1, on the programmable I/O pin (see OE /CLK1 pin description below). The output of CLK0 can be configured as the PLL output (FVCO/(2*P)), FREF (Crystal or Ref Clk Frequency) output, or FREF/2 output. The output drive level can be programmed to Low Drive (4mA), Standard Drive (8mA) or High Drive (16mA). The maximum output frequency is 75MHz. Programmable I/O (OE/CLK1) The PL611s-08 provides one programmable I/O pin which can be configured as one of the following functions: Output Enable (OE) The Output Enable feature allows the user to enable and disable the clock output(s) by toggling the OE pin. The OE pin incorporates a 60k pull up resistor giving a default condition of logic "1". Clock Output (CLK1) The CLK1 feature allows the PL611s-08 to have an additional clock output. This output can be programmed to one of the following: FREF - Reference ( Crystal or Ref Clk ) Frequency FREF / 2 CLK0 CLK0 / 2
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 3
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
ELECTRICAL SPECIFICATIONS
ABSOLUTE MAXIMUM RATINGS PARAMETERS
Supply Voltage Range Input Voltage Range Output Voltage Range Soldering Temperature (Green package) Data Retention @ 85C Storage Temperature Ambient Operating Temperature*
SYMBOL
VDD VI VO
MIN.
MAX.
7 VDD+0.5 VDD+0.5 260 150 85
UNITS
V V V C Year C C
-0.5 -0.5 -0.5
10
TS
-65 -40
Exposure of the device under conditions beyond the limits specified by Maximum Ratings for extended periods may cause permanent damage to the device and affect product reliability. These conditions represent a stress rating only, and functional operations of the device at these or any other conditions above the operational limits noted in this specification is not implied. *Operating temperature is guaranteed by design. Parts are tested to commercial grade only.
AC SPECIFICATIONS
PARAMETERS
Crystal Input Frequency (XIN) Input (FIN) Frequency Input (FIN) Signal Amplitude Input (FIN) Signal Amplitude
CONDITIONS
Fundamental Crystal Reference Clock Internally AC coupled (High Frequency) Internally AC coupled (Low Frequency) 3.3V <50MHz, 2.5V <40MHz, 1.8V <15MHz @ VDD =3.3V @ VDD =2.5V @ VDD =1.8V
MIN.
10 1 0.9 0.1
TYP.
MAX.
50 100 VDD VDD
UNITS
MHz MHz Vpp Vpp MHz
Output Frequency
75
MHz MHz
Settling Time Output Enable Time VDD Sensitivity Output Rise Time Output Fall Time
At power-up (after VDD increases over 1.62V) OE Function; Ta=25 C, 15pF Load PDB Function; Ta=25 C, 15pF Load Frequency vs. VDD +/-10% 15pF Load, 10/90% VDD, High Drive, 3.3V 15pF Load, 90/10% VDD, High Drive, 3.3V 45 -2 1.2 1.2 50 70
2 10 2 2 1.7 1.7 55
ms ns ms ppm ns ns % ps
Duty Cycle PLL Enabled, @ VDD /2 Period Jitter,Pk-to-Pk* With capacitive decoupling between VDD and (measured from 10,000 GND. samples) * Note: Jitter performance depends on the programming parameters.
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 4
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
DC SPECIFICATIONS
PARAMETERS
Supply Current, Dynamic, with Loaded CMOS Outputs Supply Current, Dynamic, with Loaded CMOS Outputs Supply Current, Dynamic with Loaded CMOS Outputs Supply Current, Dynamic, with Loaded Outputs Operating Voltage Output Low Voltage Output High Voltage Output Current, Low Drive Output Current, Standard Drive Output Current, High Drive Short-Circuit Current
SYMBOL
IDD IDD IDD IDD VDD VOL VOH IOSD IOSD IOHD IS
CONDITIONS
@ VDD =3.3V, 27MHz, load=15pF @ VDD =2.5V, 27MHz, load=15pF @ VDD =1.8V,27MHz, load=5pF When PDB=0
MIN.
TYP.
5.5 3.5 1.8*
MAX.
UNITS
mA mA mA
<5 1.62 3.63 0.4
A V V V mA mA mA
IOL = +4mA Standard Drive IOH = -4mA Standard Drive VOL = 0.4V, VOH = 2.4V VOL = 0.4V, VOH = 2.4V VOL = 0.4V, VOH = 2.4V VDD - 0.4 4 8 16 50
mA
* Note: Please contact PhaseLink, if super-low-power is required.
CRYSTAL SPECIFICATIONS
PARAMETERS
Fundamental Crystal Resonator Frequency Crystal Loading Rating (The IC can be programmed for any value in this range.) Maximum Sustainable Drive Level Operating Drive Level Shunt Capacitance Metal Can Crystal ESR Max Small SMD Crystal Shunt Capacitance ESR Max
SYMBOL
FXIN CL (xtal)
MIN.
10 8
TYP.
MAX.
50 12 100
UNITS
MHz pF W W pF pF
30 C0 ESR C0 ESR 5.5 50 2.5 80
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 5
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
LAYOUT RECOMMENDATIONS
The following guidelines are to assist you with a performance optimized PCB design: - Keep all the PCB traces to the PL611s-08 as short as possible, as well as keeping all other traces as far away from it as possible. - Place a 0.01 F~0.1 F decoupling capacitor between VDD and GND, on the component side of the PCB, close to the VDD pin. It is not recommended to place this component on the backside of the PCB. Going through vias will reduce the signal integrity, causing additional jitter and phase noise. - It is highly recommended to keep the VDD and GND traces as short as possible. - When connecting long traces (> 1 inch) to a CMOS output, it is important to design the traces as a transmission line or `stripline', to avoid reflections or ringing. In this case, the CMOS output needs to be matched to the trace impedance. Usually `striplines' are designed for 50 impedance and CMOS outputs usually have lower than 50 impedance so matching can be achieved by adding a resistor in series with the CMOS output pin to the `stripline' trace. - Please contact PhaseLink for additional information on how to design outputs driving long traces or for additional application assistance. DFN-6L Evaluation Board
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 6
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
PACKAGE DRAWINGS (GREEN PACKAGE COMPLIANT)
SOT23-6L Symbol A A1 A2 b c D E H L e SC70-6L Symbol A A1 A2 b c D E H L e DFN-6L
D1
Dimension in MM Min. Max. 1.05 1.35 0.05 0.15 1.00 1.20 0.30 0.50 0.08 0.20 2.80 3.00 1.50 1.70 2.60 3.0 0.35 0.55 0.95 BSC
Pin1 Dot
E
H
D
A2 A A1 e b C L
Dimension in MM Min. Max. 0.80 1.00 0.00 0.09 0.80 0.91 0.15 0.30 0.08 0.25 1.85 2.25 1.15 1.35 2.00 2.30 0.21 0.41 0.65BSC
Pin1 Dot
E
H
D
A2 A A1 e b C L
Symbol A A1 A3 b e D E D1 E1 L
Dimension in MM Min. Max. 0.50 0.60 0.00 0.05 0.152 0.152 0.15 0.25 0.40BSC 1.25 1.35 1.95 2.05 0.75 0.85 0.95 1.05 0.20 0.30
b
e Pin 6 ID Chamfer E1 E
D
L Pin1 Dot A A1
A3
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 7
(Preliminary)PL611s-08
Low-Power Programmable Quick Turn Clock T M
ORDERING INFORMATION (GREEN PACKAGE COMPLIANT)
For part ordering, please contact our Sales Department: 47745 Fremont Blvd., Fremont, CA 94538, USA Tel: (510) 492-0990 Fax: (510) 492-0991 PART NUMBER The order number for this device is a combination of the following: Part number, Package type and Operating temperature range
PL611s-08-XXX X X X
PART NUMBER
3 DIGIT ID Code * (will be assigned at programming time) PACKAGE TYPE G=DFN-6L U=SC70-6L T=SOT-6L Part Number/Order Number PL611s-08-XXXGC-R PL611s-08-XXXUC-R PL611s-08-XXXTC-R
NONE= TUBE R=TAPE and REEL TEMPERATURE C=COMMERCIAL I=INDUSTRIAL Marking XXX XXX 08XXX Package Option 6-Pin DFN (Tape and Reel) 6-Pin SC70 (Tape and Reel) 6-Pin SOT23 (Tape and Reel)
Note: `XXX' designates marking identifier that could be independent of the part number.
PhaseLink Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information furnished by Phaselink is believed to be accurate and reliable. However, PhaseLink makes no guarantee or warranty concerning the accuracy of said information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product. LIFE SUPPORT POLICY: PhaseLink's products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of PhaseLink Corporation.
Solder reflow profile available at www.phaselink.com/QA/solderingGreen.pdf
47745 Fremont Blvd., Fremont, California 94538 Tel (510) 492-0990 Fax (510) 492-0991 www.phaselink.com Rev 12/12/06 Page 8


▲Up To Search▲   

 
Price & Availability of PL611S-08-XXXUIR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X