Part Number Hot Search : 
BC860W CX11VSM ATTINY4 ADM695AQ 2SB1417A 20112 ASI10517 MT140
Product Description
Full Text Search
 

To Download PL2211-33VZ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Design Specification 300mA Low Noise Dual LDO
PL2211 DESCRIPTION
The PL2211 is a dual CMOS low dropout linear regulator with ultra-low-noise output, very low dropout voltage and very low ground current. The PL2211 operates from a 2.5V to 5.5V input voltage range and delivers up to 300mA, with low dropout of 200 mV at 300mA. The other features of PL2211 include shortcircuit protection and thermal-shutdown protection. The PL2211 is designed especially for battery-powered portable devices. Its low noise feature makes PL2211 ideal for noise-sensitive personal communication applications. Other key application areas for PL2211 also include palmtop computers, PCMCIA cards and WLAN cards. The PL2211 has a special feature that if both EN pin is enabled simultaneously the output of LDO2 delays 20us from output of LDO1 which helps to minimize inrush startup current. The PL2211 is available in tiny 10pin 3mm x 3mm MLF (10L-TDLMF) package with fixed output voltage versions.
FEATURES
Guaranteed 300mA load/ LDO Ultra low output noise: 100VRMS Low ground current: 200A Very low dropout: 180mV @300mA Zero shutdown supply current TTL-logic-controlled independent enable input Thermal and current limit protections Low ESR capacitor compatibility to achieve Ultra low droop load transient response Ultra fast line transient response Tiny 10pin 3mm x 3mm MLF (10L-TDLMF ) package Fixed options 1.5V, 1.8V, 2.5V, 2.8V, 3.0V and 3.3V
APPLICATIONS
Cellular and cordless phones Wireless LAN cards Palmtop computers Personal communication equipment
TYPICAL APPLICATION
Power IC Ltd. Version 1.0
-1-
www.picsemi.com Mar 4, 2007
Design Specification 300mA Low Noise Dual LDO
PL2211 PIN CONFIGURATION
MARKING DIAGRAMS
ORDERING INFORMATION
Part Number
PL2211 - 15VZ PL2211 - 15UZ PL2211 - 18VZ PL2211 - 18UZ PL2211 - 25VZ PL2211 - 25UZ PL2211 - 27VZ PL2211 - 27UZ PL2211 - 28VZ PL2211 - 28UZ PL2211 - 30VZ PL2211 - 30UZ PL2211 - 33VZ PL2211 - 33UZ
Output Voltage
1.5 1.5 1.8 1.8 2.5 2.5 2.7 2.7 2.8 2.8 3.0 3.0 3.3 3.3
Marking
DBAMW DBBMW DBCMW DBDMW DBEMW DBFMW DBGMW DBHMW DBIMW DBJMW DBKMW DBLMW DBMMW DBNMW
Package
10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF 10L-TDLMF
Note 1: Contact the factory for other output voltages that are not in the above table
PIN DESCRIPTIONS
Name
IN EN1 EN2 BYP GND OUT2 OUT1
Pin NO.
1 2 3 4 6 9 10
Type
Supply Logic input 1 Logic input 2 Bypass Ground Analog output2 Analog output1
Function
Supply voltage. 2.5V ~ 5.5V. Enable/Shutdown. CMOS compatible input. Logic `H' : enable, logic `L' : shutdown. Enable/Shutdown. CMOS compatible input. Logic `H' : enable, logic `L' : shutdown. Reference voltage bypass pin. Connect 0.01uF CBYP 0.1uF to GND to reduce output noise. May be left open. Ground pin Regulator 2 Output. Regulator 1 Output.
Power IC Ltd. Version 1.0
-2-
www.picsemi.com Mar 4, 2007
Design Specification 300mA Low Noise Dual LDO
PL2211
BLOCK DIAGRAM
Power IC Ltd. Version 1.0
-3-
www.picsemi.com Mar 4, 2007
Design Specification 300mA Low Noise Dual LDO
PL2211
ABSOLUTE MAXIMUM RATINGS
Symbol
VIN VEN PD TSTG RJA TJ,MAX TL ESD
Parameter
DC Supply Voltage at Pin 1 Enable Input Voltage at Pin 2 and Pin 3 Continuous Power Dissipation Storage Temperature Range Thermal Resistance, Junction-To-Air Operating Junction Temperature Lead Temperature (Soldering, 5sec) ESD Capability, HBM model
Value
-0.3 to +6.0 -0.3 to +6.0 Internally limited -65 to +150 235 -40 to +125 260 2
Unit
V V W /W kV
RECOMMENDED OPERATING CONDITIONS
Symbol
VIN VEN TA
Parameter
DC Supply Voltage at Pin 1 Enable Input Voltage at Pin 2 and Pin 3 Operating Ambient Temperature
Value
+2.5 to 5.5 0 to VIN -40 to +85
Unit
V V
ELECTRICAL CHARACTERISTICS
(VIN=VOUT(NOMINAL)+1V or 2.5V (whichever is greater), VEN=VIN, CIN=COUT=1F, IO=1mA, TA=25C, unless otherwise noted.)
Symbol
VIN VOUT Vload Vl LINE VDP IO ILIM
Parameter
Supply Voltage Output Voltage Accuracy Load Regulation Line Regulation dVOUT/( dVIN*VOUT(NOMINAL) )*100% Dropout Voltage (Note 1) Maximum Output Current Current Limit/Output Current
Test Conditions
IO = 1mA ( both regulator ) IO=1mA to 300mA ( both regulator ) VIN =VOUT(NOMINAL) +0.1V (or 2.5V, whichever is greater) to 5.5V, IO=1mA ( both regulator ) ILOAD = 300mA ( both regulator ) ILOAD = 100mA ( both regulator ) Continuous VIN-VOUT =1.3V ( regulator 1 ) VIN-VOUT =1.3V ( regulator 2 ) VEN = 0V ILOAD1 = ILOAD2 =1mA ( both regulator active) f = 100Hz, Cout= 1F, Cbyp=10nF f = 10KHz, Cout= 1F, Cbyp=10nF COUT = 1F, CBYP = 10nF, F = 10Hz to 100K Hz (Vp-p/2/ 2)
Min.
2.5 -1.0
Typ.
Max. Unit
5.5 1.0 0.5 0.05 V % % %/V mV mV mA RMS mA
180 80 300 350 350 600 600 0.02 200 75 70 100 165 20
220 100
IQ IG PSRR PSRR
Standby Current Ground pin current Ripple Rejection, IOUT = 10mA, Output voltage noise Thermal Shutdown Temperature Thermal Shutdown Hysteresis
1 300
A A dB dB VRMS C C V
VIH VIL IEN
Logic Input High Voltage (EN) Logic Input Low Voltage (EN\) Logic Input Current (SHDN\)
( both regulator ) ( both regulator ) ( both regulator )
1.2 0.4 -1 1
V A
Note 1: The Dropout Voltage is defined as VIN - VOUT, when VOUT is 2% below the value of VOUT measured for VIN=VOUT(nominal)+1V.
Power IC Ltd. Version 1.0
-4-
www.picsemi.com Mar 4, 2007
Design Specification 300mA Low Noise Dual LDO
PL2211
rising time is 35us typically at 300mA output current. Connect EN pin to IN pin for normal operation Under Voltage Lockout When the input supply goes too low (below 2.0V) the PL2211 produces an internal UVLO (under voltage lockout) signal that generates a fault signal and shuts down the chip. This mechanism protects the chip from producing false logic due to low input supply. Quick Charging Mode The PL2211 has a quick charge block to get the reference up very quickly by charging the BYP capacitor with very high current when the chip comes out of shut down. This quick charge block stops charging the BYP capacitor when the reference reaches 95% of its nominal value and then the chip switches out of quick charging mode to normal operating mode. Over Temperature Protection Over temperature protection limits total power dissipation in the PL2211. When the junction temperature exceeds Tj= +155C, the thermal sensor signals the shutdown logic and turns off the pass transistor. The thermal sensor turns the pass transistor on again after the IC's junction temperature drops by 15C, resulting in a pulsed output during continuous thermaloverload conditions. Thermal-Overload protection is design to protect the PL2211 in the event of a fault condition. For continual operation, do not exceed the absolute maximum junction temperature rating of Tj = +150C. Operating Region and Power Dissipation The PL2211 maximum power dissipation depends on 1) the thermal resistance of the case and circuit board, 2) the temperature difference between the die junction and ambient, and 3) the rate of airflow. The power dissipation across the device is: P = Iout ( Vin - Vout ) The maximum power dissipation is: Pmax = (Tj - Ta) / (jc + ca) Where (Tj - Ta) is the temperature difference between the PL2211 die junction and the ambient air; jc is the thermal resistance of the package; and ca is the thermal www.picsemi.com Mar 4, 2007
OPERATION DESCRIPTION
The PL2211 are ultra-low-noise, low-dropout, lowquiescent current linear regulators designed for spacerestricted applications. These devices can supply loads up to 300mA. As shown in the Block Diagram, the PL2211 consists of a highly accurate band gap core, noise bypass circuit, error amplifier, P-channel pass transistor and an internal feedback voltage divider. The 1.0V band gap reference is connected to the error amplifier's inverting input. The error amplifier compares this reference with the feedback voltage and amplifies the difference. If the feedback voltage is lower than the reference voltage, the pass transistor gate is pulled low. This allows more current to pass to the output and increases the output voltage. If the feedback voltage is too high, the pass transistor gate is pulled high, allowing less current to pass to the output. The output voltage is feedback through an internal resistor voltage divider connected to the OUT pin. An external bypass capacitor connected to BYP reduces noise at the output. Additional blocks include a current limiter, over temperature protection, and shutdown logic. Internal P-Channel Pass Transistor The PL2211 feature a 1 (typ) P-channel MOSFET pass transistor. This provides several advantages over similar designs using a PNP pass transistor, including longer battery life. The P-channel MOSFET requires no base drive, which considerably reduces quiescent current. PNP-based regulators waste considerable current in dropout when the pass transistor saturates. They also use high base-drive current under heavy loads. The PL2211 does not suffer from these problems and consume only 200A of quiescent current in light load. Current Limit The PL2211 includes a current limiter. It monitors the output current and controls the pass transistor's gate voltage to limit the output current under 550mA (typ). The output can be shorted to ground for an indefinite amount of time without damaging the part. Enable Input The PL2211 features an active-high Enable input (EN) pin that allows on/off control of the regulator. The PL2211 bias current reduces to less than microampere of leakage current when it is shutdown. The Enable input is TTL/CMOS compatible threshold for simple logic interfacing. When EN is `H,' the output voltage startup
Power IC Ltd. Version 1.0
-5-
Design Specification 300mA Low Noise Dual LDO resistance through the PC board, copper traces, and other materials to the surrounding air. The GND pin of the PL2211 performs the dual function of providing an electrical connection to ground and channeling heat away. Connect the GND pin to ground using a large pad or ground plane. Noise Reduction For the PL2211, an external 0.01F bypass capacitor between BYP and GND with innovative noise bypass scheme reduces output noises dramatically, exhibiting 100Vrms of output voltage noise with Cbyp = 0.01F and Cout = 1F. A regulator's minimum dropout voltage determines the lowest usable supply voltage. In battery-powered systems, this determines the useful end-of-life battery voltage. Because the PL2211 use a P-channel MOSFET pass transistor, their dropout voltage is a function of drain-tosource on resistance (RDS(on)) multiplied by the load current (see the Typical Characteristics).
PL2211
When operating from sources other than batteries, improved supply-noise rejection and transient response can be achieved by increasing the values of the input and output bypass capacitors, and through passive filtering techniques. The Typical Characteristics show the PL2211 line and load transient responses. Dropout Voltage
APPLICATION INFORMATION
Capacitor Selection and Regulator Stability Use a 1F capacitor on the PL2211 input and a 1F capacitor on the output. Large input capacitor values and lower ESRs provide better noise rejection and linetransient response. Reduce output noise and improve load-transient response, stability, and power-supply rejection by using large output capacitors. Note that some ceramic dielectrics exhibit large capacitance and ESR variation with temperature. With dielectrics such as Z5U and Y5V, it may be necessary to use a 1F or larger output capacitor to ensure stability at temperatures below -10C. With X7R or X5R dielectrics, 1F is sufficient at all operating temperatures. A graph of the region of stable Cout ESR vs. load current is shown in the Typical Characteristics. Use a 0.01F bypass capacitor at BYP for low-output voltage noise. The leakage current going into the BYP pin should be less than 10nA.
Noise, PSRR, and Transient Response
The PL2211 are designed to deliver ultra-low noise and high PSRR, as well as low dropout and low quiescent currents in battery-powered systems. The PL2211 PSRR is 70dB at 100Hz and 60dB at 10kHz (see the PowerSupply Rejection Ratio vs. Frequency graph in the Typical Characteristic).
Power IC Ltd. Version 1.0
-6-
www.picsemi.com Mar 4, 2007
Design Specification 300mA Low Noise Dual LDO
PL2211
PACKAGE INFORMATION 5-pin SOT-25 Outline Dimension
D b 5 4 Detail A
E1
E
1 e1
e
3
c
1
R
A2
A
L A1 1 L1
L2
0.045 0.114 0.110 0.063 0.037 0.075 0.018 0.024 0.010
R
1
Detail A
Dimension:
Symbol A A1 A2 b c D E E1 e e1 L L1 L2 R R1 1 Millimeter Min. Typ. Max. 1.45 0.15 1.30 0.50 0.22 Inch Min. Typ. Max. 0.057 0.006 0.051 0.020 0.009
0.90 0.30 0.08
1.15
0.036 0.011 0.003
0.30
2.90 2.80 1.60 0.95 1.90 0.45 0.60 0.25
0.60
0.020
0.10 0.10 0 5 4 10
0.25 8 15
0.004 0.004 0 5 4 10
Power IC Ltd. Version 1.0
-7-

0.024
0.010 8 15
www.picsemi.com Mar 4, 2007
Design Specification 300mA Low Noise Dual LDO
PL2211
3-PIN SOT-23 OUTLINE DIMENSION
D b 3 Detail A
E1
E
1 e1
2
c
1
R
A2
A
L e A1 L1
L2
Typ.
R
1
1 Detail A
Dimension:
Symbol A A1 A2 b c D E E1 e e1 L L1 L2 R R1 1 Millimeter Min. Typ. Max. 1.45 0.15 1.30 0.50 0.22 Inch Min. Max. 0.057 0.006 0.051 0.020 0.009
0.90 0.30 0.08
1.15
0.036 0.011 0.003
0.30
2.90 2.80 1.60 0.95 1.90 0.45 0.60 0.25
0.60
0.020
0.10 0.10 0 5 4 10
0.25 8 15
0.004 0.004 0 5 4 10
Power IC Ltd. Version 1.0
-8-

0.045
0.114 0.110 0.063 0.037 0.075 0.018 0.024 0.010
0.024
0.010 8 15
www.picsemi.com Mar 4, 2007
Design Specification 300mA Low Noise Dual LDO
PL2211
DISCLAIMERS LIFE SUPPORT
Power IC's products are not designed to be used as components in devices intended to support or sustain human life. Use of Power IC's products in components intended for surgical implant into the body, or other applications in which failure of Power IC's products could create a situation where personal death or injury may occur, is not authorized without the express written approval of Power IC's Chief Executive Officer. Power IC will not be held liable for any damages or claims resulting from the use of its products in medical applications.
MILITARY
Power IC's products are not designed for use in military applications. Use of Power IC's products in military applications is not authorized without the express written approval of Power IC's Chief Executive Officer. Power IC will not be held liable for any damages or claims resulting from the use of its products in military applications.
RIGHT TO MAKE CHANGES
Power IC reserves the right to change this document and/or this product without notice. Customers are advised to consult their Power IC sales representative before ordering.
Power IC Ltd. Version 1.0
-9-
www.picsemi.com Mar 4, 2007


▲Up To Search▲   

 
Price & Availability of PL2211-33VZ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X