Part Number Hot Search : 
EST7502B KBP306 MC414MS8 PEB2060 DD128F ADP1173 FGA30N60 BR5200
Product Description
Full Text Search
 

To Download PK200FG80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SanRex
THYRISTOR / DIODE (ISOLATED TYPE)
PK(PD) 200FG40/80/120/160
SanRex Thyristor/Thyristor modules (PK series), Thyristor/ Diode modules (PD series) are designed for general purpose high voltage applications such as motor controls, temperature controls, lighting controls and UPS. Features
* Glass-passivated junctions Features * High Surge Current * Low loss (V TM=1.5V)
IT(AV) = 200A, VRRM = 400 - 1600V
PK series
Typical Applications
* Motor Controls * Temperature Controls * Lighting Controls
< Maximum Ratings > Symbol VRRM VRSM VDRM I T(AV) I T(RMS) I TSM It PGM PG(AV) I FGM VFG M VRG M di/dt V ISO Tj T stg
2
PD series
(Tj = 25C unless otherwise noted) Item PK200FG40 400 480 Ratings PK200FG80 PK200FG120 800 1200 960 1300 1200 PK200FG160 1600 1700 1600 200 314 6000/6500 180000 10 3 3 10 5 200 2500 -40 to +125 -40 to +125 4.7 4.7 210 Unit V V V A A A A2 s W W A V V A/Fs C C N*m g
Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Repetitive Peak Off-state Voltage Average On-state Current R.M.S. On-state Current Surge On-state Current I t (for fusing) Peak Gate Power Dissipation Average Gate Power Dissipation Peak Gate Current Peak Gate Voltage (Forward) Peak Gate Voltage (Reverse) Critical Rate of Rise of On-state Current Isolation Breakdown Voltage Operating Junction Temperature Storage Temperature Mounting M6 Mounting Torque Terminals M6 Mass
2
400 800 T C = 78C T C = 78C 1/2 cycle, 50Hz/60Hz, Peak value, Non-repetitive Value for one cycle surge current
I G=100mA, VD=1/2VDRM, dig/dt=0.1A/ Fs A.C. 1 minute
Recommended Value 2.5 to 3.9 Recommended Value 2.5 to 3.9 Typical Value
< Electrical Characteristics > Symbol I DRM I RRM VTM IGT VGT VG D Item Repetitive Peak Off-state Current Repetitive Peak Reverse Current Peak On-State Voltage Gate Trigger Current Gate Trigger Voltage Non-Trigger Gate Voltage Conditions Tj = 125C, VD = VDRM Tj = 125C, VR = VRRM I T = 600A VD=6V, IT=1A VD=6V, IT=1A Tj = 125C, VD=1/2VDRM
(Tj = 25C unless otherwise noted) Ratings Unit Min. Typ. Max. 50 mA 50 mA 1.5 V 100 mA 3 V 0.25 V
dv/dt Critical Rate of Rise of Off-state Voltage Tj = 125 C, VD=2/3VDRM 500 V/Fs Rth(j-c) Thermal Resistance Junction to case 0.167 C/W _____________________________________________________________________________________________________________________ SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516) 625-1313 FAX(516) 625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of PK200FG80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X