Part Number Hot Search : 
EP1K50 SMDJ120A XBXXX 2SC40 BU1010 AD5426 NSPW570 BZT03C43
Product Description
Full Text Search
 

To Download PIC-2503 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Photo IC
PIC-2503
DIMENSIONS
The PIC-2503 is a digital output detector which incorporates a photodiode with signal processing circuit (amplifier, Schumitt Trigger, voltage regulator).
(Unit : mm)
FEATURES
UBuilt-in Schumitt Trigger circuit UCompatible to TTL and LSTTL ULow cost
APPLICATIONS
UFloppy disc drives U opiers C UVCRs, Cassette decks
MAXIMUM RATINGS
Item Symbol Rating
12 30 100 5 90 2 0 100 4 260 Supply voltage VCC O IL Low level output current Output transistor power dissipation PO Operating temp. Topr. Storage temp. Tstg. *1 Soldering temp. Tsol.
(Ta=2...) 5
Unit
V mA mW ... ... ...
*1.For MAX. 5 seconds at the position of 2 mm from the resin edge.
ELECTRO-OPTICAL CHARACTERISTICS
Item Symbol Conditions
2 Ee=0.5mW/cm 2 Ee=0mW/cm 2 Ee=0.5mW/cm 10k y EL= * O I L=10mA *I 940nm = *y RL=1k
C (V C=5V, Ta=25...)
Min. Typ.
4.5 4.5 0.5 1.7 1.7 0.03 0.7 900 5 12 0.1 0.1
Max.
5.5 3.0 3.0 0.4 0.2 0.9 10 30 0.5 0.5
Unit.
V mA mA V V 2 mW/cm nm *I ec. s *I ec. s *I ec. s *I ec. s
Supply voltage VCC C High level supply current I CH C Low level supply current I CL High level output voltage VOH Low level output voltage VOL Threshold illuminance EeHL V Hysteresis EVHL/ELH Peak wavelength *IP LEH propagation time tPLH Switching HEL propagation time tPHL speed Rise time tr Fall time tf
2 Ee=0.5mW/cm mW/c2 O 0 m *I 940nm = *y RL=1k
- 1-
Photo IC
PIC-2503
Power dissipation Vs. Ambient temperature
Low level output voltage Vs. Low level output current
Low level output voltage Vs. Ambient temperature
Supply current Vs. Ambient temperature
Radiant pattern
- 2-


▲Up To Search▲   

 
Price & Availability of PIC-2503

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X