|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A PI90LV027A PI90LV017A 3V LVDS High-Speed Differential Line Drivers Features * Signaling Rates >400Mbps (200 MHz) * Single 3.3V Power Supply Design * 350mV Differential Swing * Maximum Differential Skew of 0.4ns * Maximum Propagation Delay of 2.0ns * Maximum Power Dissipation: 25mW @ 200 MHz/driver * Low Voltage TTL (LVTTL) Inputs * Industrial Temperature Operating Range: -40C to 85C * Meets or Exceeds IEEE 1596.3 SCI LVDS Standard * Meets or Exceeds ANSI/TIA/EIA-644 LVDS Standard * Packaging (Pb-free & Green available): PI90LV017A & PI90LV027A - 8-pin SOIC (W) - 8-pin MSOP (U) PI90LV031A - 16-pin SOIC (W) - 16-pin TSSOP (L) Description The PI90LV031A, PI90LV027A, and PI90LV017A are differential line drivers that use low-voltage differential signaling (LVDS) to support data rates in excess of 400 Mbps. These products are designed for applications requiring high-speed, low-power consumption and low noise generation. A low voltage TTL/CMOS input level is translated by the device into a low-voltage (350mV) differential output signal. Exclusive to the PI90LV031A quad driver is a power-down mode that 3-states the outputs and places the device in a low-power idle state (13mW typical). Applications Applications include point-to-point and multidrop baseband data transmission over controlled impedance media of approximately 100 ohms. The transmission media can be printed circuit board traces, backplanes, or cables. The PI90LV031A, PI90LV027A, PI90LV017A and companion line receivers (PI90LV032A, PI90LV028A, and PI90LV018A) provide new alternatives to RS-232, PECL, and ECL devices for high-speed, point-to-point interface applications. PI90LV027A PI90LV031A VCC DIN1 DIN2 GND 16 15 14 13 12 11 10 9 VCC DIN4 DOUT4+ DOUT4EN* DOUT3DOUT3+ DIN3 1 2 8-Pin 3 U,W 4 8 7 6 5 DOUT1DOUT1+ DOUT2+ DOUT2- DIN1 DOUT1+ D1 DOUT1DOUT2+ DIN2 D2 DOUT2- DIN1 DOUT1+ DOUT1EN DOUT2DOUT2+ DIN2 GND 1 2 3 4 5 6 7 8 16-Pin L,W PI90LV017A VCC D NC GND 8 1 2 8-Pin 7 3 U,W 6 5 4 D NC NC 1 PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers Function Tables PI90LV031A Enable s EN H H X X L EN X X L L H Input DIN H L H L X Outputs DOUT+ H L H L Z DOUT- L H L H Z Pin Descriptions Name DIN DO+ DO- GND VCC De s cription TTL/CMOS driver input pins Non- inverting driver output pins Inverting driver output pins Ground pin Positive power supply pin, +3.3V 10% PI90LV027A Input DIN H L DOUT+ H L Outputs DOUTL H Recommended Operating Conditions M in. Supply Voltage (VCC) Operating Free Air Temperature +3.0 -4 0 Typ. +3.3 +25 M ax. +3.6 +85 Units V C PI90LV017A Input DIN H L DOUT+ H L Outputs DOUTL H Absolute Maximum Ratings (see Note 1, Page 4) Supply Voltage (VCC) ........................................... -0.3V to +4.0V Input Voltage (DIN) .................................... -0.3V to (VCC +0.3V) Enable Input Voltage (EN, EN*) ................. -0.3V to (VCC +0.3V) Output Voltage (DOUT+, DOUT-) ......................... -0.3V to +3.9V Short Circuit Duration (DOUT+, DOUT-) ..................................................... Continuous S Package ........................................................................ 750mW Derate S Package .................................... 8.5mW/C above +25C Storage Temperature Range ............................... -65C to +150C Lead Temperature Range Soldering (4s) .......................... +260C Maximum Junction Temperature ...................................... +150C ESD Rating .......................................................................... 6kV Note: Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability. 2 PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers Electrical Characteristics Over supply voltage and operating temperature ranges, unless otherwise specified. (Notes 2,3,4) Symbol VOD1 VOD1 VOS VOS VOH VOL VIH VIL IIH IIL VCL IOS Parame te r Differential Output Voltage Change in Magnitude of VOD1 for Complementary Output States Offset Voltage Change in Magnitude of VOS for Complementary Output States Output Voltage High Output Voltage Low Input Voltage High Input Voltage Low Input Current Input Current Input Clamp Voltage Output Short Circuit Current Differential Output Short Circuit Current Power- off Leakage Output Three- State Current No Load Supply Current Drivers Enabled Loaded Supply Current Drivers Enabled No Load Supply Current Drivers Disabled Conditions Pin M in. 250 Typ. 350 4 M ax. 450 35 1.375 25 1.6 Units mV ImVI V ImVI RL = 100 (Fig.1) DOUTDOUT+ 1.125 1.25 5 1.38 0.90 2.0 DIN EN EN* GND - 10 - 10 - 1.5 1.03 VCC 0.8 1 1 - 0.8 - 6.0 - 9.0 +10 +10 V VIN = VCC or 2.5V VIN = GND or 0.4V ICL = - 18mA ENABLED,(10) DIN = VCC, DOUT+ = 0V or DIN = GND, DOUT- = 0V ENABLED, VOD = 0V(10) VOUT = 0V or 3.6V, VCC = 0V or Open EN = 0.8V and EN* = 2.0V VOUT = 0V or VCC DIN = VCC or GND RL = 100 All Channels, DIN = VCC or GND (all inputs) DIN = VCC or GND, EN = GND, EN* = VCC A V mA DOUTDOUT+ - 20 - 10 - 6.0 1 1 5.0 VCC 23 2.6 - 9.0 +20 A +10 8.0 30 6.0 mA IOSD IOFF IOZ ICC ICCL ICCZ 3 PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers Switching Characteristics VCC = +3.3V 10%, TA = -40C to +85C (Notes 3,9,11) Symbol tPHLD tPLHD tSKD1 tSKD2 tSKD3 tSKD4 tTLH tTHL tPHZ tPLZ tPZH tPZL tMAX Parame te r Differential Propagation Delay High to Low Differential Propagation Delay Low to High Differential Pulse Skew ItPHLD - tPLHDI (5) Channel- to- Channel Skew(6) Differential Part- to- Part Skew (7) Differential Part- to- Part Skew (8) Rise Time Fall Time Disable Time High to Z Disable Time Low to Z Enable Time Z to High Enable Time Z to Low Maximum Operating Frequency(13) Conditions M in. 0.8 0.8 0 Typ. 1.18 1.25 0.07 0.1 M ax. 2.0 2.0 0.4 0.5 1.0 1.2 Units RL = 100, CL = 10pF (Figures 2 & 3) 0 0 0 0.38 0.40 1.5 1.5 5 ns RL = 100, CL = 10pF (Figures 4 & 5) 5 7 7 200 250 MHz Notes: 1. "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. They are not meant to imply that the devices should be operated at these limits. The table of "Electrical Characteristics" specifies conditions of device operation. 2. Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground except: VOD1 and VOD1. 3. All typicals are given for: VCC = +3.3V, TA = +25C. 4. The PI90LV031A/PI90LV027A/PI90LV017A are current mode devices and only functions within datasheet specifications when a resistive load is applied to the driver outputs typical range is (90 to 110). 5. tSKD1, ItPHLD - tPLHDI is the magnitude difference in differential propagation delay time between the positive going edge and the negative going edge of the same channel. 6. tSKD2 is the Differential Channel-to-Channel Skew of any event on the same device. 7. tSKD3, Differential Part-to-Part Skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This specification applies to devices at the same Vcc and with 5C of each other within the operating temperature range. 8. tSKD4, Part-to-Part Skew, is the differential Channel-to-Channel skew of any event between devices. This specification applies to devices over recommended operating temperature and voltage ranges, and across process distribution. tSKD4 is defined as IMax - MinI differential propagation delay. 9. Generator waveform for all tests unless otherwise specified: f = 1 MHz, ZO = 50, tr 1ns, and tf 1ns. 10. Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. 11. CL includes probe and jig capacitance. 12. All input voltages are for one channel unless otherwise specified. Other inputs are set to GND. 13. fMAX generator input conditions: tR = tF < 1ns, (0% to 100%), 50% duty cycle, 0V to 3V. Output Criteria: duty cycle = 45%/55%, VOD > 250mV, all channels switching. 4 PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers Parameter Measurement Information DOUT+ RL/2 VCC GND S1 RL/2 DIN D VOS VOD Driver ENABLED DOUT- Figure 1. Driver VOD and VOS Test Circuit Figure 2. Driver Propagation Delay and Transition Time Test Circuit 5 PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 Figure 3. Driver Propagation Delay and Transition Time Waveforms Figure 4. Driver Three-State Delay Test Circuit 6 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 Figure 5. Driver 3-State Delay Waveform Figure 6. Point-to-Point Application 7 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers Packaging Mechanical: 16-Pin SOIC (W) 16 .149 .157 3.78 3.99 .0099 .0196 0.25 x 45 0.50 1 .386 .393 9.80 10.00 .0155 .0260 0.393 0.660 REF .053 .068 1.35 1.75 SEATING PLANE 0-8 0.41 .016 1.27 .050 .2284 .2440 5.80 6.20 .0075 .0098 0.19 0.25 .050 BSC 1.27 .013 .020 0.330 0.508 .0040 0.10 .0098 0.25 X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS Packaging Mechanical: 8-Pin SOIC (W) 8 .149 3.78 .157 3.99 .0099 0.25 x 45 .0196 0.50 1 .189 4.80 .196 5.00 .016 .026 0.406 0.660 REF .053 1.35 .068 1.75 SEATING PLANE 0-8 .0075 .0098 0.40 .016 1.27 .050 .2284 .2440 5.80 6.20 0.19 0.25 .050 BSC 1.27 .013 0.330 .020 0.508 .0040 0.10 .0098 0.25 X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS 8 PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers Packaging Mechanical: 16-Pin TSSOP (L) 16 .169 .177 4.3 4.5 1 .193 .201 4.9 5.1 .004 0.09 .008 0.20 .047 max. 1.20 SEATING PLANE 0.45 .018 0.75 .030 .252 BSC 6.4 .0256 BSC 0.65 .007 .012 0.19 0.30 .002 0.05 .006 0.15 X.XX DENOTES CONTROLLING X.XX DIMENSIONS IN MILLIMETERS Packaging Mechanical: 8-pin MSOP (U) .003 .012 0.07 0.30 .003 .012 0.07 0.30 15 Max. Gauge Plane .010 0.25 .016 .028 0.40 0.70 Detail A 15 Max. .037 0.95 REF 0- 6 .112 2.85 .120 3.05 15 MAX .114 2.90 .122 3.10 Detail A 15 MAX .114 2.90 .122 3.10 9 PS8422B 09/15/04 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 PI90LV031A / PI90LV027A / PI90LV017A 3V LVDS High-Speed Differential Line Drivers Ordering Information Ordering Code PI90LV017AW PI90LV017AWE PI90LV017AU PI90LV017AUE PI90LV027AW PI90LV027AWE PI90LV027AU PI90LV027AUE PI90LV031AW PI90LV031AWE PI90LV031AL PI90LV031ALE Package Code W W U U W W U U W W L L 8-pin SOIC Pb-free & Green, 8-pin SOIC 8-pin MSOP Pb-free & Green, 8-pin MSOP 8-pin SOIC Pb-free & Green, 8-pin SOIC 8-pin MSOP Pb-free & Green, 8-pin MSOP 16-pin SOIC Pb-free & Green, 16-pin SOIC 16-pin TSSOP Pb-free & Green, 16-pin TSSOP Package Description Notes: 1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/ Pericom Semiconductor Corporation * 1-800-435-2336 * www.pericom.com 10 PS8422B 09/15/04 |
Price & Availability of PI90LV032A |