Part Number Hot Search : 
23K640 55NM60ND W9812 A422P YG805C04 11DF1 209SP 3KP90A
Product Description
Full Text Search
 

To Download PI74STX1GT08TX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PI74STX1GT08
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
SOTinyTM Gate STX 2-Input AND
Features
* High-speed: tPD = 2.6ns typical into 15pF @ 5V VCC * Power down high-impedance inputs/outputs * TTL Input compatible: VIL = 0.8V (Max.) VIH = 2.0V (Min.) * Balanced Propagation Delays tPLH tPHL * Package: 5-pin space saving SOT23 (T) and SC70 (C)
Description
The PI74STX1GT08 is a 2-Input AND gate that operates over the 4.5V to 5.5V VCC operating range. The input threshhold levels are TTL compatible. This device can be used for level shifting from 3V to 5V system. Pericom's PI74STX series of products are produced using the Company's advanced submicron technology.
Pinout
AIN 1 BIN 2 GND 3
5 VCC 4 YOUT
Block Diagram
5-Pin T, C
AIN YOUT BIN
Pin Description
Pin Name s AIN BIN YOUT De s cription Input Input Output
Output BIN L H L H YOUT L L L H
Recommended Operating Conditions(1)
Parame te r Supply Voltage (VC C ) Input Voltage (VIN ) Output Voltage (VO UT) Operating Temperature Input Rise and Fall Time (tr,tf) VC C =5.0V 0.5V Condition M in. M ax. Units 4.5 0 0 -40 0 5.5 5.5 VC C 85 20 C ns/V V
Function Table
Inputs AIN L L H H
Note: 1. Unused inputs must be held HIGH or LOW. They may not float.
Note: H = HIGH Logic Level L = LOW Logic Level
1
PS8640A
12/17/02
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74STX1GT08 SOTinyTM Gate STX 2-Input AND
Absolute Maximum Ratings
Supply Voltage, VCC ....................................................... -0.5V to +7V DC Input Voltage, VIN(1) ............................................... -0.5V to +7V Voltage Range Applied to any Output in the Power-Off State, V OUT(1) ............................................................................... -0.5V to +7V Voltage Range Applied to any Output in the High or Low State, V OUT(1) ................................................................... -0.5V to VCC+0.5V DC Input Diode Current (IIK) ........................ -50mA to 20mA DC Output Diode Current (IOK) .................... -50mA to 20mA DC Output Current (IOUT) ........................................... 50mA DC VCC/GND Current (ICC/IGND) ................................ 50mA Storage Temperature (TSTG) .......................... -65C to +150C Junction Lead Temperature (IOS) ................................... 200C Power Dissipation SOT23 ............................................ 200mW SC70 ............................................... 150mW
Notes: Absolute maximum ratings are DC values beyond which the device may be damaged or have its useful life impaired. The datasheet specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Pericom does not recommend operation outside datasheet specifications. 1. The input negative voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
DC Electrical Characteristics (Over supply voltage and operating temperature ranges, unless otherwise specified)
TA = +25C Symbol Parame te rs VCC(V) Conditions M in. VIH VIL VO H VO L IIN IO F F IC C IC C T High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Power- Off Leakage Current Quiescent Supply Current IC C per Input 4.5 - 5.5 4.5 - 5.5 4.5 4.5 0.0 - 5.5 0.0 5.5 5.5 VIN VIH IO H = -50A IO H = -8mA IO L = 50A IO L = 8mA 4.4 3.94 4.5 - 0.1 0.36 0.1 1. 0 1.0 1.35 2.0 0.8 4.4 3.8 0.1 0.44 1.0 10 10 1.50 mA A Typ. M ax. M in. 2.0 0.8 V M a x. TA = -40 to +85C Units
=
VIN = VIH or VIL
VIN = 5.5V or GND VIN or VO UT = 5.5V VIN = 5.5V or GND One input VIN = 3.4V Other input = VCC or GND
2
PS8640A
12/17/02
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74STX1GT08 SOTinyTM Gate STX 2-Input AND
AC Electrical Characteristics
Parame te rs tPHL tPLH CIN C PD Parame te r VCC (V) Conditions M in. CL = 15pF C L = 50pF TA = +25C Typ. 2.6 3.3 3 21 M ax. 3.9 4.9 10 TA =-40C to +85C M in. 1.0 1.0 M a x. 4.2 5.4 10 pF 5.0 2 ns Units Fig N o. 1, 3
Propagational Delay Input Capacitance Power Dissipation Capacitance(3)
5.0 0.5 0
Notes: 3. CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output loading and operating at 50% duty cycle (see Figure 2). CPD is related to ICCD dynamic operating current by the expression: ICCD = (CPD)(VCC)(fIN) + (ICC static).
AC Loading and Waveforms
VCC
tr = 3ns tf = 3ns 90% 1.5V 10% tW tPHL
CL includes load and stray capacitance Input PRR = 1.0 MHz; tW = 500ns
Input CL
Output
90% Input 1.5V 10%
3V
GND
tPLH VOH
Figure 1. AC Test Circuit
VCC A
Output
50% VCC
50% VCC VOL
Figure 3. AC Waveforms
Input
Input = AC Waveform PRR =10 MHz; Duty Cycle = 50%
Figure 2. ICCD Test Circuit
3
PS8640A
12/17/02
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74STX1GT08 SOTinyTM Gate STX 2-Input AND
Packaging Mechanical: 5-Pin SOT23 (T)
.075 1.90 BSC
5
4 .059 1.50 .068 1.75 .102 2.60 .118 3.00 0" - 10" Datum "A"
1
2
3
.037 0.95 BSC .110 2.80 .118 3.00
.004 0.10 .023 0.60 .014 0.35 .019 0.50 X.XX DENOTES DIMENSIONS X.XX IN MILIMETERS
.057 1.45 MAX. SEATING PLANE .000 0.00 .005 0.15
Packaging Mechanical: 5-Pin SC70 (C)
.079 2.00 BSC .051 1.30 BSC 5 4
.049 1.25 BSC
.083 2.10 BSC
VIEW A
1 .026 0.65 BSC
2
3 .006 .011 0.15 0.30 GUAGE PLANE SEATING PLANE .010 .018 0.26 0.46 0-8 .321 BSC 0.15
4-10 1.10 MAX SEATING PLANE 0 0 .004 0.10 XXX DENOTES DIMENSIONS XXX IN MILLIMETERS
.017 0.42 REV
Notes: 1. Controlling dimensions in millimeters 2. Ref: JEDEC MO-203AA
Thermal Characteristics can be found on the web: http://www.pericom.com/packaging/mechanicals.php
Ordering Information
Part PI74STX1GT08TX PI74STX1GT08CX Pin-Package 5- Pin - SOT23 5- Pin - SC70 Top M arking N 08 N 08 Ope rating Range -40C to 85C -40C to 85C
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
4
PS8640A 12/17/02


▲Up To Search▲   

 
Price & Availability of PI74STX1GT08TX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X