Part Number Hot Search : 
TR300 3225K175 54560 MUR460 M1661K MD7540 BFXXX MAX85
Product Description
Full Text Search
 

To Download PI74ALVTC16241 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241
16-Bit Buffer/Driver with 3-State Outputs
Product Features
PI74ALVTC family is designed for low voltage operation, VDD = 1.8V to 3.6V Supports Live Insertion 3.6V I/O Tolerant Inputs and Outputs Bus Hold High Drive, -32/64mA @ 3.3V Uses patented noise reduction circuitry Power-off high impedance inputs and outputs Industrial operation at 40C to +85C Packages available: 48-pin 240 mil wide plastic TSSOP (A) 48-pin 173 mil wide plastic TVSOP (K) 48-pin 300 mil wide plastic SSOP (V)
Product Description
Pericom Semiconductor's PI74ALVTC series of logic circuits are produced in the Company's advanced 0.35 micron CMOS technology, achieving industry leading speed. The PI74ALVTC16241 buffer/driver is designed specifically to improve both the performance and density of 3-state memory address drivers, clock drivers, and bus-oriented receivers and transmitters. The device can be used as four 4-bit buffers, two 8-bit buffers, or one 16-bit buffer. It provides true outputs and complementary activelow output-enable (OE and OE) inputs. To ensure the high-impedance state during power up or power down, OE should be tied to Vdd through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver. The family offers both I/O Tolerant, which allows it to operate in mixed 1.8/3.6V systems, and Bus Hold, which retains the data inputs last state whenever the data input goes to high-impedance, preventing floating inputs and eliminating the need for pullup/ down resistors.
Logic Block Diagram
1
PS8358A
11/23/98
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241 16-Bit Buffer Driver With 3-State Outputs
Product Pin Description
Pin Name nOE nOE nAx nYx GND VCC Description 3-State Output Enable Inputs (Active LOW) 3-State Output Enable Inputs (Active HIGH) Inputs 3-State Outputs Ground Power
Truth Tables(1)
Inputs 1,4OE L L H
Inputs 2,3OE L L H 2,3AX H L X
Outputs 1,4AX H L X 1,4Yx H L Z
Outputs 2,3Yx H L Z
Product Pin Configuration
1OE 1Y1 1Y2
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24
48 47 46 45 44 43 42 41 40
2OE 1A1 1A2
Notes: 1. H = High Signal Level L = Low Signal Level X = Don't Care or Irrelevant Z = High Impedance
GND
1Y3 1Y4
GND
1A3 1A4
VCC
2Y1 2Y2
VCC
2A1 2A2
GND
2Y3 2Y4 3Y1 3Y2
48-PIN A48 K48 V48
39 38 37 36 35 34 33 32 31 30 29 28 27 26 25
GND
2A3 2A4 3A1 3A2
GND
3Y3 3Y4
GND
3A3 3A4
VCC
4Y1 4Y2
VCC
4A1 4A2
GND
4Y3 4Y4 4OE
GND
4A3 4A4 3OE
2
PS8358A
11/23/98
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241 16-Bit Buffer Driver With 3-State Outputs
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Supply Voltage Range, VDD.......................................... 0.5V to 4.6V Input Voltage Range, VI ................................................. -0.5V to 4.6V Output Voltage Range, VO (3-Stated) ............................ -0.5V to 4.6V Output Voltage Range, VO(1) (Active) ................. 0.5V to VDD +0.5V DC Input Diode Current (IIK) VI<0V ........................................ -50mA DC Output Diode Current (IOK) VO<0V ................................................................................... -50mA VO>VDD ................................................................................ 50mA DC Output Source/Sink Current (IOH/IOL) ......................... -64/128mA DC VDD or GND Current per Supply Pin (ICC or GND) ....... 100mA Storage Temperature Range, Tstg ................................. 65C to150C Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions2
M in. VDD VIH VIL VI VO Supply voltage High- level input voltage Low- level input voltage Input voltage Output voltage Active State Off State VDD = VDD = VDD = VDD = 3.0V to 3.6V 3.0V to 3.6V 2.3V to 2.7V 1.8V 0 -40 Operating Data Retention Only VDD = 2.7V to 3.6V VDD = 2.7V to 3.6V - 0.3 0 0 1.8 1.2 2.0 0.8 3.6 VDD 3.6 - 32/64 24 18 6 10 85 mA ns/V C V M ax. 3.6 3.6 Units
Output current in IOH/IOL t/v TA Input transistion rise or fall rate(3) Operating free- air temperture
Notes 1. Absolute maximum of IO must be observed. 2. Unused control inputs must be held HIGH or LOW to prevent them from floating. 3 As measured between 0.8V and 2.0V, VDD = 3.0V.
3
PS8358A
11/23/98
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241 16-Bit Buffer Driver With 3-State Outputs
Electrical Characteristics over Recommended Operating Free-Air Temperature Range
(unless otherwise noted)
DC Characteristics (2.7V VDD 3.6V)
Parame te r VIH VIL HIGH Level Input Voltage LOW Level Input Voltage IOH = -100A IOH = -12mA VOH HIGH Level Output Voltage IOH = -18mA IOH = -24mA IOH = -32mA IOL = 100A IOL = 12mA VOL LOW Level Output Voltage IOL = 18mA IOL = 24mA IOL = 32mA IOL = 64mA II IOZ IOFF IODL IODH IHOLD Input Leakage Current 3- STATE Output Leakage Power- OFF Leakage Current Output Current Low Output Current High Bus Hold Current A or B Outputs VI = VDD, or GND VO = 3.6V VI or VO 3.6V VIN = VIH orVIL, Vo = 1.5V(1) VIN = VIH orVIL, Vo = 1.5V(1) VI = 0.8V VI = 2.0V VI = 0 to 3.6V IDD IDD Quiescent Supply Current Increase in IDD per input VI = VDD or GND VDD (VI,VO) 3.6V VIH = VDD - 0.6V, Other inputs at VDD or Gnd 2.7 - 3.6 3.6 2.7 0 3.6 150 - 58 75 - 75 500 50 50 400 A 3.0 2.7 - 3.6 2.7 3.0 2.7 2.7 - 3.6 VDD - 0.2 2.2 2.4 2.2 2.0 0.2 0.4 0.4 0.45 0.5 0.55 5.0 10 10 334 - 114 mA A V Conditions VDD M in. 2.0 0.8 Typ. M ax. Units
3.0 3.6
Notes 1. Duration of test must not exceed 1 second with only 1 output tested at a time.
4
PS8358A
11/23/98
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241 16-Bit Buffer Driver With 3-State Outputs
Electrical Characteristics over Recommended Operating Free-Air Temperature Range
(unless otherwise noted)
DC Characteristics (2.3V VDD 2.7V)
De s s ription VIH VIL VOH Parame te rs HIGH Level Input Voltage LOW Level Input Voltage IOH = - 100A HIGH Level Output Voltage IOH = - 12mA IOH = - 18mA IOL = 100A VOL LOW Level Output Voltage IOL = 12mA IOL = 18mA IOL = 24mA II IOZ IOFF IODL IODH IHOLD(1) Input Leakage Current 3- STATE Output Leakage Power- OFF Leakage Current Output Current Low Output Current High Bus Hold Current A or B Outputs V1 = VDD or GND VO = 3.6V VI or VO 3.6V VIN = VIH or VIL, VO = 1.5V(2) VIN = VIH or VIL, VO = 1.5V(2) VI = 0.7V VI = 1.7V VI = VDD or GND VDD (VI,VO) 3.6V VIH = VDD - 0.6V, Inputs at VDD or Gnd 2.3 - 2.7 2.7 2.3 0 2.7 110 - 30 90 - 90 40 40 400 A 2.3 2.3 - 2.7 Conditions VDD M in. 1.6 0.7 VDD - 0.2 1.8 1.7 0.2 0.4 0.5 0.55 5.0 10 10 264 - 60 mA A V Typ. M ax. Units
2.3 2.3 - 2.7
2.5
IDD DD
Quiescent Supply Current Increase in IDD per input
Notes: 1. Not Guaranteed 2. Duration of test must not exceed 1 second with only 1 output tested at a time.
5
PS8358A
11/23/98
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241 16-Bit Buffer Driver With 3-State Outputs
Electrical Characteristics over Recommended Operating Free-Air Temperature Range
(unless otherwise noted)
DC Characteristics (1.8V VDD 2.3V)
De s cription VIH VIL VOH VOL II IOZ IOFF IODL IODH IHOLD(1) IDD DD Parame te rs HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = - 100A IOH = - 6mA IOL = 100A IOL = 6mA V1 = VDD or GND VO = 3.6V VI = VO 3.6V VIN = VIH or VIL, VO = 0.9V VI = 0.4 VI = 1.3 VI = VDD or GND VDD (VI,VO) 3.6V VI = VDD - 06V, Other inputs at VDD or Gnd 1.8
(2)
Conditions
VDD 1.8 - 2.3
M in. 0.7 x VDD
Typ.
M ax.
Units
0.2 x VDD VDD - 0.2 V 0.2 0.3 1.4
1.8
LOW Level Output Voltage Input Leakage Current 3- STATE Output Leakage Power- OFF Leakage Current Output Current Low Output Current High Bus Hold Current A or B Outputs Quiescent Supply Current Increase in IDD per input
2.3 1.8 0 1.8 50 - 14 50 - 50
5.0 10 10 137 - 34 mA A
VIN = VIH or VIL, VO = 0.9V(2)
20 20 400
A
Notes: 1. Not Guaranteed 2. Duration of test must not exceed 1 second with only 1 output tested at a time.
6
PS8358A
11/23/98
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241 16-Bit Buffer Driver With 3-State Outputs
AC Electrical Characteristics
TA = -40C to +85C, CL = 50pF, RL = 500 Symbol Parame te r VDD = 3.3V 0.3V M in. tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tOSHL, tOSLH Prop Delay O utput Enable Time O utput Disable Time O utput to O utput Skew (1) 0.5 0.5 1.0 M ax. 2.1 2.9 4.6 0.5 VDD = 2.5V 0.2V M in. 0.5 1.0 0.5 M ax. 2.6 4.1 5.0 0.5 VDD = 1.8V M in. 1.0 1.5 1.0 M ax. 3.5 4.8 4.0 0.5 ns Units
Note: 1. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH or LOW (tOSHL) or LOW to HIGH (tOSLH).
Capacitance
Symbol CIN COUT CPD Parame te r Input Capacitance O utput Capacitance Power Dissipation Capacitance Conditions VDD = 1.8, 2.5V or 3.3V, VI = 0V or VDD VI = 0V or VDD, VDD = 1.8V, 2.5V or 3.3V VI = 0V or VDD, F = 10 MHz VDD = 1.8V, 2.5V or 3.3V TA = +25C Typical 6 7 20 pF Units
7
PS8358A
11/23/98
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVTC16241 16-Bit Buffer Driver With 3-State Outputs
Test Circuits and Switching Waveforms
Parameter Measurement Information (VDD = 1.8V - 3.6V)
2 x VDD R1 500 Open 50pF CL
(See Note A)
Switch Position
Te s t tpd tPLZ/tPZL
GND
S1 Open 2 x VDD GND
From Output Under Test
tPHZ/tPZH
RL 500
Pulse Width
VDD Low-High-Low Pulse tW VDD VDD/2 0V
Setup, Hold, and Release Timing
Data Input tSU Timing Input tH VDD VDD/2 0V VDD VDD/2 0V
High-Low-High Pulse
VDD/2 0V
Propagaton Delay
VDD VDD/2 Input tPLH Output tPHL tPLH VDD Opposite Phase Input Transition VDD/2 0V tPHL 0V VDD VDD/2 VOL
Notes: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is LOW except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is HIGH except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR 10 MHz, ZO = 50, tr 2ns, tf 2ns, measured from 10% to 90%, unless otherwise specified. D. The outputs are measured one at a time with one transition per measurement.
Enable Disable Timing
VDD Output Control
(Active LOW)
VDD/2 tPZL VDD VDD/2 +0.15V tPZH VDD/2 0V tPHZ -0.15V VOH VOL tPLZ 0V VDD
Output Waveform 1 S1 at 2xVDD
(see Note B)
Output Waveform 2 S1 at GND
(see Note B)
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
8
PS8358A 11/23/98


▲Up To Search▲   

 
Price & Availability of PI74ALVTC16241

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X