Part Number Hot Search : 
B59101Z HT82V738 VRE405AD RN2969CT IV1224SA RN2969CT EN25B32 74HCT258
Product Description
Full Text Search
 

To Download PI74ALVCH162820 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVCH162820
3.3V 10-Bit Flip-Flop with Dual Outputs and 3-State Outputs
Product Features
* * * * * * * * * PI74ALVCH162820 is designed for low voltage operation VCC = 2.3V to 3.6V Hysteresis on all inputs Typical VOLP (Output Ground Bounce) < 0.8V at VCC = 3.3V, TA = 25C Typical VOHV (Output VOH Undershoot) < 2.0V at VCC = 3.3V, TA = 25C Output ports have equivalent 26 series resistors, no external resistors are required. Bus Hold retains last active bus state during 3-state eliminates the need for external pullup resistors Industrial operation at -40C to +85C Packages available: - 56-pin 240 mil wide plastic TSSOP (A) - 56-pin 300 mil wide plastic SSOP (V)
Product Description
Pericom Semiconductor's PI74ALVCH series of logic circuits are produced in the Company's advanced 0.5 micron CMOS technology, achieving industry leading speed. The PI74ALVCH162820 is a 10-bit flip-flop designed for 2.3V to 3.3V VCC operation. The PI74ALVCH162820 is designed with edgetriggered D-type flip-flops. On the positive transition of clock (CLK) input, the device provides true data at the Q outputs. A buffered output-enable (OE) input can be used to place the ten outputs in either a normal logic state (HIGH or LOW level) or a highimpedance state. In the high-impedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capacity to drive bus lines without the need for interface or pullup components. OE does not affect the internal operation of the flip-flops. Old data can be retained or new data can be entered while the outputs are in the high-impedance state. The outputs, which are designed to sink up to 12mA, include 26 resistors to reduce overshoot and undershoot. The PI74ALVCH162820 has "Bus Hold" which retains the data input's last state whenever the data input goes to high-impedance preventing "floating" inputs and eliminating the need for pullup/ down resistors. Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
Logic Block Diagram
1
PS8094A 03/26/97
Product Pin Description
Pin Name OE CLK Dx Qx GND VCC Description Output Enable Input (Active LOW) Clock Input (Active HIGH) Data Inputs 3-State Outputs Ground Power
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVCH162820 3.3V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
Truth Table(1)
Inputs OEn L L L H
Note: 1. H L X Z n = = = = = =
Outputs D H L X X Qn H L Q0 Z
CLK L X
Product Pin Configuration
1OE 1Q1 1Q2 GND 2Q1 2Q2 VCC 3Q1 3Q2 4Q1 GND 4Q2 5Q1 5Q2 6Q1 6Q2 7Q1 GND 7Q2 8Q1 8Q2 VCC 9Q1 9Q2 GND 10Q1 10Q2 2OE
1 2 3 4 5 6
56 55 54 53 52
CLK D1 NC GND D2 NC VCC D3 NC D4 GND NC D5 NC D6 NC D7 GND NC D8 NC VCC D9 NC GND D10 NC NC
High Signal Level Low Signal Level Irrelevant High Impedance LOW-to-HIGH Transition 1,2
51 7 50 8 56-PIN 49 V56 48 9 A56 47 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29
2
PS8094A 03/26/97
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVCH162820 3.3V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ........................................................... 65C to +150C Ambient Temperature with Power Applied ........................ 40C to +85C Input Voltage Range, VIN ...................................................... 0.5V to VCC +0.5V Output Voltage Range, VOUT ............................................... 0.5V to VCC +0.5V DC Input Voltage .................................................................... 0.5V to +5.0V DC Output Current ............................................................................ 100 mA Power Dissipation .................................................................................. 1.0W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
DC Electrical Characteristics (Over the Operating Range, TA = -40C to +85C, VCC = 3.3V 10%)
Parame te rs VCC VIH(3) VIL(3) VIN(3) VOUT(3) D e s cription Supply Voltage Input HIGH Voltage VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V VCC = 2.3V to 2.7V VCC = 2.7V to 3.6V 0 0 IOH = - 100mA, VCC = Min. to Max. O utput HIGH Voltage VIH = 1.7V, IOH = - 6mA, VCC = 2.3V VIH = 1.7V, IOH = - 12mA, VCC = 2.3V VIH = 2.0V, IOH = - 12mA, VCC = 2.7V VIH = 2.0V, IOH = - 12mA, VCC = 3.0V VIH = 2.0V, IOH = - 24mA, VCC = 3.0V IOL = 100mA, VIL = Min. to Max. VOL O utput LO W Voltage VIL = 0.7V, IOL = 6mA, VCC = 2.3V VIL = 0.7V, IOL = 12mA, VCC = 2.3V VIL = 0.8V, IOL = 12mA, VCC = 2.7V VIL = 0.8V, IOL = 24mA, VCC = 3.0V O utput HIGH Current VCC = 2.3V VCC = 2.7V VCC = 3.0V VCC = 2.3V VCC = 2.7V VCC = 3.0V VCC - 0.2 2.0 1.7 2.2 2.4 2.0 0.2 0.4 0.7 0.4 0.55 - 12 - 12 - 24 12 12 24 mA V Te s t Conditions (1) M in. 2.3 1.7 2.0 0.7 0.8 VCC VCC Typ.(2) M ax. 3.6 Units
Input LO W Voltage Input Voltage O utput Voltage
VOH
IOH(3)
IOL(3)
O utput LO W Current
3
PS8094A 03/26/97
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVCH162820 3.3V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
DC Electrical Characteristics-Continued (Over the Operating Range, TA = 40C to +85C, VCC = 3.3V 10%)
Parame te rs IIN De s cription Input Current Te s t Conditions (1) VIN = VCC or GND, VCC = 3.6V VIN = 0.7V, VCC = 2.3V IIN (HOLD) Input Hold Current VIN = 1.7V, VCC = 2.3V VIN = 0.8V, VCC = 3.0V VIN = 2.0V, VCC = 3.0V VIN = 0 to 3.6V, VCC = 3.6V IOZ ICC DICC Output Current (3- STATE Outputs) Supply Current Supply Current per Input @ TTL HIGH Control Inputs Data Inputs Outputs VOUT = VCC or GND, VCC = 3.6V VCC = 3.6V, IOUT = 0mA, VIN = GND or VCC VCC = 3.0V to 3.6V One Input at VCC - 0.6V Other Inputs at VCC or GND VIN = VCC or GND, VCC = 3.3V VO = VCC or GND, VCC = 3.3V 3.5 6 7 pF 45 - 45 75 - 75 500 10 40 750 mA M in. Typ.(2) M ax. 5 Units
CI CO
Notes: 1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 3.3V, +25C ambient and maximum loading. 3. Unused Control Inputs must be held HIGH or LOW to prevent them from floating.
Timing Requirements over Operating Range
Parame te rs fCLOCK tW tSU tH Dt/Dv(3) Pulse duration CLK HIGH or LO W Setup time, data before CLK Hold time, data after CLK Input Transition Rise or Fall D e s cription VCC = 2.5V 0.2V M in. 0 3.3 1.7 1.1 0 10 M ax. 150 VCC = 2.7V M in. 0 3.3 1.8 1.1 0 10 M ax. 150 VCC = 3.3V 0.3V M in. 0 3.3 1.4 1.0 0 10 ns/V ns M ax. 150 Units MHz
Note: 1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
4
PS8094A 03/26/97
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI74ALVCH162820 3.3V 10-BIT FLIP-FLOP WITH DUAL OUTPUTS AND 3-STATE OUTPUTS
Switching Characteristics over Operating Range(1)
Parame te rs fMAX tPD tEN tDIS CLK OE OE Q Q Q VCC = 2.5V 0.2V VCC = 2.7V From To (INPUT) (OUTPUT) M ax. M in.(2) M ax. M in.(2) 150 1.0 1.0 1.3 7.0 7.4 6.4 150 6.2 6.8 5.5 VCC = 3.3V 0.3V M in.(2) 150 1.0 1.0 1.0 5.4 5.6 5.0 ns M ax.(2) Units
Notes: 1. See test circuit and wave forms. 2. Minimum limits are guaranteed but not tested on Propagation Delays.
Operating Characteristics, TA = 25C
Parame te r CPD Power Dissipation Capacitance Outputs Enabled Outputs Disabled Te s t Conditions CL = 50pF, f = 10 MHz VCC = 2.5V 0.2V VCC = 3.3V 0.3V Typical 68 39 66 47 Units
pF
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
5
PS8094A 03/26/97


▲Up To Search▲   

 
Price & Availability of PI74ALVCH162820

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X