Part Number Hot Search : 
S1005 LT1621 1SV262 B1000 LTC2420C TN2219A T048P S1005
Product Description
Full Text Search
 

To Download PI6C3Q993Q Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3Q0 FS VCCQ REF GND TEST 2F1
VCCN FB VCCN 2Q1 2Q0
3Q1 3Q0
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6C3Q993
3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Description
Features
PI6C3Q99X family provides following products: PI6C3Q991: 32-pin PLCC version PI6C3Q993: 28-pin QSOP version Inputs are 5V I/O Tolerant 4 pairs of programmable skew outputs Low skew: 200ps same pair; 250ps all outputs Selectable positive or negative edge synchronization: Excellent for DSP applications Synchronous output enable Output frequency: 3.75 MHz to 85 MHz 2x, 4x, 1/2, and 1/4 outputs 3 skew grades: 3-level inputs for skew and PLL range control PLL bypass for DC testing External feedback, internal loop filter 12mA balanced drive outputs Low Jitter: < 200ps peak-to-peak Industrial temperature range Pin-to-pin compatible with IDT QS5V991 and QS5V993 Available in 32-pin PLCC and 28-pin QSOP
The PI6C3Q99X family is a high fanout 3.3V PLL-based clock driver intended for high performance computing and data-communications applications. A key feature of the programmable skew is the ability of outputs to lead or lag the REF input signal. The PI6C3Q991 has 8 programmable skew outputs in 4 banks of 2, while the PI6C3Q993 has 6 programmable skew outputs and 2 zero skew outputs. Skew is controlled by 3-level input signals that may be hardwired to appropriate HIGH-MID-LOW levels. When the GND/sOE pin is held low, all the outputs are synchronously enabled. However, if GND/sOE is held high, all the outputs except 3Q0 and 3Q1 are synchronously disabled. Furthermore, when the V CCQ /PE is held high, all the outputs are synchronized with the positive edge of the REF clock input. When VCCQ /PE is held low, all the outputs are synchronized with the negative edge of REF. Both devices have LVTTL outputs with 12mA balanced drive outputs.
Pin Configurations PI6C3Q991
REF VCCQ FS
PI6C3Q993
1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24
GND TEST 2F1 2F0 GND/sOE 1F1 1F0 VCCN 1Q0 1Q1 GND GND 2Q0 2Q1
3F1 4F0 4F1 VCCQ/PE VCCN 4Q1 4Q0 GND GND
4 5 6 7 8 9 10 11 12
32
1 32 31 30 29 28 27 26 25 24 23 22
32-Pin J
13 21 14 15 16 17 18 19 20
2F0 GND/sOE 1F1 1F0 VCCN 1Q0 1Q1 GND GND
3F0 3F1 VCCQ/PE VCCN 4Q1 4Q0 GND 3Q1 3Q0 VCCN FB
28-Pin Q
23 22 21 20 19 18 17 16 15
1
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6CQ3993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Logic Block Diagrams
PI6C3Q991
GND/sOE Skew Select 3 VCCQ/PE Skew Select REF FB 3 FS Skew Select 3 3 4F1:0 3 PLL Skew Select 3 3 3F1:0 4Q0 4Q1 3 2F1:0 3Q0 3Q1 3 1F1:0 2Q0 2Q1
REF FB 3 FS PLL Skew Select 3 3 3F1:0 4Q0 4Q1
PI6C3Q993
GND/sOE
1Q0 1Q1
VCCQ/PE
Skew Select 3 3 1F1:0 Skew Select 3 3 2F1:0
1Q0 1Q1
2Q0 2Q1
3Q0 3Q1
Pin Descriptions
Pin Name REF FB TEST(1) Type IN IN IN Reference Clock input Feedback Input When MID or HIGH, disables PLL (except for conditions of Note 1). REF goes to all outputs. Skew selections (see table 3) remain in effect. Set LO W for normal operation. Synchronous O utput Enable. When HIGH, it stops clock outputs (except 3Q 0 and 3Q 1) in a LO W state - 3Q 0 or 3Q 1 may be used as the feedback signal to maintain phase lock. When TEST is held at MID level and GND/sO E is HIGH, the nF [1:0] pins act as output disable controls for individual banks when nF [1:0] = LL. Set GND/sO E LO W for normal operation. Selectable positive or negative edge control. When LO W/HIGH the outputs are synchronized with the negative/positive edge of the reference clock. 3- level inputs for selecting 1 of 9 skew taps or frequency range. Selects appropriate oscillator circuit based on anticipated frequency range. See table 2 4 output banks of 2 outputs, with programmable skew. O n the PI6C3Q 993 4Q 1:0 are fixed zero skew outputs. Power supply for output buffers Power supply for phase locked loop and other internal circuitry Ground Functional D e s cription
GND/sO E(1)
IN
VCCQ/PE nF [1:0] FS nQ [1:0] VCCN VCCQ GND
IN IN IN O UT PWR PWR PWR
Note: 1. When TEST = MID and GND/sOE = HIGH, PLL remains active with nF[1:0] =LL functioning as an output disable control for individual output banks. Skew selections (see Table 3) remain in effect unless nF[1:0] = LL.
2
PS8449A 10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6C3Q993 3.3V Programmable Skew PLL Clock Driver SuperClock(R) External Feedback
By providing external feedback, the PI6C3Q99X family gives users flexibility with regard to skew adjustment. The FB signal is compared with the input REF signal at the phase detector in order to drive the VCO. Phase differences cause the VCO of the PLL to adjust upwards or downwards accordingly. An internal loop filter moderates the response of the VCO to the phase detector. The loop filter transfer function has been chosen to provide minimal jitter (or frequency variation) while still providing accurate responses to input frequency changes.
Programmable Skew
Output skew with respect to the REF input is adjustable to compensate for PCB trace delays, backplane propagation delays or to accommodate requirements for special timing relationships between clocked components. Skew is selectable as a multiple of a time unit tU which is of the order of a nanosecond (see Table 2). There are 9 skew configurations available for each output pair. These configurations are choosen by the nF1:0 control pins. In order to minimize the number of control pins, 3-level inputs (HIGH-MID-LOW) are used, they are intended for but not restricted to hard-wiring. Undriven 3-level inputs default to the MID level. Where programmable skew is not a requirement, the control pins can be left open for the zero skew default setting. The Skew Selection Table (Table 3) shows how to select specific skew taps by using the nF1:0 control pins.
Table 2. PLL Programmable Skew Range and Resolution Table
FS = LOW Timing unit calculation (tU) VCO frequency range (FNOM)(1,2) Skew adjustment range(3) Max. adjustment Example 1, FNOM = 15 MHz Example 2, FNOM = 25 MHz Example 3, FNOM = 30 MHz Example 4, FNOM = 40 MHz Example 5, FNOM = 50 MHz Example 6, FNOM = 80 MHz 1/(44xFNOM) 15 to 35 MHz 9.09ns 49 14% tU = 1.52ns tU = 0.91ns tU = 0.76ns tU = 1.54ns tU = 1.28ns tU = 0.96ns tU = 0.77ns tU = 1.56ns tU = 1.25ns tU = 0.78ns FS = M ID 1/(26xFNOM) 9.23ns 83 23% FS = HIGH 1/(16xFNOM) 9.38ns 135 37% Comme nts
25 to 60 MHz 40 to 85 MHz ns Phase degrees % of cycle time
Notes: 1. The device may be operated outside recommended frequency ranges without damage, but functional operation is not guaranteed. Selecting the appropriate FS value based on input frequency range allows the PLL to operate in its sweet spot where jitter is lowest. 2. The level to be set on FS is determined by the nominal operating frequency of the VCO and Time Unit Generator. The VCO frequency always appears at 1Q1:0, 2Q1:0, and the higher outputs when they are operated in their undivided modes. The frequency appearing at the REF and FB inputs will be the same as the VCO when the output connected to FB is undivided. The frequency of the REF and FB inputs will be 1/2 or 1/4 the VCO frequency when the part is configured for a frequency multiplication by using a divided output as the FB input. 3. Skew adjustment range assumes that a zero skew output is used for feedback. If a skewed Q output is used for feedback, then adjustment range will be greater. For example if a 4tU skewed output is used for feedback, all other outputs will be skewed 4tU in addition to whatever skew value is programmed for those outputs. Max adjustment range applies to output pairs 3 and 4 where 6 tU skew adjustment is possible and at the lowest FNOM value.
3
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6CQ3993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Table 3. Skew Selection Table for Output Pairs
nF1:0 LL(2) LM LH ML MM MH HL HM HH Ske w (Pair #1, #2) 4tU 3tU 2tU 1tU Zero skew +1tU +2tU +3tU +4tU Ske w (Pair #3) Divide by 2 6tU 4tU 2tU Zero skew +2tU +4tU +6tU Divide by 4 Ske w (Pair #4)(1) Divide by 2 6tU 4tU 2tU Zero skew +2tU +4tU +6tU Inverted(3)
Notes: 1. Programmable skew on pair #4 is not applicable for the PI6C993. 2. LL disables outputs if TEST = MID and GND/ sOE = HIGH. 3. When pair #4 is set to HH (inverted), GND/sOE disables pair #4 HIGH when VCCQ /PE = HIGH, GND/sOE disables pair #4 LOW when VCCQ / PE = LOW
Table 4. Absolute Maximum Ratings
Supply Voltage to ground ........................................................ 0.5V to 7.0V DC input Voltage VI .................................................................... 0.5V to VCC + 0.5V Maximum Power Dissipation at TA = 85C, PLCC ......................... 0.80 watts QSOP ....................... 0.66 watts TSTG Storage temperature ....................................................65C to 150C
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Table 5. Recommended Operating Range
Symbol D e s cription PI6C3Q99X PI6C3Q99X-5 (Indus trial) M in. VCC TA Power Supply Voltage Ambient O perating Temperature 3.0 40 M ax. 3.6 85 PI6C399X-2 (Comme rcial) M in. 3.0 0 M ax. 3.6 70 V C Units
4
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6C3Q993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Table 6. DC Characteristics Over Operating Range
Symbol VIH VIL VIHH VIMM VILL IIN I3 IPU IPD VOH VOL Parame te r Input HIGH Voltage Input LOW Voltage Input HIGH Voltage(1) Input MID Voltage(1) Input LOW Voltage(1) Input Leakage Current (REF, FB inputs only) 3- Level Input DC Current (TEST, FS, nF1:0) Input Pull- Up Current (VCCQ/PE) Input Pull- Down Current (GND/sOE) Output HIGH Voltage Output LOW Voltage Te s t Condition Guaranteed Logic HIGH (REF, FB inputs only) Guaranteed Logic LOW (REF, FB inputs only) 3- Level Inputs Only 3- Level Inputs Only 3- Level Inputs Only VIN = VCC or GND, VCC = Max. VIN = VCC VIN = VCC/2 VIN = GND HIGH Level MID Level LOW Level VCC 0.6 VCC/2 0.3 VCC/2 +0.3 0.6 5 200 50 200 100 100 2.2 0.55 V M in. 2.0 0.8 V M ax. Units
A
VCC = Max., VIN = GND VCC = Max., VIN = VCC VCC = Min., IOH = 12mA VCC = Min., IOL = 12mA
Note: 1. These inputs are normally wired to VCC , GND, or unconnected. Internal termination resistors bias unconnected inputs to VCC/2. If these inputs are switched, the function and timing of the outputs may glitched, and the PLL may require an additional tLOCK time before all datasheet limits are achieved.
Table 7. Power Supply Characteristics
Symbol ICCQ ICC ICCD IC IC IC Parame te r Quiescent Power Supply Current Power Supply Current per Input HIGH(1) Total Power Supply Current(1) Total Power Supply Current(1) Total Power Supply Current(1) Te s t Condition VCC = Max., TEST = Mid., REF = LO W, GND/sOE = LOW, All outputs unloaded VCC = Max., VIN = 3.0V VCC = 3.3V, FREF = 20 MHz, CL = 160pF(2) VCC = 3.3V, FREF = 33 MHz, CL = 160pF(2) VCC = 3.3V, FREF = 66 MHz, CL = 160pF(2) Typ. 8.0 1.0 55 29 42 76 mA M ax. 15 30 90 Units mA A A/MHz
Dynamic Power Supply Current per Output(1) VCC = Max., CL = 0pF
Notes: 1. Guaranteed by characterization but not production tested. 2. For 8 outputs each loaded with 20pF.
5
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6CQ3993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Table 8. Capacitance (TA = 25C, f = 1 MHz, VIN = 0V)
QSOP Typ. CIN 4 M ax. 6 Typ. 5 PLCC M ax. 7 Units pF
VCC
150 Output 150 20pF
1ns 3.0V 2.0V Vth=1.5V 0.8V 0V
1ns 2.0V 0.8V
tORISE tPWH tPWL
tOFALL
LVTTL Input Test Waveform
LVTTL Output Waveform
AC Test Loads and Waveforms
6
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6C3Q993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Table 9. Switching Characteristics Over Operating Range
D e s cription Symbol FNOM tRPWH tRPWL tU tSKEWPR tSKEW0 tSKEW1 tSKEW2 tSKEW3 tSKEW4 tDEV tPD tODCV tPWH tPWL tORISE tOFALL tLOCK tJR VCO frequency range REF pulse REF pulse width HIGH(11) width LO W(11)
(1,2,3)
PI6C3Q991-2 PI6C3Q993-2 M in. 3.0 3.0 see Table 3 0.05 0.1
(1,5) (1,5)
PI6C3Q991-5 PI6C3Q993-5 M in. 3.0 3.0 see Table 3 Typ. M ax. see Table 2 3.0 3.0
PI6C3Q991 PI6C3Q993 M in. Typ. M ax. see Table 2
Units
Typ.
M ax.
see Table 2
ns see Table 3
Programmable skew time unit Zero output matched- pair skew (xQ 0, xQ 1) Zero output skew (all outputs) CL = 0pF(1,4)
0.20 0.25 0.50 1.2 0.50 0.90 0.75 0.25 1.2 2.0 2.5 0.5 1.2
0.1 0.25 0.6 0.5 0.5 0.5 0 0
0.25 0.5 0.7 1.2 0.7 1.0 1.25 0.5 1.2 2.5 3.0 0.7 1.2
0.1 0.3 0.6 1.0 0.7 1.2 0 0
0.25 0.75 1.0 1.5 1.2 1.7 1.65 0.7 1.2 3.0 3.5 ns
O utput skew (rise- rise, fall- fall, same class outputs)
0.25 0.30 0.25 0.50 0.25 1.2 0 0
O utput skew (rise- fall, nominal- inverted, divided- divided) O utput skew (rise- rise, fall- fall, different class outputs) Device- to- device skew
(1,2,6) (1,8)
(1,5) (1,5)
O utput skew (rise- fall, nominal- divided, divided- inverted) REF input to FB propagation delay
O utput duty cycle varation from 50%(1) O utput HIGH time deviation from 50%(1,9) O utput LO W time O utput rise time O utput fall time PLL lock time
(1) (1)
deviation from 50%(1,10) 0.15 0.15 RMS Peak- to- peak 1.0 1.0
1.8 1.8 0.5 25 200
0.15 0.15
1.0 1.0
1.8 1.8 0.5 40 200
0.15 0.15
1.5 1.5
2.5 2.5 0.5 40 200 ms ps
(1,7)
Cycle- to- cycle output jitter(1)
Notes: 1. All timing tolerances apply for F NOM 25MHz. Guaranteed by design and characterization, not subject to 100% production testing. 2. Skew is the time between the earliest and the latest output transition among all outputs for which the same t U delay has been selected when all are loaded with the specified load. 3. tSKEWPR is the skew between a pair of outputs (xQ0 and xQ1) when all eight outputs are selected for 0t U. 4. tSKEW0 is the skew between outputs when they are selected for 0tU. 5. There are 3 classes of outputs: Nominal (multiple of tU delay), Inverted (4Q0 and 4Q1 only with 4F0 = 4F1 = HIGH), and Divided (3Qx and 4Qx only in Divide-by-2 or Divide-by-4 mode). 6. t DEV is the output-to-output skew between any two devices operating under the same conditions (V CC , ambient temperature, air flow, etc.) 7. tLOCK is the time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating limits. This parameter is measured from the application of a new signal or frequency at REF or FB until tPD is within specified limits. 8. tPD is measured with REF input rise and fall times (from 0.8V to 2.0V) of 1.0ns. 9. Measured at 2.0V. 10. Measured at 0.8V. 11. Refer to Table12 for more detail.
7
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6CQ3993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Table 12. Input Timing Requirements
Symbol tR, tF tPWC DH D e s cription Maximum input rise and fall times, 0.8V to 2.0V Input clock pulse, HIGH or LO W Input duty cycle 3 10 90 M in. M ax. 10 Units ns/V ns %
Notes: 1. Input timing requirements are guaranteed by design but not tested. Where pulse width implied by D H is less than tPWC limit, tPWC limit applies.
tREF tRPWH
tRPWL
REF
tPD tODCV tODCV
FB
tJR
Q
tSKEWPR tSKEW0, 1 tSKEWPR tSKEW0, 1
Other Q
tSKEW2 tSKEW2
Inverted Q
tSKEW3,4 tSKEW3,4 tSKEW3,4
REF Divided by 2
tSKEW1,3,4 tSKEW2,4
REF Divided by 4
Notes: VCCQ/PE: The AC timing diagram above applies to VCCQ/PE=VCC. For VCCQ/PE=GND, the negative edge of FB aligns with the negative edge of REF, divided outputs change on the negative edge of REF, and the positive edges of the divide-by-2 and the divide-by-4 signals align. Skew: The time between the earliest and the latest output transition among all outputs for which the same tU delay has been selected when all are loaded with 20pF and terminated with 75Ohm to VCC/2. t SKEWPR : The skew between a pair of outputs (xQ0 and xQ1) when all eight outputs are selected for 0t U. t SKEW0: The skew between outputs when they are selected for 0t U. tDEV: The output-to-output skew between any two devices operating under the same conditions (VCC, ambient temperature, air flow, etc.) The deviation of the output from a 50% duty cycle. Output pulse width variations are included in tSKEW2 and tSKEW4 specifications. tODCV: tLOCK: The time that is required before synchronization is achieved. This specification is valid only after VCC is stable and within normal operating limits. This parameter is measured from the application of a new signal or frequency at REF or FB until tPD is within specified limits. tPWH is measured at 2.0V. tPWL is measured at 0.8V. tORISE and tOFALL are measured between 0.8V and 2.0V.
AC Timing Diagram
8
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6C3Q993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
32-Pin PLCC Package Diagram
28-Pin QSOP Package Diagram
28
0.150 0.157
3.81 3.99 .015 x 45
1 .386 9.804 .394 10.009 0.41 .016 1.27 .050 .033 REF 0.84 1.35 .053 1.75 .069 SEATING PLANE .228 .244 5.79 6.19
.007 0.178 .010 0.254
.025 BSC 0.635
.008 0.203 .012 0.305
.004 0.101 .010 0.254
X.XX DENOTES DIMENSIONS X.XX IN MILLIMETERS
9
PS8449A
10/09/00
21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321 21098765432121098765432109876543210987654321210987654321098765432109876543212109876543210987654321098765432121098765432109876543210987654321
PI6C3Q991, PI6CQ3993 3.3V Programmable Skew PLL Clock Driver SuperClock(R)
Ordering Information
Orde ring Code PI6C3Q991J PI6C3Q991- 2J PI6C3Q991- 5J PI6C3Q991- IJ PI6C3Q991- 5IJ PI6C3Q993Q PI6C3Q993- 2Q PI6C3Q993- 5Q PI6C3Q993- IQ PI6C3Q993- 5IQ Package Code J32 J32 J32 J32 J32 Q28 Q28 Q28 Q28 Q28 Package Type 32- Pin PLCC 32- Pin PLCC 32- Pin PLCC 32- Pin PLCC 32- Pin PLCC 28- Pin QSOP 28- Pin QSOP 28- Pin QSOP 28- Pin QSOP 28- Pin QSOP Industrial Commercial Industrial Commercial Ope rating Range
Pericom Semiconductor Corporation 2380 Bering Drive * San Jose, CA 95131 * 1-800-435-2336 * Fax (408) 435-1100 * http://www.pericom.com
10
PS8449A 10/09/00


▲Up To Search▲   

 
Price & Availability of PI6C3Q993Q

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X