Part Number Hot Search : 
MC34001 XXXSD LT138A01 MURF1620 GA4F4M 10A12 RX178B MUR460EG
Product Description
Full Text Search
 

To Download PHX6NA60E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Objective specification
PowerMOS transistors Low capacitance Avalanche energy rated
FEATURES
* Repetitive Avalanche Rated * Fast switching * Low feedback capacitance * Stable off-state characteristics * High thermal cycling performance * Low thermal resistance
PHX6NA60E
SYMBOL
d
QUICK REFERENCE DATA VDSS = 600 V
g
ID = 3.9 A RDS(ON) 1.2
s
GENERAL DESCRIPTION
N-channel, enhancement mode field-effect power transistor, intended for use in off-line switched mode power supplies, T.V. and computer monitor power supplies, d.c. to d.c. converters, motor control circuits and general purpose switching applications. The PHX6NA60E is supplied in the SOT186A full pack, isolated package.
PINNING
PIN 1 2 3 case gate drain source isolated DESCRIPTION
SOT186A
case
123
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER VDSS VDGR VGS ID IDM PD Tj, Tstg Drain-source voltage Drain-gate voltage Gate-source voltage Continuous drain current Pulsed drain current Total dissipation Operating junction and storage temperature range CONDITIONS Tj = 25 C to 150C Tj = 25 C to 150C; RGS = 20 k Ths = 25 C; VGS = 10 V Ths = 100 C; VGS = 10 V Ths = 25 C Ths = 25 C MIN. - 55 MAX. 600 600 30 3.9 2.6 26 45 150 UNIT V V V A A A W C
AVALANCHE ENERGY LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL PARAMETER EAS EAR IAS, IAR Single pulse avalanche energy Repetitive avalanche energy1 Avalanche current CONDITIONS Unclamped inductive load, ID = 6.5A; VDD 50 V; starting Tj = 25C; RGS = 50 ; VGS = 10 V MIN. MAX. 570 9.5 6.5 UNIT mJ mJ A
1 pulse width and repetition rate limited by Tj max. January 1998 1 Rev 1.000
Philips Semiconductors
Objective specification
PowerMOS transistors Low capacitance Avalanche energy rated
ISOLATION LIMITING VALUE & CHARACTERISTIC
Ths = 25 C unless otherwise specified SYMBOL Visol PARAMETER R.M.S. isolation voltage from all three terminals to external heatsink CONDITIONS f = 50-60 Hz; sinusoidal waveform; R.H. 65% ; clean and dustfree MIN. -
PHX6NA60E
TYP.
MAX. 2500
UNIT V
Cisol
Capacitance from T2 to external f = 1 MHz heatsink
-
10
-
pF
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-hs Rth j-a Thermal resistance junction to heatsink Thermal resistance junction to ambient CONDITIONS with heatsink compound MIN. TYP. MAX. UNIT 60 2.78 K/W K/W
ELECTRICAL CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL PARAMETER Drain-source breakdown voltage V(BR)DSS / Drain-source breakdown Tj voltage temperature coefficient Drain-source on resistance RDS(ON) VGS(TO) Gate threshold voltage gfs Forward transconductance IDSS Drain-source leakage current IGSS Qg(tot) Qgs Qgd td(on) tr td(off) tf Ld Ls Ciss Coss Crss V(BR)DSS CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 0.25 mA MIN. 600 2.0 3 TYP. MAX. UNIT 0.1 3.0 4.5 2 50 10 7 23 3.5 7.5 140 40 1.2 4.0 100 500 200 75 50 125 110 30 1550 V %/K V S A A nA nC nC nC ns ns ns ns nH nH pF pF pF
VGS = 10 V; ID = 3.25 A VDS = VGS; ID = 0.25 mA VDS = 30 V; ID = 3.25 A VDS = 600 V; VGS = 0 V VDS = 480 V; VGS = 0 V; Tj = 125 C Gate-source leakage current VGS = 30 V; VDS = 0 V Total gate charge Gate-source charge Gate-drain (Miller) charge Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance Input capacitance Output capacitance Feedback capacitance ID = 6.5 A; VDD = 480 V; VGS = 10 V VDD = 300 V; RD = 56 ; RG = 9.1
Measured from drain lead to centre of die Measured from source lead to source bond pad VGS = 0 V; VDS = 25 V; f = 1 MHz
January 1998
2
Rev 1.000
Philips Semiconductors
Objective specification
PowerMOS transistors Low capacitance Avalanche energy rated
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Tj = 25 C unless otherwise specified SYMBOL PARAMETER IS ISM VSD trr Qrr Continuous source current (body diode) Pulsed source current (body diode) Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS Ths = 25C Ths = 25C IS = 6.5 A; VGS = 0 V IS = 6.5 A; VGS = 0 V; dI/dt = 100 A/s MIN. -
PHX6NA60E
TYP. MAX. UNIT 530 6.7 6.5 26 1.2 A A V ns C
January 1998
3
Rev 1.000
Philips Semiconductors
Objective specification
PowerMOS transistors Low capacitance Avalanche energy rated
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
10.3 max 3.2 3.0
PHX6NA60E
4.6 max 2.9 max
Recesses (2x) 2.5 0.8 max. depth
2.8 6.4 15.8 19 max. max. seating plane 15.8 max
3 max. not tinned 3 2.5 13.5 min. 1 0.4
M
2
3 1.0 (2x) 0.6 2.54 0.5 2.5 1.3 0.9 0.7
5.08
Fig.1. SOT186A; The seating plane is electrically isolated from all terminals.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for F-pack envelopes. 3. Epoxy meets UL94 V0 at 1/8".
January 1998
4
Rev 1.000
Philips Semiconductors
Objective specification
PowerMOS transistors Low capacitance Avalanche energy rated
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
PHX6NA60E
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1998 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
January 1998
5
Rev 1.000


▲Up To Search▲   

 
Price & Availability of PHX6NA60E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X