Part Number Hot Search : 
D2225UK ATF16 ML74WLAD D2225UK 05211 UC3844 AT5558 2SC3514
Product Description
Full Text Search
 

To Download PHMB300B12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IGBT MODULE
CIRCUIT
Single 300A 1200V
OUTLINE DRAWING
PHMB300B12
Dimension(mm)
Approximate Weight : 650g
MAXMUM RATINGS (Tc=25C) Item
Collector-Emitter Voltage Gate - Emitter Voltage Collector Current DC 1 ms
Symbol
VCES VGES IC ICP PC Tj Tstg VISO FTOR M4
PHMB300B12
1200 +/ - 20 300 600 1600 -40 to +150 -40 to +125 2500 3 1.4 3
Unit
V V A W C C V N*m
Collector Power Dissipation Junction Temperature Range Storage Temperature Range Isolation Voltage Terminal to Base AC, 1 min.) Module Base to Heatsink Mounting Torque Bus Bar to Main Terminals
M6 Symbol
ICES IGES VCE(sat) VGE(th) Cies tr ton tf toff
ELECTRICAL CHARACTERISTICS (Tc=25C) Characteristic
Collector-Emitter Cut-Off Current Gate-Emitter Leakage Current Collector-Emitter Saturation Voltage Gate-Emitter Threshold Voltage Input Capacitance Rise Time Turn-on Time Switching Time Fall Time Turn-off Time
Test Condition
VCE=1200V,VGE=0V VGE=+/- 20V,VCE=0V IC=300A,VGE=15V VCE=5V,IC=300mA VCE=10V,VGE=0V,f=1MHz VCC= 600V RL= 2 ohm RG= 1.3 ohm VGE= +/- 15V
Min.
4.0 -
Typ.
1.9 25000 0.25 0.40 0.25 0.80
Max.
6.0 1.0 2.4 8.0 0.45 0.70 0.35 1.10
Unit mA A V V pF s
FREE WHEELING DIODES RATINGS & CHARACTERISTICS (Tc=25C) Item Symbol Rated Value
Forward Current DC 1 ms IF IFM 300 600
Unit A Typ.
1.9 0.20
Characteristic
Peak Forward Voltage Reverse Recovery Time
Symbol
VF trr
Test Condition
IF=300A,VGE=0V IF=300A,VGE=-10V,di/dt=600A/s
Min.
-
Max.
2.4 0.30
Unit V s Unit C/W
THERMAL CHARACTERISTICS Characteristic
Thermal Impedance IGBT DIODE
Symbol
Rth(j-c)
Test Condition
Junction to Case
Min.
-
Typ.
-
Max.
0.086 0.16
PHMB300B12
Fig.1- Output Characteristics (Typical)
600
Fig.2- Collector to Emitter On Voltage vs. Gate to Emitter Voltage (Typical)
TC=25
16
TC=25 IC=100A 600A
VGE=20V
500
12V
10V
15V
Collector to Emitter Voltage V CE (V)
14 12 10 8 6 4 2 0
300A
Collector Current I C (A)
400
9V
300
200
8V
100
7V
0 0 2 4 6 8 10
0
4
8
12
16
20
Collector to Emitter Voltage VCE (V)
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage vs. Gate to Emitter Voltage (Typical)
16
Fig.4- Gate Charge vs. Collector to Emitter Voltage (Typical)
800 700 600 500 400 16
TC=125 IC=150A 600A
Collector to Emitter Voltage V CE (V)
Collector to Emitter Voltage V CE (V)
14
RL=2 TC=25
14
Gate to Emitter Voltage VGE (V)
300A
12 10 8 6 4 2 0
12 10 8
VCE=600V
300 6
400V
200 100 0 0 400 800 1200 1600 2000
200V
4 2 0 2400
0
4
8
12
16
20
Gate to Emitter Voltage VGE (V)
Total Gate Charge Qg (nC)
Fig.5- Capacitance vs. Collector to Emitter Voltage (Typical)
100000 50000
Fig.6- Collector Current vs. Switching Time (Typical)
1.4 1.2
Cies
20000
VGE=0V f=1MHZ TC=25
VCC=600V RG=1.3 VGE=15V TC=25
Switching Time t (s)
Capacitance C (pF)
1 0.8 0.6 0.4 0.2
10000 5000 2000 1000 500 200 100 0.1 0.2 0.5 1 2 5 10 20 50 100 200
tOFF
Coes
tf
Cres
0
tON tr
0 50 100 150 200 250 300
Collector to Emitter Voltage VCE (V)
Collector Current IC (A)
PHMB300B12
Fig.8- Forward Characteristics of Free Wheeling Diode Fig.7- Series Gate Impedance vs. Switching Time (Typical)
10 5 600
(Typical)
TC=25 TC=125
VCC=600V IC=300A VGE=15V TC=25
500
toff ton
2 1 0.5
Forward Current I F (A)
50 100
Switching Time t (s)
400
tr
300
tf
0.2 0.1 0.05
200
100
0.5
1
2
5
10
20
0
0
1
2
3
4
Series Gate Impedance RG ()
Forward Voltage VF (V)
Fig.9- Reverse Recovery Characteristics (Typical)
1000 5000
Fig.10- Reverse Bias Safe Operating Area (Typical)
2000 1000 500
Peak Reverse Recovery Current I RrM (A) Reverse Recovery Time trr (ns)
500
IF=300A TC=25
RG=1.3 VGE=15V TC125
Collector Current I C (A)
200 100 50
trr
200 100 50 20 10
20
2 1 0.5 0.2
IRrM
10 5
0
600
1200
1800
2400
0.1
0
400
800
1200
1600
-di/dt (A/s)
Collector to Emitter Voltage V CE (V)
Fig.11- Transient Thermal Impedance
5x10 -1
(/W)
2x10 -1 1x10 -1 5x10
-2
FRD IGBT
Transient Thermal Impedance Rth
(J-C)
2x10 -2 1x10 -2 5x10 -3 2x10 -3 1x10 -3 5x10 -4 2x10
-4
TC=25 1 Shot Pulse
10 -4 10 -3 10 -2 10 -1 1 10 1
10 -5
Time t (s)


▲Up To Search▲   

 
Price & Availability of PHMB300B12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X