Part Number Hot Search : 
ATMEGA88 UMD9N10 553SM 8NK85 LH17AS15 R9G23415 TDA7266 100BZ
Product Description
Full Text Search
 

To Download PHK12NQ10T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHK12NQ10T
TrenchMOSTM standard level FET
M3D315
Rev. 01 -- 15 September 2003
Product data
1. Product profile
1.1 Description
N-channel enhancement mode field-effect transistor in a plastic package using TrenchMOSTM technology.
1.2 Features
s Surface mounting package s Low on-state resistance.
1.3 Applications
s DC-to-DC converter primary side s Portable equipment applications.
1.4 Quick reference data
s VDS 100 V s Ptot 8.9 W s ID 11.6 A s RDSon 28 m
2. Pinning information
Table 1: Pin 1,2,3 4 5,6,7,8 Pinning - SOT96-1 (SO8), simplified outline and symbol Description source (s) gate (g) drain (d)
g 1 Top view 4
MBK187
Simplified outline
8 5
Symbol
d
MBB076
s
SOT96-1 (SO8)
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
3. Ordering information
Table 2: Ordering information Package Name PHK12NQ10T SO8 Description Plastic small outline package; 8 leads. Version SOT96-1 Type number
4. Limiting values
Table 3: Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter VDS VDGR VGS ID IDM Ptot Tstg Tj IS ISM drain-source voltage (DC) drain-gate voltage (DC) gate-source voltage (DC) drain current (DC) peak drain current total power dissipation storage temperature junction temperature source (diode forward) current (DC) Tsp = 25 C peak source (diode forward) current Tsp = 25 C; pulsed; tp 10 s unclamped inductive load; ID = 11.5 A; tp = 0.1 ms; VDD 100 V; VGS = 10 V; starting Tj = 25 C Tsp = 25 C; VGS = 10 V; Figure 2 and 3 Tsp = 100 C; VGS = 10 V; Figure 2 Tsp = 25 C; pulsed; tp 10 s; Figure 3 Tsp = 25 C; Figure 1 Conditions 25 C Tj 150 C 25 C Tj 150 C; RGS = 20 k Min -55 -55 Max 100 100 20 11.6 7.4 48 8.9 +150 +150 12 48 65 Unit V V V A A A W C C A A mJ
Source-drain diode
Avalanche ruggedness EDS(AL)S non-repetitive drain-source avalanche energy
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
2 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
120 Pder (%) 80
03aa17
120 Ider (%) 80
03aa25
40
40
0 0 50 100 150 Tsp (C) 200
0 0 50 100 150 200 Tsp (C)
P tot P der = ---------------------- x 100% P
tot ( 25 C )
ID I der = ------------------- x 100% I
D ( 25 C )
Fig 1. Normalized total power dissipation as a function of solder point temperature.
Fig 2. Normalized continuous drain current as a function of solder point temperature.
102
003aaa509
ID (A) 10
Limit RDSon = VDS / ID
tp = 10 s 100 s
1 ms
1 DC
10 ms
100 ms 10-1
10-2 10-1
1
10
102
VDS (V)
103
Tsp = 25 C; IDM is single pulse
Fig 3. Safe operating area; continuous and peak drain currents as a function of drain-source voltage.
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
3 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
5. Thermal characteristics
Table 4: Rth(j-sp) Thermal characteristics Conditions Figure 4 Min Typ Max Unit 15 K/W thermal resistance from junction to solder point Symbol Parameter
5.1 Transient thermal impedance
102 Zth(j-sp) (K/W)
003aaa510
10
= 0.5
0.2 0.1 1 0.05
P
0.02
=
tp T
single pulse 10-1 10-5 10-4 10-3 10-2 10-1
tp T
1 tp (s)
t
10
Fig 4. Transient thermal impedance from junction to solder point as a function of pulse duration.
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
4 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
6. Characteristics
Table 5: Characteristics Tj = 25 C unless otherwise specified. Symbol Parameter Static characteristics V(BR)DSS drain-source breakdown voltage ID = 250 A; VGS = 0 V Tj = 25 C Tj = -55 C VGS(th) gate-source threshold voltage ID = 1 mA; VDS = VGS; Figure 9 Tj = 25 C Tj = 150 C Tj = -55 C IDSS drain-source leakage current VDS = 100 V; VGS = 0 V Tj = 25 C Tj = 150 C IGSS RDSon gate-source leakage current drain-source on-state resistance VGS = 20 V; VDS = 0 V VGS = 10 V; ID = 6 A; Figure 7 and 8 Tj = 25 C Tj = 150 C Dynamic characteristics Qg(tot) Qgs Qgd Ciss Coss Crss td(on) tr td(off) tf VSD trr Qr total gate charge gate-source charge gate-drain (Miller) charge input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain (diode forward) voltage IS = 12 A; VGS = 0 V; Figure 12 reverse recovery time recovered charge IS = 12 A; dIS/dt = -100 A/s; VGS = 0 V VDD = 50 V; ID = 6 A; VGS = 10 V; RG = 6 VGS = 0 V; VDS = 25 V; f = 1 MHz; Figure 11 ID = 12 A; VDD = 50 V; VGS = 10 V; Figure 13 35 7.8 9 1965 260 90 23 21 52 11 0.83 86 120 1.0 nC nC nC pF pF pF ns ns ns ns V ns nC 23.7 52.1 28 61.6 m m 10 1 100 100 A A nA 2 1.2 3 4 4.4 V V V 100 89 V V Conditions Min Typ Max Unit
Source-drain diode
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
5 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
12 ID (A) 8
003aaa511
10 V
5V
4.2 V
12 ID (A)
003aaa512
VGS = 4.1 V
4V
8
3.9 V 3.8 V
Tj = 150 C
25 C 4
4
3.7 V 3.6 V 3.4 V
0 0 0.2 0.4 0.6 0.8 1 VDS (V)
0 0 1 2 3 4 VGS (V) 5
Tj = 25 C
Tj = 25 C and 150 C; VDS > ID x RDSon
Fig 5. Output characteristics: drain current as a function of drain-source voltage; typical values.
Fig 6. Transfer characteristics: drain current as a function of gate-source voltage; typical values.
100 RDSon (m) 75 VGS = 4.0 V
003aaa513
3 a 2.5
03al21
4.1 V
2
4.2 V 50
1.5
5V 25 10 V
1
0.5
0 0 4 8 ID (A) 12
0 -60 0 60 120 Tj (C) 180
Tj = 25 C
R DSon a = ----------------------------R DSon ( 25C ) Fig 8. Normalized drain source on-state resistance factor as a function of junction temperature.
Fig 7. Drain-source on-state resistance as a function of drain current; typical values.
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
6 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
5 VGS(th) (V) 4 max
03aa32
10-1 ID (A) 10-2
03aa35
3
typ
10-3
min
typ
max
2
min
10-4
1
10-5
0 -60 0 60 120 Tj (C) 180
10-6 0 2 4 VGS (V) 6
ID = 1 mA; VDS = VGS
Tj = 25 C; VDS = 5 V
Fig 9. Gate-source threshold voltage as a function of junction temperature.
Fig 10. Sub-threshold drain current as a function of gate-source voltage.
104 C (pF)
003aaa514
Ciss
103
Coss
102
Crss
10 10-1
1
10 VDS (V)
102
VGS = 0 V; f = 1 MHz
Fig 11. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values.
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
7 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
12 IS (A)
003aaa515
10 VGS (V) 8 50 V
003aaa516
VDD = 20 V
8 6
80 V
Tj = 150 C
4
4
25 C
2
0 0.2 0.4 0.6 0.8 VSD (V) 1
0 0 10 20 30 QG (nC) 40
Tj = 25 oC and 150 oC; VGS = 0 V
ID = 12 A; VDD = 20 V, 50 V and 80 V
Fig 12. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values.
Fig 13. Gate-source voltage as a function of gate charge; typical values.
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
8 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
7. Package outline
SO8: plastic small outline package; 8 leads; body width 3.9 mm SOT96-1
D
E
A X
c y HE vMA
Z 8 5
Q A2 pin 1 index Lp 1 e bp 4 wM L detail X A1 (A 3) A
0
2.5 scale
5 mm
DIMENSIONS (inch dimensions are derived from the original mm dimensions) UNIT mm inches A max. 1.75 A1 0.25 0.10 A2 1.45 1.25 A3 0.25 0.01 bp 0.49 0.36 c 0.25 0.19 D (1) 5.0 4.8 0.20 0.19 E (2) 4.0 3.8 0.16 0.15 e 1.27 0.05 HE 6.2 5.8 L 1.05 Lp 1.0 0.4 Q 0.7 0.6 v 0.25 0.01 w 0.25 0.01 y 0.1 Z (1) 0.7 0.3
0.010 0.057 0.069 0.004 0.049
0.019 0.0100 0.014 0.0075
0.244 0.039 0.028 0.041 0.228 0.016 0.024
0.028 0.004 0.012
8 0o
o
Notes 1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 2. Plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. OUTLINE VERSION SOT96-1 REFERENCES IEC 076E03 JEDEC MS-012 JEITA EUROPEAN PROJECTION
ISSUE DATE 99-12-27 03-02-18
Fig 14. SOT96-1 (SO8).
9397 750 11949 (c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
9 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
8. Revision history
Table 6: Rev Date 01 20030915 Revision history CPCN Description Product data (9397 750 11949).
9397 750 11949
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
10 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
9. Data sheet status
Level I II Data sheet status[1] Objective data Preliminary data Product status[2][3] Development Qualification Definition This data sheet contains data from the objective specification for product development. Philips Semiconductors reserves the right to change the specification in any manner without notice. This data sheet contains data from the preliminary specification. Supplementary data will be published at a later date. Philips Semiconductors reserves the right to change the specification without notice, in order to improve the design and supply the best possible product. This data sheet contains data from the product specification. Philips Semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. Relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN).
III
Product data
Production
[1] [2] [3]
Please consult the most recently issued data sheet before initiating or completing a design. The product status of the device(s) described in this data sheet may have changed since this data sheet was published. The latest information is available on the Internet at URL http://www.semiconductors.philips.com. For data sheets describing multiple type numbers, the highest-level product status determines the data sheet status.
10. Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 60134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. When the product is in full production (status `Production'), relevant changes will be communicated via a Customer Product/Process Change Notification (CPCN). Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no licence or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified.
12. Trademarks
TrenchMOS -- is a trademark of Koninklijke Philips Electronics N.V.
11. Disclaimers
Life support -- These products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors
Contact information
For additional information, please visit http://www.semiconductors.philips.com. For sales office addresses, send e-mail to: sales.addresses@www.semiconductors.philips.com.
9397 750 11949
Fax: +31 40 27 24825
(c) Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Product data
Rev. 01 -- 15 September 2003
11 of 12
Philips Semiconductors
PHK12NQ10T
TrenchMOSTM standard level FET
Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 5.1 6 7 8 9 10 11 12 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 Quick reference data. . . . . . . . . . . . . . . . . . . . . 1 Pinning information . . . . . . . . . . . . . . . . . . . . . . 1 Ordering information . . . . . . . . . . . . . . . . . . . . . 2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2 Thermal characteristics. . . . . . . . . . . . . . . . . . . 4 Transient thermal impedance . . . . . . . . . . . . . . 4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
(c) Koninklijke Philips Electronics N.V. 2003. Printed in The Netherlands
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. Date of release: 15 September 2003 Document order number: 9397 750 11949


▲Up To Search▲   

 
Price & Availability of PHK12NQ10T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X