Part Number Hot Search : 
GAL20V8B FDZ293P SSR2N60A BTA06GP BTA06GP 1045C AOB1608L PD024OX4
Product Description
Full Text Search
 

To Download PHB36N06E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS transistor
PHB36N06E
GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic envelope suitable for surface mount applications. The device is intended for use in automotive and general purpose switching applications.
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance MAX. 60 41 125 175 38 UNIT V A W C m
PINNING - SOT404
PIN 1 2 3 mb gate drain source drain DESCRIPTION
PIN CONFIGURATION
mb
SYMBOL
d
g
2 1 3
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 60 60 30 41 29 164 125 175 175 UNIT V V V A A A W C C
THERMAL RESISTANCES
SYMBOL PARAMETER Rth j-mb Rth j-a Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS minimum footprint, FR4 board (see Fig. 18). TYP. 50 MAX. 1.2 UNIT K/W K/W
August 1996
1
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
PHB36N06E
STATIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 1 mA VDS = 60 V; VGS = 0 V; Tj = 25 C VDS = 60 V; VGS = 0 V; Tj = 125 C VGS = 30 V; VDS = 0 V VGS = 10 V; ID = 20 A MIN. 60 2.1 TYP. 3.0 1 0.1 10 30 MAX. 4.0 10 1.0 100 38 UNIT V V A mA nA m
DYNAMIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 20 A VGS = 0 V; VDS = 25 V; f = 1 MHz VDD = 30 V; ID = 3 A; VGS = 10 V; RGS = 50 ; Rgen = 50 Measured from upper edge of drain tab to centre of die Measured from source lead soldering point to source bond pad MIN. 7 TYP. 14 900 420 160 15 55 75 60 2.5 7.5 MAX. 1600 600 275 30 90 125 100 UNIT S pF pF pF ns ns ns ns nH nH
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 41 A ; VGS = 0 V IF = 41 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V MIN. TYP. 0.95 60 0.30 MAX. 41 164 2.0 UNIT A A V ns C
AVALANCHE LIMITING VALUE
Tmb = 25 C unless otherwise specified SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 41 A ; VDD 25 V ; VGS = 10 V ; RGS = 50 MIN. TYP. MAX. 100 UNIT mJ
August 1996
2
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
PHB36N06E
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
10
Zth(j-mb) K/W
BUK464-60H
D= 1 0.5 0.2 0.1 0.05 0.02 0.01 0
P D tp D= tp T t
0.1
0
20
40
60
80 100 Tmb / C
120
140
0.001 1E-07
T
1E-05
1E-03 tp / sec
1E-01
1E+01
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
ID / A 20 15 10 BUK474-60H VGS / V = 9
120 110 100 90 80 70 60 50 40 30 20 10 0
80 70 60
8 50 40 30 20 10 6 5 0 2 4 VDS / V 6 8 10 7
0
20
40
60
80 Tmb / C
100
120
140
0
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 10 V
ID / A
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / Ohm 5 6 7 8 BUK474-60H VGS / V = 9
1000
BUK464-60H
0.2
100
RD
S
(O
N)
=
VD
S
/ID
tp = 10 us 100 us 1 ms DC 10 ms 100 ms
0.15
0.1
10
0.05 10 20 0
1 1 10 VDS / V 100 1000
0
10
20
30
40 ID / A
50
60
70
80
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
August 1996
3
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
PHB36N06E
80 70 60 50 40 30 20 10 0
ID / A
Tj / C = -40 25 150
BUK474-60H
4
VGS(TO) / V max.
3
typ.
min. 2
1
0
0
2
4
6 VGS / V
8
10
12
-60
-40
-20
0
20
40 60 Tj / C
80
100
120
140
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 15 V; parameter Tj
gfs / S 20
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
ID / A SUB-THRESHOLD CONDUCTION
BUK474-60H
1E-01
1E-02
15
1E-03 2% typ 98 %
10
1E-04
5
Tj / C = -40 25 150
1E-05
0
1E-06
0
10
20
30
40 ID / A
50
60
70
80
0
1
2 VGS / V
3
4
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 15 V
a
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
C / pF BUK474-60H
Normalised RDS(ON) = f(Tj)
10000
1.5
1.0
1000
Ciss
0.5
Coss
Crss
0
-60 -40 -20
0
20
40 60 Tj / C
80
100 120 140
100 0.01
0.1
1 VDS / V
10
100
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 20 A; VGS = 10 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
August 1996
4
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
PHB36N06E
12 10 8 6 4 2 0
VGS / V VDS / V = 12
BUK474-60H
120 110 100 90 80 70 60 50 40 30 20 10 0
WDSS%
48
0
10
20 QG / nC
30
40
20
40
60
80 100 Tmb / C
120
140
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 41 A; parameter VDS
IF / A 80 70 60 50 40 30 20 10 0 0 0.5 1 VSDS / V 1.5 2
Tj / C = -40 25 150
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 41 A
BUK474-60H
+
L VDS VGS 0 RGS T.U.T. R 01 shunt
VDD
-ID/100
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
August 1996
5
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
PHB36N06E
MECHANICAL DATA
Dimensions in mm Net Mass: 1.4 g
10.3 max 4.5 max 1.4 max
11 max 15.4
2.5 0.85 max (x2) 2.54 (x2)
0.5
Fig.17. SOT404 : centre pin connected to mounting base.
MOUNTING INSTRUCTIONS
Dimensions in mm
11.5
9.0
17.5 2.0
3.8
5.08
Fig.18. SOT404 : soldering pattern for surface mounting.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Epoxy meets UL94 V0 at 1/8".
August 1996
6
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
PHB36N06E
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
August 1996
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of PHB36N06E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X