Part Number Hot Search : 
B5114 345EL 13000 PC2508 PC2508 C3403G S15JYD2 LM321
Product Description
Full Text Search
 

To Download PGH1008AM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 THYRISTOR MODULE
100A / 800V FEATURES
* Isolated Base * 3 Phase Converter with Rush-Current Controllable Thyristor * High Surge Capability * UL Recognized, File No. E187184
PGH1008AM
OUTLINE DRAWING
Nut
TYPICAL APPLICATIONS
* Converter For UPS , VVVF and Servo Motor Drive Amplifier
Approx Net Weight:200g
Pert of Diode Bridge and Thyristor
Maximum Ratings
Parameter
Average Rectified Output Current Operating JunctionTemperature Range Storage Temperature Range Isoration Voltage Case mounting Mounting torque Terminals IO(AV) Tjw Tstg Viso Ftor
Conditions
3 Phase Full Tc=98C(Non-Bias) Wave Rectified Tc=73C(Biased)
Max Rated Value
Unit
A
100
Tj>125C, Can not be Biased for Thyristor. -40 to +150
C -40 to +125 C Base Plate to Terminals, AC1min. 2000 V Greased M5 Screw 2.4 to 2.8 N*m M5 Screw 2.4 to 2.8
Thermal Characteristics
Characteristics Thermal Resistance
Symbol Test Conditions Rth(c-f) Case to Fin,Total,Greased Maximum Value. 0.06 Unit C/W
Part of Diode Bridge (6 dies)
Maximum Ratings
Parameter
Repetitive Peak Reverse Voltage *1 Non Repetitive Peak Reverse Voltage *1
Symbol VRRM VRSM Symbol IFSM I2t f
Grade
PGH1008AM
Unit
V
Max Rated Value
800 900
Parameter
Surge Forward Current *1 I Squared t *1 Allowable Operating Frequancy *1 Value Per 1 Arm
Conditions
50 Hz Half Sine Wave,1Pulse, Non-Repetitive 2msec to 10msec
Unit
A A2s Hz
1200 7200 400
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current *1 Peak Forward Voltage *1 Thermal Resistance
Symbol Test Conditions IRM VRM= VRRM, Tj= 125C VFM IFM= 100A, Tj=25C Rth(j-c) Junction to Case (Total) Maximum Value. 15 1.16 0.24 *1 Value Per 1 Arm Unit mA V C/W
Part of Thyristor (1 die)
Maximum Ratings
Parameter
Repetitive Peak Off-State Voltage Non Repetitive Peak Off-State Voltage Repetitive Peak Reverse Voltage Non Repetitive Peak Reverse Voltage
Symbol VDRM VDSM VRRM VRSM
Grade
PGH1008AM
Unit
V V
Max Rated Value
800 900 800 900
Parameter
Surge On-State Current I Squared t Critical Rate of Turned-On Current Peak Gate Power Average Gate Power Peak Gate Current Peak Gate Voltage Peak Gate Reverse Voltage ITSM I2t di/dt PGM PG(AV) IGM VGM VRGM
Conditions
50 Hz Half Sine Wave,1Pulse Non-Repetitive 2msec to 10msec VD=2/3VDRM, ITM=2 IO, Tj=125C IG=200mA, diG/dt=0.2A/s
*
Unit
A A2s A/s W W A V V
2000 20000 100 5 1 2 10 5
Electrical * Thermal Characteristics
Characteristics
Peak Off-State Current Peak Reverse Current Peak On-State Voltage Gate Current to Trigger Symbol IDM IRM VTM IGT Test Conditions VDM= VDRM, Tj= 125C VRM= VRRM, Tj= 125C ITM= 100A, Tj=25C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C Tj=-40C VD=6V,IT=1A Tj=25C Tj=125C VD=2/3VDRM Tj=125C VD=2/3VDRM Tj=125C ITM=IO,VD=2/3VDRM dv/dt=20V/s, VR=100V -di/dt=20A/s, Tj=125C VD=2/3VDRM Tj=125C IG=200mA, diG/dt=0.2A/s Tj=25C Tj=25C Junction to Case Maximum Value. Unit Min. Typ. Max. 20 mA 20 mA 1.13 V 200 100 mA 50 4 V 2.5 2 0.25 V 500 V/s 150 6 2 4 100 80 0.5 s s s s mA C/W
Gate Voltage to Trigger Gate Non-Trigger Voltage Critical Rate of Rise of Off-State Voltage Turn-Off Time Turn-On Time Delay Time Rise Time Latching Current Holding Current Thermal Resistance
VGT VGD dv/dt tq tgt td tr IL IH Rth(j-c)
PGH1008AM OUTLINE DRAWING (Dimensions in mm)
Nut


▲Up To Search▲   

 
Price & Availability of PGH1008AM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X