Part Number Hot Search : 
IS2063 CTP4406 IDT70P24 HB834 HB834 DTC123 73120 MCB9112
Product Description
Full Text Search
 

To Download PG160160-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PG 160160-B
OUTLINE DIMENSION & BLOCK DIAGRAM
PCB IC SIDE NO COMPONENTS AREA 89.2 0.5 84.2 30.63 P2.54 x 14=35.56 1.81 1
14 15
8.575 5.93
2.5 PAD4- 3.6 HOLE4- 2.5
H1
45.9
A 71.55 62.79 59.17
160 x 160 Dots
K
1.81 6.14 7.065
44.6
59.17 62.79 72.44
32.6
13.0 80.0 85.0 0.5
4.6 1.0
DISPOFF, DB0~DB3, CL1,CL2,M FLM Vdd Vo Vss Vee A K COM. DRIVER
COM 160
SEG. DRIVER
COM 160
2.5
H2
1.6
LCD PANEL
0.37 0.34
BACKLIGHT
The tolerance unless classified
Overall Size View Area Dot Size Dot Pitch 89.2 x 85.0 62.79 x 62.79 0.34 x 0.34 0.37 x 0.37
0.3mm
Module W /O B/L EL B/L LED B/L H2 / H1 / / 9.4 / 13.5
MECHANICAL SPECIFICATION
PIN ASSIGNMENT
Pin no. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 Symbol Vss M FLM CL1 CL2 DB3 DB2 DB1 DB0 Vee Vdd Vo DISPOFF A K Function Power supply (GND) Alternation control signal Shift direction select Display data input clock Display data input clock Data bus line Data bus line Data bus line Data bus line Negative voltage Input Power supply (+) Contrast Adjust Data bus line Power supply for LED B/L ( ) Power supply for LED B/L (+)
ABSOLUTE MAXIMUM RATING
Symbol Condition Vdd-Vss 25oC 25oC LCD driving supply voltage Vdd-Vee Input voltage 25oC Vin Item
Supply for logic voltage
0.37 0.34
Min. -0.3 0 -0.3
Max. Units V 7.0 30.0 V Vdd+0.3 V Max. Units V 5.5 NW V V V V V V mA mA mA
ELECTRICAL CHARACTERISTICS
Item Power supply voltage Symbol Condition
Vdd-Vss 25oC
Min. Typical
4.5
Top
-20oC 0oC 25oC 50oC 70oC
LCM current consumption (No B/L)
N WNW
LCD operation voltage
Vop
18.3
Idd
Vdd=5V
3 500
5
Backlight current consumption
LED/edge VB/L=4.2V LED/array VB/L=4.2V
LCD option: STN, TN, FSTN Backlight Option: LED,EL Backlight feature, other Specs not available on catalog is under request.


▲Up To Search▲   

 
Price & Availability of PG160160-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X