Part Number Hot Search : 
LBN7015 TVR40751 T123A 28122 BSX52A SSR1009Z BST86 CFSKNG
Product Description
Full Text Search
 

To Download PF2506 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
PF2500 - PF2506
Pb
25A 1/2" PRESS-FIT DIODE
Features
! Diffused Junction ! Low Leakage A ! Low Cost Anode + ! High Surge Current Capability ! Typical IR less than 5.0A
Mechanical Data
! ! ! Case: DO-21, Copper Case and Components Hermetically Sealed Terminals: Contact Areas Readily Solderable Polarity: Cathode to Case (Reverse Units Are Available Upon Request and Are Designated By A "R" Suffix, i.e. PF2502R or PF2504R) Polarity: Red Color Equals Standard, Black Color Equals Reverse Polarity Mounting Position: Any Lead Free: For RoHS / Lead Free Version, Add "-LF" Suffix to Part Number, See Page 2 C
DO-21 Dim Min Max 15.77 15.97 A 12.73 12.82 B 1.25 1.31 C 9.55 9.85 D 5.70 5.90 E 28.00 -- F All Dimensions in mm
F
! ! !
D E B
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 150C Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 25A @TA = 25C @TA = 100C Symbol VRRM VRWM VR VR(RMS) IO
@TA=25C unless otherwise specified
PF2500 PF2501 PF2502 PF2503 PF2504 PF2505 PF2506
Unit
50 35
100 70
200 140
300 210 25
400 280
500 350
600 420
V V A
IFSM VFM IRM Cj RJC TJ, TSTG
300 1.0 5.0 500 300 1.2 -65 to +175
A V A pF C/W C
Typical Junction Capacitance (Note 1) Typical Thermal Resistance (Note 2) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C. 2. Thermal Resistance: Junction to case, single side cooled.
PF2500 - PF2506
1 of 2
(c) 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
PF2500 PF2501 PF2502 PF2503 PF2504 PF2505 PF2506
1. 2.
Package Type
DO-21 Press-Fit DO-21 Press-Fit DO-21 Press-Fit DO-21 Press-Fit DO-21 Press-Fit DO-21 Press-Fit DO-21 Press-Fit
Shipping Quantity
100 Units/Box 100 Units/Box 100 Units/Box 100 Units/Box 100 Units/Box 100 Units/Box 100 Units/Box
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department. To order Lead Free version (with Lead Free finish), add "-LF" suffix to part number above. For example, PF2500-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
PF2500 - PF2506
2 of 2
(c) 2006 Won-Top Electronics


▲Up To Search▲   

 
Price & Availability of PF2506

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X